Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC0402FC15C Datasheet(PDF) 6 Page - Protek Devices

Part # LC0402FC15C
Description  200W LOW CAPACITANCE flip chip tvs array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

LC0402FC15C Datasheet(HTML) 6 Page - Protek Devices

  LC0402FC15C Datasheet HTML 1Page - Protek Devices LC0402FC15C Datasheet HTML 2Page - Protek Devices LC0402FC15C Datasheet HTML 3Page - Protek Devices LC0402FC15C Datasheet HTML 4Page - Protek Devices LC0402FC15C Datasheet HTML 5Page - Protek Devices LC0402FC15C Datasheet HTML 6Page - Protek Devices LC0402FC15C Datasheet HTML 7Page - Protek Devices LC0402FC15C Datasheet HTML 8Page - Protek Devices LC0402FC15C Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05139.R8 2/11
Page 6
LC0402FC3.3C - LC0402FC36C
sOLDER REFLOW INFORMATION
PRINTED CIRCuIT BOARD RECOMMENDATIONs
PARAMETER
vALuE
Pad Size on PCB
0.275mm
Pad Shape
Round
Pad Definition
Non-Solder Mask Defined Pads
Solder Mask Opening
0.325mm Round
Solder Stencil Thickness
0.150mm
Solder Stencil Aperture Opening (Laser cut, 5% tapered walls)
0.330mm Round
Solder Paste Type
No Clean
Pad Protective Finish
OSP (Entek Cu Plus 106A)
Tolerance - Edge To Corner Ball
±50µm
Solder Ball Side Coplanarity
±20µm
Maximum Dwell Time Above Liquidous (183°C)
60 seconds
Soldering Maximum Temperature
270°C
T
P
30-60 seconds
Ramp-up
15 seconds
(Minimize)
solder-Time
15-20 seconds
Ramp-Down
Ramp-Down
solder Melt
(Maximum Temp)
Maximum solder Reflow
(35-53°C Above Maximum solder Melt Temp)
Ramp-up
Preheat
(stay Below Flux Activation Temp)
RECOMMENDED NON-sOLDER MAsK
DEFINED PAD ILLusTRATION
Non-solder Mask Defined Pad
0.275mm DIA.
solder Mask Opening
0.325mm DIA.
solder stencil Opening
0.330mm DIA.
REquIREMENTs
Temperature:
T
P for Lead-Free (Sn/Ag/Cu): 260-270°C
T
P for Tin-Lead: 240-245°C
Preheat time and temperature depends on solder paste and flux activa-
tion temperature, component size, weight, surface area and plating.


Similar Part No. - LC0402FC15C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
LC0402FC15C PROTEC-LC0402FC15C Datasheet
625Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
More results

Similar Description - LC0402FC15C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
LC0404FC3.3C PROTEC-LC0404FC3.3C_11 Datasheet
537Kb / 8P
   200W LOW CAPACITANCE flip chip tvs array
LC0408FC3.3C PROTEC-LC0408FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
LC0402FC3.3C PROTEC-LC0402FC3.3C_12 Datasheet
625Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0404FC3.3C PROTEC-LC0404FC3.3C_12 Datasheet
538Kb / 8P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0406FC3.3C PROTEC-LC0406FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
LC0406FC3.3C PROTEC-LC0406FC3.3C_12 Datasheet
624Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
ULC0402FC36C PROTEC-ULC0402FC36C_12 Datasheet
530Kb / 8P
   200W LOW CAPACITANCE UNBUMPED FLIP CHIP TVS ARRAY
ULC0402FC3.3C PROTEC-ULC0402FC3.3C_11 Datasheet
528Kb / 8P
   200W LOW CAPACITANCE unbumpe d flip chip tvs array
ESD4-LFC PROTEC-ESD4-LFC_12 Datasheet
466Kb / 6P
   LOW CAPACITANCE FLIP CHIP TVS ARRAY
ESD4-LFC PROTEC-ESD4-LFC_11 Datasheet
464Kb / 6P
   LOW CAPACITANCE flip chip tvs array
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com