Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TTC05151L Datasheet(PDF) 3 Page - Thinking Electronic Industrial Co.,Ltd

Part # TTC05151L
Description  圭5 mm Disc Type for Temperature Sensing/Compensation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TTC05151L Datasheet(HTML) 3 Page - Thinking Electronic Industrial Co.,Ltd

  TTC05151L Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TTC05151L Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TTC05151L Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TTC05151L Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TTC05151L Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd TTC05151L Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd TTC05151L Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd TTC05151L Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NTC Thermistor:
:TTC05 Series
Ф5 mm Disc Type for Temperature Sensing/Compensation
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
3
www.thinking.com.tw
2011.02
All specifications are subject to change without notice.
TTC05104
TTC05503
TTC05203
TTC05153
TTC05103
TTC05682
TTC05502
TTC05402
TTC05302
TTC05202
TTC05152
TTC05102
0.01
0.1
1
10
100
1000
10000
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100 110 120 130
Max. Power Dissipation Derating Curve
R-T Characteristic Curves (representative)
TTC05005~TTC05681
Temperature (
)
TTC05681
TTC05501
TTC05301
TTC05201
TTC05151
TTC05101
TTC05085
TTC05050
TTC05045
TTC05015
TTC05010
TTC05005
0.1
1
10
100
1000
10000
100000
-30
-20
-10
0
10
20
30
40
50
60
70
80
90
100 110 120 130
Temperature (
)
TTC05102~TTC05104
100
0
25
TU
0
TL
Ambient temperature (
)
TU:Maximum operating temperature (℃)
TL:Minimum operating temperature (℃)
For example:
Ambient temperature (Ta)=55℃
Maximum operating temperature (TU)=125℃
PTa=(TU-Ta)/(TU-25)×Pmax=70% Pmax


Similar Part No. - TTC05151L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TTC05101JI ETC2-TTC05101JI Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
TTC05101JS ETC2-TTC05101JS Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
TTC05101KI ETC2-TTC05101KI Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
TTC05101KS ETC2-TTC05101KS Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
TTC05101LI ETC2-TTC05101LI Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
More results

Similar Description - TTC05151L

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TTC3A901139D1 THINKING-TTC3A901139D1 Datasheet
150Kb / 7P
   3mm Disc Type for Temperature Sensing/Compensation
TTS1B50213271 THINKING-TTS1B50213271 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TGMAA503F3993DA6 THINKING-TGMAA503F3993DA6 Datasheet
94Kb / 4P
   Glass Encapsulated Type for Temperature Sensing/Compensation
TTF3A50211 THINKING-TTF3A50211 Datasheet
103Kb / 5P
   Insulation Film Type for Temperature Sensing/Compensation
DHT0A50213552 THINKING-DHT0A50213552 Datasheet
210Kb / 6P
   Glass Axial Type for Temperature Sensing/Compensation
logo
List of Unclassifed Man...
TTC05 ETC2-TTC05 Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
logo
Thinking Electronic Ind...
TCF3A20213181 THINKING-TCF3A20213181 Datasheet
109Kb / 5P
   Lead Frame for Temperature Sensing/Compensation
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
   NTC thermistors for temperature sensing and compensation
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
logo
List of Unclassifed Man...
SLC0100 ETC1-SLC0100 Datasheet
165Kb / 3P
   CLASS I TEMPERATURE COMPENSATION TYPE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com