Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TTC05251J Datasheet(PDF) 7 Page - Thinking Electronic Industrial Co.,Ltd

Part # TTC05251J
Description  圭5 mm Disc Type for Temperature Sensing/Compensation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TTC05251J Datasheet(HTML) 7 Page - Thinking Electronic Industrial Co.,Ltd

  TTC05251J Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TTC05251J Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TTC05251J Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TTC05251J Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TTC05251J Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd TTC05251J Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd TTC05251J Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd TTC05251J Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NTC Thermistor:
:TTC05 Series
Ф5 mm Disc Type for Temperature Sensing/Compensation
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
7
www.thinking.com.tw
2011.02
All specifications are subject to change without notice.
Packaging
Taping Specification
For I Type Only (Inner kink lead)
Quantity
Bulk Packing: 250 pcs/bag for standard lead type , 500 pcs/bag for cut lead type
Reel Packing: 2500 pcs/reel
Ammo Packing: 2000 pcs/box
P0
P1
P2
P3
H0
W0
W1
W2
W
A
D0
t
Taping
Code
Body
Size
±0.5
±0.7
±1.3
±0.5
±0.5
±1
±0.5
Max.
±0.5
Max.
±0.2
±0.2
A
(P0=12.7)
ψ05
12.7
3.6
6.35
12.7
16
12
9
3
18
1
4
0.6
E
(P0=15.0)
ψ05
15
4.75
7.5
15
16
12
9
3
18
1
4
0.6
(Unit: mm)
W
L
H
348mm
275mm
60mm
Do
t
W
W2
W1
Wo
Ho
P1
P2
Po
P3
A


Similar Part No. - TTC05251J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TTC05 ETC2-TTC05 Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
TTC05005JI ETC2-TTC05005JI Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
TTC05005JS ETC2-TTC05005JS Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
TTC05005KI ETC2-TTC05005KI Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
TTC05005KS ETC2-TTC05005KS Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
More results

Similar Description - TTC05251J

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TTC3A901139D1 THINKING-TTC3A901139D1 Datasheet
150Kb / 7P
   3mm Disc Type for Temperature Sensing/Compensation
TTS1B50213271 THINKING-TTS1B50213271 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TGMAA503F3993DA6 THINKING-TGMAA503F3993DA6 Datasheet
94Kb / 4P
   Glass Encapsulated Type for Temperature Sensing/Compensation
TTF3A50211 THINKING-TTF3A50211 Datasheet
103Kb / 5P
   Insulation Film Type for Temperature Sensing/Compensation
DHT0A50213552 THINKING-DHT0A50213552 Datasheet
210Kb / 6P
   Glass Axial Type for Temperature Sensing/Compensation
logo
List of Unclassifed Man...
TTC05 ETC2-TTC05 Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
logo
Thinking Electronic Ind...
TCF3A20213181 THINKING-TCF3A20213181 Datasheet
109Kb / 5P
   Lead Frame for Temperature Sensing/Compensation
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
   NTC thermistors for temperature sensing and compensation
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
logo
List of Unclassifed Man...
SLC0100 ETC1-SLC0100 Datasheet
165Kb / 3P
   CLASS I TEMPERATURE COMPENSATION TYPE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com