Electronic Components Datasheet Search |
|
DHT0B50323953 Datasheet(PDF) 1 Page - Thinking Electronic Industrial Co.,Ltd |
|
DHT0B50323953 Datasheet(HTML) 1 Page - Thinking Electronic Industrial Co.,Ltd |
1 / 6 page NTC Thermistor: : : :DHT Type Glass Axial Type for Temperature Sensing/Compensation THINKING ELECTRONIC INDUSTRIAL Co., LTD. 1 www.thinking.com.tw 2010.06 All specifications are subject to change without notice Features 1. RoHS compliant 2. Body size ψ2mm X 4mm 3. Axial lead glass-sealed 4. -40 ~ +200℃ operating temperature range 5. Agency recognition: UL /cUL Recommended Applications 1. Home appliances (air conditioner, refrigerator, electric fan, electric cooker, washing machine, microwave oven, drinking machine, CTV, radio.) 2. Automotive electronics 3. Heaters Part Number Code 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Structure and Dimensions 0.7- 0.9 2max 28±1 4max Unit:mm 28±1 Chip Glass CP Wire (Sn-Plated) Product Type DHT Thinking NTC thermistor DHT type Size 0 ψ2 ×L4max Definition of B Value A B25/85 B B25/50 Zero Power Resistance at 25℃ (R25) 102 1KΩ 103 10KΩ 473 47KΩ Tolerance of R25 F ±1% G ±2% H ±3% J ±5% K ±10% B Value First Two Digits 31 32 : ︰ 40 41 ︰ 30 31 32 : ︰ 40 41 ︰ B Value Last Two Digits 0 A 1 B 2 ︰ H 8 J 9 K 00 05 10 15 20 ︰ 75 80 85 90 95 Tolerance of B Value 2 ±2% 3 ±3% Optional Suffix Y RoHS compliant Appearance S Sn-plated CP wire |
Similar Part No. - DHT0B50323953 |
|
Similar Description - DHT0B50323953 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |