Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVM2G260M221 Datasheet(PDF) 6 Page - Thinking Electronic Industrial Co.,Ltd

Part # TVM2G260M221
Description  SMD Type For ESD Suppressor (Low Clamping Series)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TVM2G260M221 Datasheet(HTML) 6 Page - Thinking Electronic Industrial Co.,Ltd

  TVM2G260M221 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TVM2G260M221 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TVM2G260M221 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TVM2G260M221 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TVM2G260M221 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd TVM2G260M221 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Metal Oxide Varistor:
:TVM-G Series
SMD Type For ESD Suppressor (Low Clamping Series)
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
6
www.thinking.com.tw
2011.06
Packaging
Taping Specification
Quantity
A0
±0.05
B0
±0.12
W
±0.2
E
±0.1
F
±0.05
P1
±0.1
P2
±0.05
P0
±0.1
D0
±0.1
K0
±0.1
0402
0.62
1.12
8
1.75
3.5
2
2
4
1.55
0.60
A0
±0.2
B0
±0.2
W
±0.2
E
±0.1
F
±0.05
P1
±0.1
P2
±0.05
P0
±0.1
D0
±0.1
K0
±0.1
0603
1.1
1.9
8
1.75
3.5
4
2
4
1.55
0.95
0805
1.5
2.3
8
1.75
3.5
4
2
4
1.55
0.95
Type
Quantity (pcs/reel)
0402
10000
0603
4000
0805
3500
(Unit: mm)
Index
Index
Type
(Unit: mm)
Type


Similar Part No. - TVM2G260M221

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TVM208A100.5S3S LITTELFUSE-TVM208A100.5S3S Datasheet
336Kb / 2P
   Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
TVM230A101S1S LITTELFUSE-TVM230A101S1S Datasheet
336Kb / 2P
   Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
logo
Transko Electronics, In...
TVM26 TRANSKO-TVM26 Datasheet
760Kb / 1P
   CMOS MINIATURE SMD VCXO (2.5 x 2.0 x 1.1mm)
Rev. 0: Aug, 2020
logo
List of Unclassifed Man...
TVM2A080M ETC1-TVM2A080M Datasheet
2Mb / 43P
   ZINC OXIDE VARISTOR 50 SERIES
TVM2A110M ETC1-TVM2A110M Datasheet
2Mb / 43P
   ZINC OXIDE VARISTOR 50 SERIES
More results

Similar Description - TVM2G260M221

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2_09 Datasheet
165Kb / 6P
   Transient Voltage Suppressor ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 5
logo
Gennum Corporation
1851ZA GENNUM-1851ZA Datasheet
612Kb / 7P
   Low ESD clamping voltage
8052P GENNUM-8052P Datasheet
958Kb / 9P
   Low ESD Clamping Voltage
3381P GENNUM-3381P Datasheet
522Kb / 5P
   Low ESD clamping voltage
3321P GENNUM-3321P Datasheet
778Kb / 8P
   Low ESD clamping voltage
3346P GENNUM-3346P Datasheet
283Kb / 9P
   Low ESD clamping voltage
logo
Formosa MS
ESD5Z3.3C FORMOSA-ESD5Z3.3C Datasheet
202Kb / 7P
   SMD Transient Voltage Suppressor For ESD Protection
N032AT23 FORMOSA-N032AT23 Datasheet
196Kb / 7P
   SMD Transient Voltage Suppressor For ESD Protection
logo
ON Semiconductor
SD12CT1 ONSEMI-SD12CT1 Datasheet
36Kb / 4P
   Transient Voltage Suppressor(Bi-directional ESD Protection with Ultra Low Clamping Voltage)
February, 2005 ??Rev. 0
logo
Leshan Radio Company
LESD9B5.0ST5G LRC-LESD9B5.0ST5G Datasheet
454Kb / 4P
   Transient Voltage Suppressors for ESD Protection Low Clamping Voltage
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com