Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TVM2G260M221 Datasheet(PDF) 1 Page - Thinking Electronic Industrial Co.,Ltd

Part # TVM2G260M221
Description  SMD Type For ESD Suppressor (Low Clamping Series)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TVM2G260M221 Datasheet(HTML) 1 Page - Thinking Electronic Industrial Co.,Ltd

  TVM2G260M221 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TVM2G260M221 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TVM2G260M221 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TVM2G260M221 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TVM2G260M221 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd TVM2G260M221 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Metal Oxide Varistor:
:TVM-G Series
SMD Type For ESD Suppressor (Low Clamping Series)
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
1
www.thinking.com.tw
2011.06
Features
1. RoHS compliant
2. Low clamping voltage
3. EIA size 0402, 0603, 0805
4. Operating voltage: 5.5 ~ 30 Vdc
5. Bidirectional and symmetrical V/I characteristics
6. Multilayer ceramic construction technology
7. Rate for ESD protection
8. Variable capacitance
9. -40 ~ +125℃ operating temperature range
Recommended Applications
1. Cellular phones
2. I/O port for mother board
3. LCD module
4. Data line (USB, RS232)
5. PDA
6. Bluetooth headset
Part Number Code
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Structure and Dimensions
(Unit:mm)
Part No.
Size (EIA)
L1
W
H max.
L2 and L3
TVM0
0402
1.00± 0.15
0.50± 0.10
0.60
0.20±0.10
TVM1
0603
1.60±0.15
0.80±0.15
0.95
0.35±0.15
TVM2
0805
2.00±0.20
1.25±0.20
1.20
0.40±0.20
Size(EIA)
0
0402
1
0603
2
0805
Product Type
TVM
Thinking Varistor
TVM type
Series
G
G
series
Max. Operating
Voltage(VDC)
5R5
5.5V
090
9x10
0=9V
330
33x10
0=33V
Typical Capacitance
K500
50x10
0pF=50pF
(@1KHZ)
M101
10x10
1pF=100pF
(@1MHZ)
Packaging
R
Reel
B
Bulk
Optional
Suffix
001 ~ZZZ


Similar Part No. - TVM2G260M221

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TVM208A100.5S3S LITTELFUSE-TVM208A100.5S3S Datasheet
336Kb / 2P
   Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
TVM230A101S1S LITTELFUSE-TVM230A101S1S Datasheet
336Kb / 2P
   Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
logo
Transko Electronics, In...
TVM26 TRANSKO-TVM26 Datasheet
760Kb / 1P
   CMOS MINIATURE SMD VCXO (2.5 x 2.0 x 1.1mm)
Rev. 0: Aug, 2020
logo
List of Unclassifed Man...
TVM2A080M ETC1-TVM2A080M Datasheet
2Mb / 43P
   ZINC OXIDE VARISTOR 50 SERIES
TVM2A110M ETC1-TVM2A110M Datasheet
2Mb / 43P
   ZINC OXIDE VARISTOR 50 SERIES
More results

Similar Description - TVM2G260M221

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSQA6V8AW5T2 ONSEMI-NSQA6V8AW5T2_09 Datasheet
165Kb / 6P
   Transient Voltage Suppressor ESD Protection Diode with Low Clamping Voltage
September, 2009 ??Rev. 5
logo
Gennum Corporation
1851ZA GENNUM-1851ZA Datasheet
612Kb / 7P
   Low ESD clamping voltage
8052P GENNUM-8052P Datasheet
958Kb / 9P
   Low ESD Clamping Voltage
3381P GENNUM-3381P Datasheet
522Kb / 5P
   Low ESD clamping voltage
3321P GENNUM-3321P Datasheet
778Kb / 8P
   Low ESD clamping voltage
3346P GENNUM-3346P Datasheet
283Kb / 9P
   Low ESD clamping voltage
logo
Formosa MS
ESD5Z3.3C FORMOSA-ESD5Z3.3C Datasheet
202Kb / 7P
   SMD Transient Voltage Suppressor For ESD Protection
N032AT23 FORMOSA-N032AT23 Datasheet
196Kb / 7P
   SMD Transient Voltage Suppressor For ESD Protection
logo
ON Semiconductor
SD12CT1 ONSEMI-SD12CT1 Datasheet
36Kb / 4P
   Transient Voltage Suppressor(Bi-directional ESD Protection with Ultra Low Clamping Voltage)
February, 2005 ??Rev. 0
logo
Leshan Radio Company
LESD9B5.0ST5G LRC-LESD9B5.0ST5G Datasheet
454Kb / 4P
   Transient Voltage Suppressors for ESD Protection Low Clamping Voltage
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com