Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P0404FC12C Datasheet(PDF) 2 Page - Protek Devices

Part # P0404FC12C
Description  250w flip chip tvs array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

P0404FC12C Datasheet(HTML) 2 Page - Protek Devices

  P0404FC12C Datasheet HTML 1Page - Protek Devices P0404FC12C Datasheet HTML 2Page - Protek Devices P0404FC12C Datasheet HTML 3Page - Protek Devices P0404FC12C Datasheet HTML 4Page - Protek Devices P0404FC12C Datasheet HTML 5Page - Protek Devices P0404FC12C Datasheet HTML 6Page - Protek Devices P0404FC12C Datasheet HTML 7Page - Protek Devices P0404FC12C Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05154.R8 2/11
Page 2
P0404FC3.3C - P0404FC36C
tyPiCal DeviCe ChaRaCteRistiCs
MaXiMuM RatinGs @ 25°C unless otherwise specified
PaRaMeteR
syMBol
value
units
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
250
Watts
Operating Temperature
T
A
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
eleCtRiCal ChaRaCteRistiCs PeR line @ 25°C unless otherwise specified
PaRt
nuMBeR
(note 1)
RateD
stanD-oFF
voltaGe
v
wM
volts
MiniMuM
BReaKDown
voltaGe
@ 1ma
v
(BR)
volts
MaXiMuM
ClaMPinG
voltaGe
(Fig. 2)
@ i
P = 1a
v
C
volts
MaXiMuM
ClaMPinG
voltaGe
(Fig. 2)
@ 8/20µs
v
C @ iPP
MaXiMuM
leaKaGe
CuRRent
(note 2)
@v
wM
i
D
µa
tyPiCal
CaPaCitanCe
@0v, 1Mhz
C
pF
P0404FC3.3C
3.3
4.0
7.0
12.5V @ 20A
75*
150
P0404FC05C
5.0
6.0
11.0
14.7V @ 17A
10**
100
P0404FC08C
8.0
8.5
13.2
19.2V @ 13A
10***
75
P0404FC12C
12.0
13.3
19.8
29.7V @ 9A
1
50
P0404FC15C
15.0
16.7
25.4
35.7V @ 7A
1
40
P0404FC24C
24.0
26.7
37.2
55.0V @ 5A
1
30
P0404FC36C
36.0
40.0
60.0
70.0V @ 3A
1
25
notes
1. All devices are bidirectional. Electrical characteristics apply in both directions.
2. *Maximum leakage current < 5µA @ 2.8V. **Maximum leakage current < 500nA @ 3.3V. ***Maximum leakage current < 200nA @ 5V.


Similar Part No. - P0404FC12C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P0404FC12C PROTEC-P0404FC12C Datasheet
117Kb / 6P
   FLIP CHIP ARRAY
P0404FC12C PROTEC-P0404FC12C Datasheet
80Kb / 6P
   PFLIP CHIP ARRAY
P0404FC12C PROTEC-P0404FC12C Datasheet
537Kb / 8P
   250W FLIP CHIP TVS ARRAY
More results

Similar Description - P0404FC12C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SFC05-5 PROTEC-SFC05-5_12 Datasheet
934Kb / 10P
   250W FLIP CHIP TVS ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C_12 Datasheet
802Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0404FC3.3C PROTEC-P0404FC3.3C_12 Datasheet
537Kb / 8P
   250W FLIP CHIP TVS ARRAY
P0406FC3.3C PROTEC-P0406FC3.3C_12 Datasheet
620Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C_10 Datasheet
799Kb / 9P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_12 Datasheet
621Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0406FC3.3C PROTEC-P0406FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
SFC05-5 PROTEC-SFC05-5_10 Datasheet
932Kb / 10P
   250w flip chip tvs array
PKFC3.3C PROTEC-PKFC3.3C_12 Datasheet
475Kb / 7P
   250W ENCAPSULATED FLIP CHIP TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com