Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1472BV33 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1472BV33
Description  72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL Architecture
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1472BV33 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1472BV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1472BV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1472BV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1472BV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1472BV33 Datasheet HTML 9Page - Cypress Semiconductor CY7C1472BV33 Datasheet HTML 10Page - Cypress Semiconductor CY7C1472BV33 Datasheet HTML 11Page - Cypress Semiconductor CY7C1472BV33 Datasheet HTML 12Page - Cypress Semiconductor CY7C1472BV33 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
CY7C1470BV33
CY7C1472BV33, CY7C1474BV33
Document #: 001-15031 Rev. *H
Page 9 of 33
TDI
JTAG Serial Input
Synchronous
Serial Data In to the JTAG Circuit. Sampled on the rising edge of TCK.
TMS
Test Mode Select
Synchronous
This pin Controls the Test Access Port State Machine. Sampled on the rising edge of TCK.
TCK
JTAG Clock
Clock Input to the JTAG Circuitry.
VDD
Power Supply
Power Supply Inputs to the Core of the Device.
VDDQ
IO Power Supply Power Supply for the IO Circuitry.
VSS
Ground
Ground for the Device. Should be connected to ground of the system.
NC
No Connects. This pin is not connected to the die.
NC(144M,
288M,
576M, 1G)
These Pins are Not Connected. They are used for expansion to the 144M, 288M, 576M, and
1G densities.
ZZ
Input-
Asynchronous
ZZ “Sleep” Input. This active HIGH input places the device in a non-time critical “sleep” condition
with data integrity preserved. During normal operation, this pin must be LOW or left floating.
ZZ pin has an internal pull-down.
Pin Definitions (continued)
Pin Name
IO Type
Pin Description
[+] Feedback


Similar Part No. - CY7C1472BV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1472BV33 CYPRESS-CY7C1472BV33 Datasheet
902Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1472BV33 CYPRESS-CY7C1472BV33 Datasheet
1Mb / 34P
   72-Mbit (2 M x 36/4 M 횞 18/1 M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1472BV33-167AXC CYPRESS-CY7C1472BV33-167AXC Datasheet
902Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1472BV33-167AXI CYPRESS-CY7C1472BV33-167AXI Datasheet
902Kb / 30P
   72-Mbit (2M x 36/4M x 18/1M x 72) Pipelined SRAM with NoBL Architecture
CY7C1472BV33-167AXI CYPRESS-CY7C1472BV33-167AXI Datasheet
1Mb / 34P
   72-Mbit (2 M x 36/4 M 횞 18/1 M x 72) Pipelined SRAM with NoBL??Architecture
More results

Similar Description - CY7C1472BV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1470V25 CYPRESS-CY7C1470V25_11 Datasheet
878Kb / 31P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470V33 CYPRESS-CY7C1470V33_13 Datasheet
721Kb / 38P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470BV25 CYPRESS-CY7C1470BV25_11 Datasheet
981Kb / 29P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined SRAM with NoBL Architecture
CY7C1470BV33 CYPRESS-CY7C1470BV33_13 Datasheet
1Mb / 34P
   72-Mbit (2 M x 36/4 M 횞 18/1 M x 72) Pipelined SRAM with NoBL??Architecture
CY7C1470BV25 CYPRESS-CY7C1470BV25_13 Datasheet
935Kb / 29P
   72-Mbit (2 M x 36/4 M x 18) Pipelined SRAM with NoBL??Architecture
CY7C1470V25 CYPRESS-CY7C1470V25_13 Datasheet
506Kb / 39P
   72-Mbit (2 M × 36/4 M × 18/1 M × 72) Pipelined SRAM with NoBL™ Architecture
June 27, 2013
CY7C1471BV33 CYPRESS-CY7C1471BV33_11 Datasheet
953Kb / 35P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1471BV25 CYPRESS-CY7C1471BV25_11 Datasheet
1Mb / 33P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Flow-Through SRAM with NoBL Architecture
CY7C1480BV25 CYPRESS-CY7C1480BV25_11 Datasheet
1Mb / 34P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined Sync SRAM
CY7C1480BV33 CYPRESS-CY7C1480BV33_11 Datasheet
1,017Kb / 36P
   72-Mbit (2 M x 36/4 M x 18/1 M x 72) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com