Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C4261V Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C4261V
Description  16 K / 32 K / 64 K / 128 K x 9 Low-Voltage Deep Sync FIFOs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C4261V Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C4261V_11 Datasheet HTML 6Page - Cypress Semiconductor CY7C4261V_11 Datasheet HTML 7Page - Cypress Semiconductor CY7C4261V_11 Datasheet HTML 8Page - Cypress Semiconductor CY7C4261V_11 Datasheet HTML 9Page - Cypress Semiconductor CY7C4261V_11 Datasheet HTML 10Page - Cypress Semiconductor CY7C4261V_11 Datasheet HTML 11Page - Cypress Semiconductor CY7C4261V_11 Datasheet HTML 12Page - Cypress Semiconductor CY7C4261V_11 Datasheet HTML 13Page - Cypress Semiconductor CY7C4261V_11 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
CY7C4261V/CY7C4271V
CY7C4281V/CY7C4291V
Document #: 38-06013 Rev. *F
Page 10 of 22
Switching Characteristics Over the Operating Range
Parameter
Description
7C4261/71/81/91V-
10
7C4261/71/81/91V-
15
7C4261/71/81/91V-
25
Unit
Min
Max
Min
Max
Min
Max
tS
Clock cycle frequency
100
66.7
40
MHz
tA
Data access time
2
8
2
10
2
15
ns
tCLK
Clock cycle time
10
15
25
ns
tCLKH
Clock HIGH time
4.5
6
10
ns
tCLKL
Clock LOW time
4.5
6
10
ns
tDS
Data set-up time
3.5
4
6
ns
tDH
Data hold time
0
0
1
ns
tENS
Enable set-up time
3.5
4
6
ns
tENH
Enable hold time
0
0
1
ns
tRS
Reset pulse width[10]
10
15
25
ns
tRSS
Reset set-up time
8
10
15
ns
tRSR
Reset recovery time
8
10
15
ns
tRSF
Reset to flag and output time
10
15
25
ns
tOLZ
Output enable to output in Low Z[10]
0
0
0
ns
tOE
Output enable to output valid
3
7
3
10
3
12
ns
tOHZ
Output enable to output in High Z[11]
3
7
3
8
3
12
ns
tWFF
Write clock to Full flag
8
10
15
ns
tREF
Read clock to Empty flag
8
10
15
ns
tPAF
Clock to programmable Almost-Full flag
8
10
15
ns
tPAE
Clock to programmable Almost-Full flag
8
10
15
ns
tSKEW1
Skew time between read clock and write
clock for Empty flag and Full flag
5
6
10
ns
tSKEW2
Skew time between read clock and write
clock for Almost-Empty flag and Almost-Full
flag
10
15
18
ns
Notes
10. Pulse widths less than minimum values are not allowed.
11. Values guaranteed by design, not currently tested.
[+] Feedback


Similar Part No. - CY7C4261V_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4261V-10JC CYPRESS-CY7C4261V-10JC Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V-10JC CYPRESS-CY7C4261V-10JC Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
CY7C4261V-10JXC CYPRESS-CY7C4261V-10JXC Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
CY7C4261V-15JC CYPRESS-CY7C4261V-15JC Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V-15JC CYPRESS-CY7C4261V-15JC Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
More results

Similar Description - CY7C4261V_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4285V-15ASXI CYPRESS-CY7C4285V-15ASXI Datasheet
603Kb / 24P
   8 K/16 K/32 K/64 K x 18 Low Voltage Deep Sync FIFOs
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
CY7C09089V CYPRESS-CY7C09089V_11 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
CY7C09089V CYPRESS-CY7C09089V_12 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
CY7C4221 CYPRESS-CY7C4221_12 Datasheet
622Kb / 22P
   1 K / 2 K 횞 9 Synchronous FIFOs
CY7C0851V CYPRESS-CY7C0851V Datasheet
661Kb / 39P
   FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
CY7C1339G CYPRESS-CY7C1339G_13 Datasheet
645Kb / 22P
   4-Mbit (128 K x 32) Pipelined Sync SRAM
CY7C006A CYPRESS-CY7C006A_12 Datasheet
703Kb / 22P
   32 K/16 K 횞 8, 16 K 횞 9 Dual-Port Static RAM
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
logo
MOSAIC
PUMA68S4000X-010 MOSAIC-PUMA68S4000X-010 Datasheet
119Kb / 11P
   128 K x 32 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com