Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C09089V Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C09089V
Description  3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C09089V Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C09089V_11 Datasheet HTML 1Page - Cypress Semiconductor CY7C09089V_11 Datasheet HTML 2Page - Cypress Semiconductor CY7C09089V_11 Datasheet HTML 3Page - Cypress Semiconductor CY7C09089V_11 Datasheet HTML 4Page - Cypress Semiconductor CY7C09089V_11 Datasheet HTML 5Page - Cypress Semiconductor CY7C09089V_11 Datasheet HTML 6Page - Cypress Semiconductor CY7C09089V_11 Datasheet HTML 7Page - Cypress Semiconductor CY7C09089V_11 Datasheet HTML 8Page - Cypress Semiconductor CY7C09089V_11 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
CY7C09089V/99V
CY7C09179V/99V
Document #: 38-06043 Rev. *F
Page 5 of 28
Pin Configurations
Figure 1. 100-pin TQFP (Top View) - CY7C09089V (64 K × 8), CY7C09099V (128 K × 8)
1
3
2
92 91 90
84
85
87 86
88
89
83 82 81
76
78 77
79
80
93
94
95
96
97
98
99
100
59
60
61
67
66
64
65
63
62
68
69
70
75
73
74
72
71
NC
NC
A7R
A8R
A9R
A10R
A15R
A12R
A14R
GND
NC
NC
CE0R
A13R
A11R
NC
NC
CE1R
CNTRSTR
R/WR
OER
FT/PIPER
GND
NC
A16R
58
57
56
55
54
53
52
51
NC
NC
A7L
A8L
A9L
A10L
A15L
A12L
A14L
VCC
NC
NC
CE0L
A13L
A11L
NC
NC
CE1L
CNTRSTL
R/WL
OEL
FT/PIPEL
NC
NC
A16L
17
16
15
9
10
12
11
13
14
8
7
6
4
5
18
19
20
21
22
23
24
25
34 35 36
42
41
39 40
38
37
43 44 45
50
48 49
47
46
33
32
31
30
29
28
27
26
[6]
[6]
[7]
[7]
Notes
6. This pin is NC for CY7C09089V.
7. For CY7C09089V, pin #23 connected to VCC is pin compatible with an IDT 5 V, ×8 pipelined device; connecting pin #23 and #53 to GND is pin compatible with an
IDT 5 V, ×16 flow-through device.
[+] Feedback


Similar Part No. - CY7C09089V_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09089V-12AC CYPRESS-CY7C09089V-12AC Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09089V-12AC CYPRESS-CY7C09089V-12AC Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09089V-12AXC CYPRESS-CY7C09089V-12AXC Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09089V-12AXI CYPRESS-CY7C09089V-12AXI Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
CY7C09089V CYPRESS-CY7C09089V_12 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
More results

Similar Description - CY7C09089V_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C09089V CYPRESS-CY7C09089V_12 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9 Synchronous Dual-Port Static RAM
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
CY7C0851V CYPRESS-CY7C0851V Datasheet
661Kb / 39P
   FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
CYD04S72V CYPRESS-CYD04S72V_11 Datasheet
914Kb / 30P
   FLEx72 3.3 V 64 K/128 K/256 K x 72 Synchronous Dual-Port RAM
CY7C09269V CYPRESS-CY7C09269V_12 Datasheet
480Kb / 22P
   3.3 V 16 K / 32 K / 64 K 횞 16 / 18 Synchronous Dual-Port Static RAM
CY7C027V CYPRESS-CY7C027V_13 Datasheet
641Kb / 24P
   3.3 V 32 K / 64 K 횞 16 / 18 Dual-Port Static RAM
CY7C09159AV CYPRESS-CY7C09159AV_11 Datasheet
434Kb / 19P
   3.3-V 8 K 횞 9 Synchronous Dual Port Static RAM
logo
MOSAIC
PUMA68S4000X-010 MOSAIC-PUMA68S4000X-010 Datasheet
119Kb / 11P
   128 K x 32 Static RAM
logo
Cypress Semiconductor
CY7C09349AV CYPRESS-CY7C09349AV_12 Datasheet
351Kb / 20P
   3.3 V 4 K/8 K 횞 18 Synchronous Dual Port Static RAM
CY7C09569V CYPRESS-CY7C09569V_12 Datasheet
688Kb / 32P
   3.3 V 16 K / 32 K 횞 36 FLEx36짰 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com