Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1515KV18-333BZXC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1515KV18-333BZXC
Description  72-Mbit QDR II SRAM 4-Word Burst Architecture
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1515KV18-333BZXC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1515KV18-333BZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1515KV18-333BZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1515KV18-333BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1515KV18-333BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1515KV18-333BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1515KV18-333BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1515KV18-333BZXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1515KV18-333BZXC Datasheet HTML 10Page - Cypress Semiconductor CY7C1515KV18-333BZXC Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
CY7C1511KV18, CY7C1526KV18
CY7C1513KV18, CY7C1515KV18
Document Number: 001-00435 Rev. *N
Page 7 of 33
Pin Definitions
Pin Name
I/O
Pin Description
D[x:0]
Input-
Synchronous
Data input signals. Sampled on the rising edge of K and K clocks when valid write operations are active.
CY7C1511KV18
− D
[7:0]
CY7C1526KV18
− D
[8:0]
CY7C1513KV18
− D
[17:0]
CY7C1515KV18
− D
[35:0]
WPS
Input-
Synchronous
Write port select
− Active LOW. Sampled on the rising edge of the K clock. When asserted active, a write
operation is initiated. Deasserting deselects the write port. Deselecting the write port ignores D[x:0].
NWS0,
NWS1,
Input-
Synchronous
Nibble write select 0, 1
− Active LOW (CY7C1511KV18 Only). Sampled on the rising edge of the K and
K clocks when write operations are active. Used to select which nibble is written into the device during
the current portion of the write operations. NWS0 controls D[3:0] and NWS1 controls D[7:4].
All the Nibble Write Selects are sampled on the same edge as the data. Deselecting a Nibble Write Select
ignores the corresponding nibble of data and it is not written into the device.
BWS0,
BWS1,
BWS2,
BWS3
Input-
Synchronous
Byte write select 0, 1, 2, and 3
− Active LOW. Sampled on the rising edge of the K and K clocks when
write operations are active. Used to select which byte is written into the device during the current portion
of the write operations. Bytes not written remain unaltered.
CY7C1526KV18
− BWS
0 controls D[8:0]
CY7C1513KV18
− BWS
0 controls D[8:0] and BWS1 controls D[17:9].
CY7C1515KV18
− BWS
0 controls D[8:0], BWS1 controls D[17:9],
BWS2 controls D[26:18] and BWS3 controls D[35:27].
All the Byte Write Selects are sampled on the same edge as the data. Deselecting a Byte Write Select
ignores the corresponding byte of data and it is not written into the device.
A
Input-
Synchronous
Address inputs. Sampled on the rising edge of the K clock during active read and write operations. These
address inputs are multiplexed for both read and write operations. Internally, the device is organized as
8M x 8 (4 arrays each of 2M x 8) for CY7C1511KV18, 8M x 9 (4 arrays each of 2M x 9) for CY7C1526KV18,
4M x 18 (4 arrays each of 1M x 18) for CY7C1513KV18 and 2M x 36 (4 arrays each of 512K x 36) for
CY7C1515KV18. Therefore, only 21 address inputs are needed to access the entire memory array of
CY7C1511KV18 and CY7C1526KV18, 20 address inputs for CY7C1513KV18 and 19 address inputs for
CY7C1515KV18. These inputs are ignored when the appropriate port is deselected.
Q[x:0]
Outputs-
Synchronous
Data output signals. These pins drive out the requested data when the read operation is active. Valid data
is driven out on the rising edge of the C and C clocks during read operations, or K and K when in single
clock mode. On deselecting the read port, Q[x:0] are automatically tristated.
CY7C1511KV18
− Q
[7:0]
CY7C1526KV18
− Q
[8:0]
CY7C1513KV18
− Q
[17:0]
CY7C1515KV18
− Q
[35:0]
RPS
Input-
Synchronous
Read port select
− Active LOW. Sampled on the rising edge of positive input clock (K). When active, a
read operation is initiated. Deasserting deselects the read port. When deselected, the pending access is
allowed to complete and the output drivers are automatically tristated following the next rising edge of the
C clock. Each read access consists of a burst of four sequential transfers.
C
Input Clock
Positive input clock for output data. C is used in conjunction with C to clock out the read data from the
device. C and C can be used together to deskew the flight times of various devices on the board back to
the controller. See Application Example on page 11 for further details.
C
Input Clock
Negative input clock for output data. C is used in conjunction with C to clock out the read data from the
device. C and C can be used together to deskew the flight times of various devices on the board back to
the controller. See Application Example on page 11 for further details.
K
Input Clock
Positive input clock input. The rising edge of K is used to capture synchronous inputs to the device and
to drive out data through Q[x:0] when in single clock mode. All accesses are initiated on the rising edge of K.
K
Input Clock
Negative input clock input. K is used to capture synchronous inputs being presented to the device and to
drive out data through Q[x:0] when in single clock mode.
CQ
Echo Clock
CQ referenced with respect to C. This is a free running clock and is synchronized to the input clock for
output data (C) of the QDR II. In the single clock mode, CQ is generated with respect to K. The timings
for the echo clocks are shown in the Switching Characteristics on page 25.
[+] Feedback


Similar Part No. - CY7C1515KV18-333BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1515KV18-333BZXC CYPRESS-CY7C1515KV18-333BZXC Datasheet
831Kb / 31P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1515KV18-333BZXC CYPRESS-CY7C1515KV18-333BZXC Datasheet
837Kb / 31P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
More results

Similar Description - CY7C1515KV18-333BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1511KV18 CYPRESS-CY7C1511KV18_09 Datasheet
837Kb / 31P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1561KV18 CYPRESS-CY7C1561KV18 Datasheet
833Kb / 28P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511V18 CYPRESS-CY7C1511V18 Datasheet
381Kb / 23P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1511JV18 CYPRESS-CY7C1511JV18 Datasheet
703Kb / 29P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C2561KV18 CYPRESS-CY7C2561KV18 Datasheet
845Kb / 29P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511AV18 CYPRESS-CY7C1511AV18 Datasheet
709Kb / 31P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1513KV18 CYPRESS-CY7C1513KV18 Datasheet
831Kb / 31P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511V18 CYPRESS-CY7C1511V18_06 Datasheet
464Kb / 28P
   72-Mbit QDR?? II SRAM 4-Word Burst Architecture
CY7C1510KV18 CYPRESS-CY7C1510KV18_09 Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18_09 Datasheet
654Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com