Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C6431X Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C6431X
Description  enCoRe V Full Speed USB Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C6431X Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C6431X Datasheet HTML 7Page - Cypress Semiconductor CY7C6431X Datasheet HTML 8Page - Cypress Semiconductor CY7C6431X Datasheet HTML 9Page - Cypress Semiconductor CY7C6431X Datasheet HTML 10Page - Cypress Semiconductor CY7C6431X Datasheet HTML 11Page - Cypress Semiconductor CY7C6431X Datasheet HTML 12Page - Cypress Semiconductor CY7C6431X Datasheet HTML 13Page - Cypress Semiconductor CY7C6431X Datasheet HTML 14Page - Cypress Semiconductor CY7C6431X Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
CY7C6431x
CY7C6434x, CY7C6435x
Document Number: 001-12394 Rev. *M
Page 11 of 37
48-Pin Part Pinout
Figure 8. CY7C64355/CY7C64356 48-Pin enCoRe V USB Device
Notes
5. During power up or reset event, device P1[0] and P1[1] may disturb the I2C bus. Use alternate pins if issues are encountered.
6. These are the in-system serial programming (ISSP) pins that are not High Z at power on reset (POR).
QFN
(Top View)
10
11
12
P2[7]
P2[5]
P2[3]
P2[1]
P4[3]
P4[1]
P3[7]
P3[5]
P3[3]
35
34
33
32
31
30
29
28
27
26
25
36
P2[6]
P2[4]
P2[2]
P2[0]
P3[2]
P3[0]
XRES
P1[6]
1
2
3
4
5
6
7
8
9
NC
P3[1]
P1[7]
P3[4]
P3[6]
P4[0]
P4[2]
Table 3. 48-Pin Part Pinout (QFN)
Pin No.
Type
Pin Name
Description
1NC
NC
No connection
2
I/O
P2[7]
Digital I/O
3
I/O
P2[5]
Digital I/O, crystal out (Xout)
4
I/O
P2[3]
Digital I/O, crystal in (Xin)
5
I/O
P2[1]
Digital I/O
6
I/O
P4[3]
Digital I/O
7
I/O
P4[1]
Digital I/O
8
I/O
P3[7]
Digital I/O
9
I/O
P3[5]
Digital I/O
10
I/O
P3[3]
Digital I/O
11
I/O
P3[1]
Digital I/O
12
I/OHR
P1[7]
Digital I/O, I2C SCL, SPI SS
13
I/OHR
P1[5]
Digital I/O, I2C SDA, SPI MISO
14
NC
NC
No connection
15
NC
NC
No connection
16
I/OHR
P1[3]
Digital I/O, SPI CLK
17
I/OHR
P1[1][5, 6]
Digital I/O, ISSP CLK, I2C SCL, SPI MOSI
18
Power
VSS
Supply ground
19
I/O
D+
USB
20
I/O
D–
USB
21
Power
VDD
Supply voltage
22
I/OHR
P1[0][5, 6]
Digital I/O, ISSP DATA, I2C SDA, SPI CLK
23
I/OHR
P1[2]
Digital I/O,
[+] Feedback


Similar Part No. - CY7C6431X

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C6431X CYPRESS-CY7C6431X Datasheet
634Kb / 26P
   enCoRe??V Full-Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X Datasheet
806Kb / 29P
   enCoRe??V Full-Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X Datasheet
928Kb / 32P
   enCoRe V Full Speed USB Controller
CY7C6431x CYPRESS-CY7C6431x Datasheet
1Mb / 40P
   enCoRe??V Full Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X_09 Datasheet
711Kb / 28P
   enCoRe V Full Speed USB Controller
More results

Similar Description - CY7C6431X

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C6431X CYPRESS-CY7C6431X_13 Datasheet
1Mb / 40P
   enCoRe??V Full Speed USB Controller
CY7C6431X_09 CYPRESS-CY7C6431X_09_09 Datasheet
928Kb / 32P
   enCoRe V Full Speed USB Controller
CY7C6435X CYPRESS-CY7C6435X Datasheet
634Kb / 26P
   enCoRe??V Full-Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X Datasheet
806Kb / 29P
   enCoRe??V Full-Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X_09 Datasheet
711Kb / 28P
   enCoRe V Full Speed USB Controller
CY7C64215 CYPRESS-CY7C64215 Datasheet
637Kb / 26P
   enCoRe??III Full Speed USB Controller
CY7C64215 CYPRESS-CY7C64215_08 Datasheet
953Kb / 30P
   enCoRe??III Full Speed USB Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com