Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCK10202N Datasheet(PDF) 5 Page - Thinking Electronic Industrial Co.,Ltd

Part # SCK10202N
Description  Power Thermistor for Limiting Inrush Current
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

SCK10202N Datasheet(HTML) 5 Page - Thinking Electronic Industrial Co.,Ltd

  SCK10202N Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd SCK10202N Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd SCK10202N Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd SCK10202N Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd SCK10202N Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd SCK10202N Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd SCK10202N Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd SCK10202N Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd SCK10202N Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
NTC Thermistor:
:SCK Series
Power Thermistor for Limiting Inrush Current
THINKING ELECTRONIC INDUSTRIAL CO., LTD.
5
www.thinking.com.tw
2011.02
All specifications are subject to change without notice.
Safety Approvals
Zero Power
Resistance
at 25°C
Max.
Current
at 25℃
Residual
Resistance
at 25℃
Imax
Max.
Power
Rating
at 25°C
Dissipation
Factor
Thermal
Time
Constant
Operating
Temperature
Range
Part No.
R25( )
Imax(A)
RImax( )
Pmax(W)
δ(mW/°C)
τ(Sec.)
TL~TU(°C)
UL
cUL
CSA TUV
CQC
SCK200R7□
0.7
15
0.035
SCK201R0□
1
13
0.034
SCK201R5□
1.5
10.5
0.041
SCK202R0□
2
10
0.062
SCK202R5□
2.5
9
0.083
SCK203R0□
3
8.5
0.078
SCK204R0□
4
8
0.080
SCK204R7□
4.7
7.5
0.114
SCK205R0□
5
7.5
0.118
SCK206R0□
6
7
0.120
SCK206R8□
6.8
6.5
0.130
SCK207R0□
7
6.5
0.132
SCK208R0□
8
6
0.161
SCK20100□
10
5.5
0.196
SCK20120□
12
5
0.197
SCK20130□
13
5
0.213
SCK20150□
15
4.5
0.258
SCK20160□
16
4.5
0.276
SCK20180□
18
4
0.280
SCK20200□
20
4
0.306
4.9
Approx.
28
Approx.
113
-40 ~ +200
SCK251R0□
1
20
0.020
SCK251R5□
1.5
18.5
0.023
SCK252R0□
2
18
0.025
SCK252R5□
2.5
15
0.032
SCK253R0□
3
14.5
0.042
SCK254R0□
4
14
0.044
SCK254R7□
4.7
13
0.052
SCK255R0□
5
12
0.061
SCK256R8□
6.8
10.5
0.082
SCK257R0□
7
10
0.092
SCK258R0□
8
9
0.115
SCK25100□
10
8
0.141
SCK25120□
12
7.5
0.164
SCK25150□
15
6.5
0.210
SCK25180□
18
5.5
0.231
SCK25200□
20
5
0.270
7.0
Approx.
30
Approx.
130
-40 ~ +200


Similar Part No. - SCK10202N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCK10 ETC2-SCK10 Datasheet
115Kb / 1P
   NTC THERMISTORS
logo
Pulse A Technitrol Comp...
SCK1001 PULSE-SCK1001 Datasheet
505Kb / 2P
   G. Fast Transformer - 106 MHz
SCK1002 PULSE-SCK1002 Datasheet
505Kb / 2P
   G. Fast Transformer - 106 MHz
More results

Similar Description - SCK10202N

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
SCK THINKING-SCK Datasheet
692Kb / 22P
   Power Thermistor for Limiting Inrush Current
logo
Littelfuse
ST10001B LITTELFUSE-ST10001B Datasheet
685Kb / 3P
   Power Thermistors Inrush Current Limiting Power Thermistor
logo
EPCOS
B57364S0109M000 EPCOS-B57364S0109M000_09 Datasheet
342Kb / 15P
   NTC thermistors for inrush current limiting
B57153S0479M000 EPCOS-B57153S0479M000_08 Datasheet
344Kb / 15P
   NTC thermistors for inrush current limiting
B57235S100M EPCOS-B57235S100M Datasheet
416Kb / 18P
   NTC thermistors for inrush current limiting
B57153S479M EPCOS-B57153S479M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57153S330M EPCOS-B57153S330M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
91930 EPCOS-91930 Datasheet
195Kb / 6P
   NTC thermistors for inrush current limiting
B57153S100M EPCOS-B57153S100M Datasheet
417Kb / 18P
   NTC thermistors for inrush current limiting
B57464 EPCOS-B57464 Datasheet
192Kb / 6P
   NTC thermistors for inrush current limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com