Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C64316-16LKXC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C64316-16LKXC
Description  enCoRe V Full Speed USB Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C64316-16LKXC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C64316-16LKXC Datasheet HTML 6Page - Cypress Semiconductor CY7C64316-16LKXC Datasheet HTML 7Page - Cypress Semiconductor CY7C64316-16LKXC Datasheet HTML 8Page - Cypress Semiconductor CY7C64316-16LKXC Datasheet HTML 9Page - Cypress Semiconductor CY7C64316-16LKXC Datasheet HTML 10Page - Cypress Semiconductor CY7C64316-16LKXC Datasheet HTML 11Page - Cypress Semiconductor CY7C64316-16LKXC Datasheet HTML 12Page - Cypress Semiconductor CY7C64316-16LKXC Datasheet HTML 13Page - Cypress Semiconductor CY7C64316-16LKXC Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
CY7C6431x
CY7C6434x, CY7C6435x
Document Number: 001-12394 Rev. *M
Page 10 of 37
32-Pin Part Pinout
Figure 7. CY7C64343/CY7C64345 32-Pin enCoRe V USB Device
Notes
3. During power up or reset event, device P1[0] and P1[1] may disturb the I2C bus. Use alternate pins if issues are encountered.
4. These are the in-system serial programming (ISSP) pins that are not High Z at power on reset (POR).
P0[1]
P2[5]
P2[3]
P2[1]
P1[7]
QFN
( Top View)
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
P1[5]
P1[1]
P0[0]
P2[6]
P3[0]
XRES
P2[4]
P2[2]
P2[0]
P3[2]
P1[3]
Table 2. 32-Pin Part Pinout (QFN)
Pin No.
Type
Name
Description
1
I/OH
P0[1]
Digital I/O
2
I/O
P2[5]
Digital I/O, crystal output (Xout)
3
I/O
P2[3]
Digital I/O, crystal Input (Xin)
4
I/O
P2[1]
Digital I/O
5
I/OHR
P1[7]
Digital I/O, I2C SCL, SPI SS
6
I/OHR
P1[5]
Digital I/O, I2C SDA, SPI MISO
7
I/OHR
P1[3]
Digital I/O, SPI CLK
8
I/OHR
P1[1][3, 4]
Digital I/O, ISSP CLK, I2C SCL, SPI MOSI
9
Power
VSS
Ground
10
I/O
D+
USB PHY
11
I/O
D–
USB PHY
12
Power
VDD
Supply voltage
13
I/OHR
P1[0][3, 4]
Digital I/O, ISSP DATA, I2C SDA, SPI CLK
14
I/OHR
P1[2]
Digital I/O
15
I/OHR
P1[4]
Digital I/O, optional external clock input (EXTCLK)
16
I/OHR
P1[6]
Digital I/O
17
Reset
XRES
Active high external reset with internal pull down
18
I/O
P3[0]
Digital I/O
19
I/O
P3[2]
Digital I/O
20
I/O
P2[0]
Digital I/O
21
I/O
P2[2]
Digital I/O
22
I/O
P2[4]
Digital I/O
23
I/O
P2[6]
Digital I/O
24
I/OH
P0[0]
Digital I/O
25
I/OH
P0[2]
Digital I/O
26
I/OH
P0[4]
Digital I/O
27
I/OH
P0[6]
Digital I/O
28
Power
VDD
Supply voltage
29
I/OH
P0[7]
Digital I/O
30
I/OH
P0[5]
Digital I/O
31
I/OH
P0[3]
Digital I/O
32
Power
VSS
Ground
CP
Power
VSS
Ensure the center pad is connected to ground
LEGEND I = Input, O = Output, OH = 5 mA High Output Drive, R = Regulated Output
[+] Feedback


Similar Part No. - CY7C64316-16LKXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C64316-16LKXC CYPRESS-CY7C64316-16LKXC Datasheet
634Kb / 26P
   enCoRe??V Full-Speed USB Controller
CY7C64316-16LKXC CYPRESS-CY7C64316-16LKXC Datasheet
806Kb / 29P
   enCoRe??V Full-Speed USB Controller
CY7C64316-16LKXC CYPRESS-CY7C64316-16LKXC Datasheet
711Kb / 28P
   enCoRe V Full Speed USB Controller
CY7C64316-16LKXC CYPRESS-CY7C64316-16LKXC Datasheet
928Kb / 32P
   enCoRe V Full Speed USB Controller
CY7C64316-16LKXC CYPRESS-CY7C64316-16LKXC Datasheet
1Mb / 40P
   enCoRe??V Full Speed USB Controller
More results

Similar Description - CY7C64316-16LKXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C6431X CYPRESS-CY7C6431X_13 Datasheet
1Mb / 40P
   enCoRe??V Full Speed USB Controller
CY7C6431X_09 CYPRESS-CY7C6431X_09_09 Datasheet
928Kb / 32P
   enCoRe V Full Speed USB Controller
CY7C6435X CYPRESS-CY7C6435X Datasheet
634Kb / 26P
   enCoRe??V Full-Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X Datasheet
806Kb / 29P
   enCoRe??V Full-Speed USB Controller
CY7C6431X CYPRESS-CY7C6431X_09 Datasheet
711Kb / 28P
   enCoRe V Full Speed USB Controller
CY7C64215 CYPRESS-CY7C64215 Datasheet
637Kb / 26P
   enCoRe??III Full Speed USB Controller
CY7C64215 CYPRESS-CY7C64215_08 Datasheet
953Kb / 30P
   enCoRe??III Full Speed USB Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com