Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSA6R8MAGB004 Datasheet(PDF) 5 Page - Thinking Electronic Industrial Co.,Ltd

Part # PSA6R8MAGB004
Description  Motor Starter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

PSA6R8MAGB004 Datasheet(HTML) 5 Page - Thinking Electronic Industrial Co.,Ltd

  PSA6R8MAGB004 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd PSA6R8MAGB004 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd PSA6R8MAGB004 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd PSA6R8MAGB004 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd PSA6R8MAGB004 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd PSA6R8MAGB004 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd PSA6R8MAGB004 Datasheet HTML 7Page - Thinking Electronic Industrial Co.,Ltd PSA6R8MAGB004 Datasheet HTML 8Page - Thinking Electronic Industrial Co.,Ltd PSA6R8MAGB004 Datasheet HTML 9Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CPTC Thermistor:PS Series
Motor Starter
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
5
www.thinking.com.tw
2006.07
PSB Series
Curie
Tempe
rature
Nominal
Zero-power
Resistance
Maximum
Voltage
Maximum
Current
Operating
Time
Equilibrium
Power
Recovery
Time
Reference
Coil
Resistance
Safety
Approvals
Part No.
Tc (℃)
R25(Ω)
Vmax(VAC)
Imax(A)
to(s)
Pmax(W)
trmax(s)
Rref(Ω)
UL
cUL
CQC
TUV
PSB100□A2B2**
10
220
9
0.4-2.0
5
130
25
PSB150□A2B5**
15
250
8
0.4-2.0
5
130
25
PSB220□A2C0**
22
300
7
0.4-2.0
5
130
25
PSB330□A2C5**
33
350
6
0.2-2.0
5
130
30
PSB400□A2C0**
40
300
5
0.2-1.5
4
120
25
PSB470□A2D0**
47
400
5
0.2-1.5
4
120
25
PSB101□A2E0**
100
500
4
0.2-1.5
4
95
10
PSB330□A2B503
33
250
4.5
0.1-0.5
2.3
60
30
PSB400□A2B503
40
250
4
0.1-0.5
2.3
60
30
PSB470□A2B503
120
±10
47
250
4
0.1-0.5
2.3
60
30
PSB150□A3B5**
15
250
8
0.4-2.0
5
120
15
PSB220□A3C0**
22
300
7
0.4-2.0
5
120
25
PSB330□A3C5**
33
350
6
0.2-2.0
5
120
25
PSB470□A3B5**
130
±10
47
250
5
0.2-2.0
5
120
25
Note1: □=Tolerance of R25
Note2: **= Dimensions code for 01 , 02 or 09
Note3: UL&cUL File No. E138827 , CQC File No. CQC03001008127~128 , TUV File No. R50031360


Similar Part No. - PSA6R8MAGB004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PSA6.3VB680MJ11 TI-PSA6.3VB680MJ11 Datasheet
994Kb / 24P
[Old version datasheet]   60-A, 3.3/5-V INPUT, NONISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
STMicroelectronics
PSA60 STMICROELECTRONICS-PSA60 Datasheet
97Kb / 3P
   PSA digital multi-satellite controller
March 2018 Rev 1
logo
Phihong USA Inc.
PSA60-105 PHIHONG-PSA60-105 Datasheet
184Kb / 2P
   Switching Power Supply
PSA60-105 PHIHONG-PSA60-105 Datasheet
103Kb / 2P
   PSA60 Series Switching power Supply
PSA60-105 PHIHONG-PSA60-105_14 Datasheet
103Kb / 2P
   PSA60 Series Switching power Supply
More results

Similar Description - PSA6R8MAGB004

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
105518 PHOENIX-105518 Datasheet
209Kb / 17P
   Hybrid motor starter
logo
Schneider Electric
8538SDA24S8V02S SCHNEIDER-8538SDA24S8V02S Datasheet
63Kb / 1P
   STARTER MOTOR CONTROL <1000VAC
Sep 14, 2023
logo
STMicroelectronics
STM3210B-MCKIT STMICROELECTRONICS-STM3210B-MCKIT Datasheet
67Kb / 3P
   Motor control starter kit
STM32100B-MCKIT STMICROELECTRONICS-STM32100B-MCKIT Datasheet
56Kb / 3P
   Motor control starter kit
logo
List of Unclassifed Man...
MU25A63 ETC2-MU25A63 Datasheet
434Kb / 3P
   Manual Motor Starter MU
logo
Schneider Electric
8539SEG42V02H30S SCHNEIDER-8539SEG42V02H30S Datasheet
69Kb / 3P
   STARTER MOTOR CONTROL <1000VAC
Dec 26, 2023
logo
celduc-relais
SYMC0001 CELDUC-SYMC0001 Datasheet
747Kb / 7P
   Single phase motor soft starter
logo
DB Lectro Inc
HG4506 DBLECTRO-HG4506 Datasheet
46Kb / 2P
   Single Phase Motor Starter Relay
logo
celduc-relais
SYMC0000 CELDUC-SYMC0000 Datasheet
1Mb / 7P
   Single phase motor soft starter
logo
Schneider Electric
2510FG1 SCHNEIDER-2510FG1 Datasheet
88Kb / 2P
   Manual motor starter, fractional horsepower
Aug 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com