Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PKFC05C Datasheet(PDF) 5 Page - Protek Devices

Part # PKFC05C
Description  250w encapsulated flip chip tvs array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PKFC05C Datasheet(HTML) 5 Page - Protek Devices

  PKFC05C Datasheet HTML 1Page - Protek Devices PKFC05C Datasheet HTML 2Page - Protek Devices PKFC05C Datasheet HTML 3Page - Protek Devices PKFC05C Datasheet HTML 4Page - Protek Devices PKFC05C Datasheet HTML 5Page - Protek Devices PKFC05C Datasheet HTML 6Page - Protek Devices PKFC05C Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05180.R6 7/11
Page 5
PKFC3.3C - PKFC36C
e0503 PaCKage inFoRMation
outline diMensions
diM
MilliMeteRs
inChes
Min
MaX
Min
MaX
A
0.73
0.79
0.029
0.031
B
1.22
1.32
0.048
0.052
C
0.73
0.79
0.029
0.031
D
0.54
0.60
0.021
0.024
F
0.55
0.61
0.022
0.024
G
0.27
0.33
0.11
0.013
H
0.38
0.44
0.015
0.017
J
0.35
0.041
0.014
0.016
K
0.35
0.041
0.014
0.016
notes
1. Controlling dimensions in inches.
2. Maximum size 0.052” (1.321mm) by 0.036” (0.914mm)
3. All dimensions ±0.003”.
layout diMensions
diM
MilliMeteRs
inChes
Min
MaX
Min
MaX
A
1.00
1.04
0.039
0.041
B
0.62
0.66
0.024
0.026
C
1.44
1.50
0.056
0.060
E
0.18
0.22
0.007
0.009
F
0.49
0.63
0.019
0.021
G
0.31
0.035
0.012
0.014
notes
1. Controlling dimensions in inches.
2. All dimensions ±0.003”.
B
H
D
F
TOP
BOTTOM
A
C
B
Solder Print Diameter
0.010” - 0.012”
G
A
K
J
C
SIDE
E
F


Similar Part No. - PKFC05C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PKFC05C ETC-PKFC05C Datasheet
98Kb / 5P
   PACKAGED FLIP CHIP ARRAY
logo
Protek Devices
PKFC05C PROTEC-PKFC05C Datasheet
82Kb / 5P
   PACKAGED FLIP CHIP ARRAY
PKFC05C PROTEC-PKFC05C Datasheet
72Kb / 5P
   PACKAGED FLIP CHIP ARRAY
PKFC05C PROTEC-PKFC05C Datasheet
475Kb / 7P
   250W ENCAPSULATED FLIP CHIP TVS ARRAY
More results

Similar Description - PKFC05C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PKFC3.3C PROTEC-PKFC3.3C_12 Datasheet
475Kb / 7P
   250W ENCAPSULATED FLIP CHIP TVS ARRAY
SFC05-5 PROTEC-SFC05-5_12 Datasheet
934Kb / 10P
   250W FLIP CHIP TVS ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C_12 Datasheet
802Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0404FC3.3C PROTEC-P0404FC3.3C_12 Datasheet
537Kb / 8P
   250W FLIP CHIP TVS ARRAY
P0406FC3.3C PROTEC-P0406FC3.3C_12 Datasheet
620Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C_10 Datasheet
799Kb / 9P
   250w flip chip tvs array
P0404FC3.3C PROTEC-P0404FC3.3C_11 Datasheet
534Kb / 8P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_12 Datasheet
621Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0406FC3.3C PROTEC-P0406FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com