Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C63743C-SXC Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C63743C-SXC
Description  enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C63743C-SXC Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C63743C-SXC Datasheet HTML 1Page - Cypress Semiconductor CY7C63743C-SXC Datasheet HTML 2Page - Cypress Semiconductor CY7C63743C-SXC Datasheet HTML 3Page - Cypress Semiconductor CY7C63743C-SXC Datasheet HTML 4Page - Cypress Semiconductor CY7C63743C-SXC Datasheet HTML 5Page - Cypress Semiconductor CY7C63743C-SXC Datasheet HTML 6Page - Cypress Semiconductor CY7C63743C-SXC Datasheet HTML 7Page - Cypress Semiconductor CY7C63743C-SXC Datasheet HTML 8Page - Cypress Semiconductor CY7C63743C-SXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
CY7C63722C
CY7C63723C
CY7C63743C
Document #: 38-08022 Rev. *E
Page 3 of 53
event, and subtracting the two values. The four capture timers
save a programmable 8 bit range of the free-running timer when
a GPIO edge occurs on the two capture pins (P0.0, P0.1).
The CY7C637xxC includes an integrated USB serial interface
engine (SIE) that supports the integrated peripherals. The
hardware supports one USB device address with three
endpoints. The SIE allows the USB host to communicate with the
function integrated into the microcontroller. A 3.3V regulated
output pin provides a pull-up source for the external USB resistor
on the D– pin.
The USB D+ and D– USB pins can alternately be used as PS/2
SCLK and SDATA signals, so that products can be designed to
respond to either USB or PS/2 modes of operation. PS/2
operation is supported with internal pull-up resistors on SCLK
and SDATA, the ability to disable the regulator output pin, and an
interrupt to signal the start of PS/2 activity. No external compo-
nents are necessary for dual USB and PS/2 systems, and no
GPIO pins need to be dedicated to switching between modes.
Slow edge rates operate in both modes to reduce EMI.
Pin Configurations
1
2
3
4
5
6
9
11
15
16
17
18
19
20
22
21
P0.0
P0.1
P0.2
P0.3
P1.0
P1.2
VSS
VREG/P2.0
P0.6
P1.5
P1.1
P1.3
D+/SCLK
P1.7
D–/SDATA
VCC
14
P0.7
10
VPP
XTALIN/P2.1
XTALOUT
12
13
7
8
P1.4
P1.6
24
23
P0.4
P0.5
24-pin SOIC/PDIP/QSOP
CY7C63743C
1
2
3
4
6
7
8
10
11
12
13
15
16
18
17
P0.0
P0.1
P0.2
P0.3
VSS
VREG/P2.0
P0.4
P0.6
P0.7
D+/SCLK
D–/SDATA
VCC
18-pin SOIC/PDIP
P0.5
9
VPP
XTALIN/P2.1
XTALOUT
CY7C63723C
5
14
P1.0
P1.1
Top View
4
5
6
7
8
9
22
21
20
19
18
17
P0.3
P1.0
P1.2
P1.4
P1.6
VSS
VSS
D+/SCLK
P0.7
P1.1
P1.3
P1.5
P1.7
CY7C63722C-XC
DIE
10
Pin Definitions
Name
I/O
CY7C63723C CY7C63743C CY7C63722C
Description
18-Pin
24-Pin
25-Pad
D–/SDATA,
D+/SCLK
I/O
12
13
15
16
16
17
USB differential data lines (D– and D+), or PS/2 clock
and data signals (SDATA and SCLK)
P0[7:0]
I/O
1, 2, 3, 4,
15, 16, 17, 18
1, 2, 3, 4,
21, 22, 23, 24
1, 2, 3, 4,
22, 23, 24, 25
GPIO Port 0 capable of sinking up to 50 mA/pin, or
sinking controlled low or high programmable current.
Can also source 2 mA current, provide a resistive
pull-up, or serve as a high-impedance input. P0.0 and
P0.1 provide inputs to Capture Timers A and B, respec-
tively.
P1[7:0]
I/O
5, 14
5, 6, 7, 8,
17, 18, 19, 20
5, 6, 7, 8,
18, 19, 20, 21
IO Port 1 capable of sinking up to 50 mA/pin, or sinking
controlled low or high programmable current. Can also
source 2 mA current, provide a resistive pull-up, or
serve as a high-impedance input.
XTALIN/P2.1
IN
9
12
13
6-MHz ceramic resonator or external clock input, or
P2.1 input
XTALOUT
OUT
10
13
14
6-MHz ceramic resonator return pin or internal oscillator
output
VPP
7
10
11
Programming voltage supply, ground for normal
operation
VCC
11
14
15
Voltage supply
VREG/P2.0
8
11
12
Voltage supply for 1.3-k
 USB pull-up resistor (3.3V
nominal). Also serves as P2.0 input.
VSS
6
9
9, 10
Ground
[+] Feedback


Similar Part No. - CY7C63743C-SXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63743C-SXC CYPRESS-CY7C63743C-SXC Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
More results

Similar Description - CY7C63743C-SXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63722C CYPRESS-CY7C63722C_11 Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63723-SXC CYPRESS-CY7C63723-SXC Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63743-SXC CYPRESS-CY7C63743-SXC Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722 CYPRESS-CY7C63722 Datasheet
1Mb / 58P
   enCoRe USB Combination Low-Speed USB & PS/2 Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
CY7C63923-PVXC CYPRESS-CY7C63923-PVXC Datasheet
1Mb / 68P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_11 Datasheet
1Mb / 86P
   enCoRe??II Low Speed USB Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com