Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C1525KV18-250BZC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C1525KV18-250BZC
Description  72-Mbit QDR II SRAM 2-Word Burst Architecture Two-word burst on all accesses
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1525KV18-250BZC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C1525KV18-250BZC Datasheet HTML 4Page - Cypress Semiconductor CY7C1525KV18-250BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C1525KV18-250BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C1525KV18-250BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C1525KV18-250BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C1525KV18-250BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C1525KV18-250BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C1525KV18-250BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C1525KV18-250BZC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
CY7C1510KV18, CY7C1525KV18
CY7C1512KV18, CY7C1514KV18
Document Number: 001-00436 Rev. *M
Page 8 of 33
CQ
Echo Clock
CQ referenced with respect to C. This is a free running clock and is synchronized to the input clock for
output data (C) of the QDR II. In single clock mode, CQ is generated with respect to K. The timing for the
echo clocks is shown in Switching Characteristics on page 25.
CQ
Echo Clock
CQ referenced with respect to C. This is a free running clock and is synchronized to the input clock for
output data (C) of the QDR II. In single clock mode, CQ is generated with respect to K. The timing for the
echo clocks is shown in the Switching Characteristics on page 25.
ZQ
Input
Output impedance matching input. This input is used to tune the device outputs to the system data bus
impedance. CQ, CQ, and Q[x:0] output impedance are set to 0.2 x RQ, where RQ is a resistor connected
between ZQ and ground. Alternatively, connect this pin directly to VDDQ, which enables the minimum
impedance mode. This pin cannot be connected directly to GND or left unconnected.
DOFF
Input
PLL turn off
− Active LOW. Connecting this pin to ground turns off the PLL inside the device. The timing
in the operation with the PLL turned off differs from those listed in this data sheet. For normal operation,
connect this pin to a pull up through a 10 K
Ω or less pull up resistor. The device behaves in QDR I mode
when the PLL is turned off. In this mode, the device can be operated at a frequency of up to 167 MHz
with QDR I timing.
TDO
Output
Test data out (TDO) for JTAG
TCK
Input
Test clock (TCK) pin for JTAG
TDI
Input
Test data in (TDI) pin for JTAG
TMS
Input
Test mode select (TMS) pin for JTAG
NC
N/A
Not connected to the die. Can be tied to any voltage level.
NC/144M
Input
Not connected to the die. Can be tied to any voltage level.
NC/288M
Input
Not connected to the die. Can be tied to any voltage level.
VREF
Input-
Reference
Reference voltage input. Static input used to set the reference level for HSTL inputs, outputs, and AC
measurement points.
VDD
Power Supply Power supply inputs to the core of the device.
VSS
Ground
Ground for the device.
VDDQ
Power Supply Power supply inputs for the outputs of the device.
Pin Definitions (continued)
Pin Name
I/O
Pin Description
[+] Feedback


Similar Part No. - CY7C1525KV18-250BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1525KV18-250BZC CYPRESS-CY7C1525KV18-250BZC Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1525KV18-250BZC CYPRESS-CY7C1525KV18-250BZC Datasheet
893Kb / 34P
   72-Mbit QDR짰 II SRAM Two-Word Burst Architecture
More results

Similar Description - CY7C1525KV18-250BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1510KV18 CYPRESS-CY7C1510KV18_09 Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18_09 Datasheet
654Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1512KV18 CYPRESS-CY7C1512KV18 Datasheet
814Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18_07 Datasheet
646Kb / 28P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18_06 Datasheet
494Kb / 27P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18_09 Datasheet
711Kb / 28P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18 Datasheet
369Kb / 24P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510AV18 CYPRESS-CY7C1510AV18 Datasheet
1Mb / 26P
   72-Mbit QDR-II??SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18 Datasheet
628Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
CY7C1510V18 CYPRESS-CY7C1510V18_09 Datasheet
675Kb / 29P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com