Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C65620-56LTXCT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C65620-56LTXCT
Description  EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65620-56LTXCT Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C65620-56LTXCT Datasheet HTML 1Page - Cypress Semiconductor CY7C65620-56LTXCT Datasheet HTML 2Page - Cypress Semiconductor CY7C65620-56LTXCT Datasheet HTML 3Page - Cypress Semiconductor CY7C65620-56LTXCT Datasheet HTML 4Page - Cypress Semiconductor CY7C65620-56LTXCT Datasheet HTML 5Page - Cypress Semiconductor CY7C65620-56LTXCT Datasheet HTML 6Page - Cypress Semiconductor CY7C65620-56LTXCT Datasheet HTML 7Page - Cypress Semiconductor CY7C65620-56LTXCT Datasheet HTML 8Page - Cypress Semiconductor CY7C65620-56LTXCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
CY7C65620/CY7C65630
Document Number: 38-08037 Rev. *T
Page 4 of 29
Introduction
EZ-USB HX2LP™ is Cypress’s next generation family of
high-performance, low-power USB 2.0 hub controllers. HX2LP is
an ultra low power single chip USB 2.0 hub controller with
integrated upstream and downstream transceivers, a USB serial
interface engine (SIE), USB hub control and repeater logic, and
TT logic. Cypress has also integrated many of the external
passive components, such as pull-up and pull-down resistors,
reducing the overall bill of materials required to implement a hub
design. The HX2LP portfolio consists of:
CY7C65630: 4-port/single transaction translator
This device option is for ultra low-power applications that require
four downstream ports. All four ports share a single transaction
translator. The CY7C65630 is available in 56 QFN and is also
pin-for-pin compatible with the CY7C65640.
CY7C65620: 2-port/single transaction translator
This device option is for a 2-port bus powered application. Both
ports share a single transaction translator. The CY7C65620 is
available in a 56 QFN.
All device options are supported by Cypress’s world class
reference design kits, which include board schematics, bill of
materials, Gerber files, Orcad files, and thorough design
documentation.
USB Serial Interface Engine
The
serial
interface
engine
(SIE)
allows
the
CY7C65620/CY7C65630 to communicate with the USB host.
The SIE handles the following USB activities independently of
the Hub Control Block.
Bit stuffing and unstuffing
Checksum generation and checking
TOKEN type identification
Address checking.
Hub Repeater
The hub repeater manages the connectivity between upstream
and downstream facing ports that are operating at the same
speed. It supports full or low-speed connectivity and high-speed
connectivity. According to the USB 2.0 specification, the HUB
Repeater provides the following functions:
Sets up and tears down connectivity on packet boundaries
Ensures orderly entry into and out of the suspend state,
including proper handling of remote wakeups.
Transaction Translator
The TT translates data from one speed to another. A TT takes
high speed split transactions and translates them to full- or
low-speed transactions when the hub is operating at high-speed
(the upstream port is connected to a high-speed host controller)
and has full or low speed devices attached. The operating speed
of a device attached on a downstream facing port determines
whether the routing logic connects a port to the TT or hub
repeater. If a full or low speed device is connected to the hub
operating at high speed, the data transfer route includes the TT.
If a high speed device is connected to this high speed hub, the
route only includes the repeater and no TT, because the device
and the hub are operating at the same speed. When the hub is
operating at full speed (the upstream port is connected to a full
speed host controller), a high speed peripheral does not operate
at its full capability. These devices only work at full speed. Full
and low speed devices connected to this hub operate at their
normal speed.
Applications
Typical applications for the HX2LP device family are:
Standalone hubs
Motherboard hubs
Monitor hubs
Advanced port replicators
Docking stations
Split-PC designs
External personal storage drives
Keyboard hubs


Similar Part No. - CY7C65620-56LTXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65620-56LTXCT CYPRESS-CY7C65620-56LTXCT Datasheet
553Kb / 25P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65620-56LTXCT CYPRESS-CY7C65620-56LTXCT Datasheet
581Kb / 28P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65620-56LTXCT CYPRESS-CY7C65620-56LTXCT Datasheet
395Kb / 28P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65620-56LTXCT CYPRESS-CY7C65620-56LTXCT Datasheet
411Kb / 30P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
More results

Similar Description - CY7C65620-56LTXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C656XX CYPRESS-CY7C656XX Datasheet
544Kb / 24P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_09 Datasheet
553Kb / 25P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620_13 Datasheet
411Kb / 30P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_11 Datasheet
581Kb / 28P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620_12 Datasheet
395Kb / 28P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620 Datasheet
170Kb / 2P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_08 Datasheet
503Kb / 25P
   EZ-USB HX2LP?? Low-Power USB 2.0 Hub Controller Family
CY7C65621 CYPRESS-CY7C65621_11 Datasheet
583Kb / 27P
   EZ-USB HX2LP Lite??Low Power USB 2.0 Hub Controller Family
CY7C65621 CYPRESS-CY7C65621 Datasheet
532Kb / 24P
   EZ-USB HX2LP Lite Low Power USB 2.0 Hub Controller Family
logo
GENESYS LOGIC
GL850A GENESYS-GL850A Datasheet
385Kb / 29P
   USB 2.0 Low-Power HUB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com