Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSR05 Datasheet(PDF) 2 Page - Protek Devices

Part # PSR05
Description  500 WATT low capacitance steering diode/TVS array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSR05 Datasheet(HTML) 2 Page - Protek Devices

  PSR05 Datasheet HTML 1Page - Protek Devices PSR05 Datasheet HTML 2Page - Protek Devices PSR05 Datasheet HTML 3Page - Protek Devices PSR05 Datasheet HTML 4Page - Protek Devices PSR05 Datasheet HTML 5Page - Protek Devices PSR05 Datasheet HTML 6Page - Protek Devices PSR05 Datasheet HTML 7Page - Protek Devices PSR05 Datasheet HTML 8Page - Protek Devices PSR05 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05116.R8 8/10
Page 2
PSR05
TyPicAl deVice chARAcTeRiSTicS
MAXiMuM RATingS @ 25°c unless otherwise Specified
PARAMeTeR
SyMBol
VAlue
uniTS
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
500
Watts
Peak Forward Voltage - I
F = 1A, 8/20µs
V
F
1.5
Volts
elecTRicAl chARAcTeRiSTicS PeR line @ 25°c unless otherwise Specified
PART
nuMBeR
deVice
MARking
RATed
STAnd-oFF
VolTAge
V
WM
VolTS
MiniMuM
BReAkdoWn
VolTAge
@ 1mA
V
(BR)
VolTS
MAXiMuM
clAMPing
VolTAge
(Fig. 2)
@ i
P = 1A
V
c
VolTS
MAXiMuM
clAMPing
VolTAge
(Fig. 2)
@ 8/20µs
V
c @ iPP
VolTS
MAXiMuM
leAkAge
cuRRenT
@ V
WM
i
d
µA
MAXiMuM
cAPAciTAnce
PeR line
(note 1)
(Fig. 5)
0V, 1Mhz
c
j(Sd)
pF
PSR05
5A
5.0
6.0
9.8
20.0V @ 28.0A
5
10
noTeS
1. As shown in Figure 5, REF 1 is connected to ground, REF 2 is connected to +V
CC and input applies to VCC = 5V, VSIGN = 30mV, F = 1MHz.


Similar Part No. - PSR05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSR05 ETC-PSR05 Datasheet
189Kb / 5P
   STEERING DIODE / TVS ARRAY COMBO
logo
Protek Devices
PSR05 PROTEC-PSR05 Datasheet
87Kb / 5P
   STEERING DIODE/TVS ARRAY COMBO
logo
Shanghai Semitech Semic...
PSR05 SEMITECH-PSR05 Datasheet
214Kb / 3P
   Unidirectional Configuration
logo
Protek Devices
PSR05-LF-T7 PROTEC-PSR05-LF-T7 Datasheet
87Kb / 5P
   STEERING DIODE/TVS ARRAY COMBO
logo
Guangdong Youtai Semico...
PSR05-LF-T7 UMW-PSR05-LF-T7 Datasheet
774Kb / 4P
   Low Capacitance TVS Diode Array
More results

Similar Description - PSR05

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSRDA3.3-4 PROTEC-PSRDA3.3-4_12 Datasheet
931Kb / 9P
   500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PUSB6B PROTEC-PUSB6B_12 Datasheet
514Kb / 6P
   500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSRDA3.3-4 PROTEC-PSRDA3.3-4_10 Datasheet
928Kb / 9P
   500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PUSB6B PROTEC-PUSB6B Datasheet
513Kb / 6P
   500 WATT low capacitance steering diode/TVS ARRAY
PSR05 PROTEC-PSR05_12 Datasheet
736Kb / 9P
   500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSRDAXX-4A PROTEC-PSRDAXX-4A Datasheet
397Kb / 6P
   500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
SR12 PROTEC-SR12_10 Datasheet
648Kb / 8P
   500 WATT low capacitance steering diode/TVS array
SR12 PROTEC-SR12_12 Datasheet
649Kb / 8P
   500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSRDA3.3-6 PROTEC-PSRDA3.3-6_12 Datasheet
808Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSRDAXX-6A PROTEC-PSRDAXX-6A Datasheet
397Kb / 6P
   500 WATT ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com