Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSRDA3.3-6 Datasheet(PDF) 2 Page - Protek Devices

Part # PSRDA3.3-6
Description  500 WATT ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSRDA3.3-6 Datasheet(HTML) 2 Page - Protek Devices

  PSRDA3.3-6_10 Datasheet HTML 1Page - Protek Devices PSRDA3.3-6_10 Datasheet HTML 2Page - Protek Devices PSRDA3.3-6_10 Datasheet HTML 3Page - Protek Devices PSRDA3.3-6_10 Datasheet HTML 4Page - Protek Devices PSRDA3.3-6_10 Datasheet HTML 5Page - Protek Devices PSRDA3.3-6_10 Datasheet HTML 6Page - Protek Devices PSRDA3.3-6_10 Datasheet HTML 7Page - Protek Devices PSRDA3.3-6_10 Datasheet HTML 8Page - Protek Devices PSRDA3.3-6_10 Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05110.R9 11/10
Page 2
PSRDA3.3-6 - PSRDA05-6
TYPICAL DEVICE ChARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
PARAMETER
SYMBOL
VALUE
UNITS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
500
Watts
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Continuous Power Dissipation
P
PC
1000
mW
Maximum Forward Voltage @ 10mA (Note 1)
V
F
1.1
Volts
NOTES
1. Measured between pins 8 to 1, 2, 3, 4, 5, 6 or 7.
ELECTRICAL ChARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
DEVICE
MARkING
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
MINIMUM
BREAkDOWN
VOLTAGE
@1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(Fig. 2)
@I
P = 1A
V
C
VOLTS
MAXIMUM
LEAkAGE
CURRENT
@V
WM
I
D
µA
MAXIMUM
CAPACITANCE
(Note 1)
(Fig. 5)
@0V, 1Mhz
C
j(SD)
pF
PSRDA3.3-6
SGG
3.3
4.0
6.5
125
5
PSRDA05-6
SGH
5.0
6.0
9.8
20
5
NOTES
1. Capacitance measured at V
WM = VCC connected between I/O pins to pin 8 (Gnd). VR = VWM @ 1MHz. As shown in Figure 6, REF1 is connected to ground, REF2 is connected to +VCC, and
input applies to V
CC = 5V, VSIGN = 30mV, F = 1MHz
FIGURE 1
PEAk PULSE POWER VS PULSE TIME
t
d - Pulse Duration - µs
500W, 8/20µs Waveform
0.1
1
10
100
1,000
10,000
10
100
1,000
10,000


Similar Part No. - PSRDA3.3-6_10

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSRDA3.3-6 PROTEC-PSRDA3.3-6_12 Datasheet
808Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
More results

Similar Description - PSRDA3.3-6_10

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSRDA3.3-6 PROTEC-PSRDA3.3-6_12 Datasheet
808Kb / 9P
   500 WATT ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSRDAXX-6A PROTEC-PSRDAXX-6A Datasheet
397Kb / 6P
   500 WATT ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSR05LC PROTEC-PSR05LC Datasheet
605Kb / 8P
   500 WATT ultra low capacitance steering diode/TVS array
PSR05LC PROTEC-PSR05LC_12 Datasheet
607Kb / 8P
   500 WATT ULTRA LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSRDA3.3-4 PROTEC-PSRDA3.3-4_12 Datasheet
931Kb / 9P
   500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PUSB6B PROTEC-PUSB6B_12 Datasheet
514Kb / 6P
   500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PSR05 PROTEC-PSR05_10 Datasheet
735Kb / 9P
   500 WATT low capacitance steering diode/TVS array
PSRDA3.3-4 PROTEC-PSRDA3.3-4_10 Datasheet
928Kb / 9P
   500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
PUSB6B PROTEC-PUSB6B Datasheet
513Kb / 6P
   500 WATT low capacitance steering diode/TVS ARRAY
PSR05 PROTEC-PSR05_12 Datasheet
736Kb / 9P
   500 WATT LOW CAPACITANCE STEERING DIODE/TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com