Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSSB05P Datasheet(PDF) 8 Page - Protek Devices

Part # PSSB05P
Description  ultra LOW CAPACITANCE - super speed bus protection - TVS ARRAY
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSSB05P Datasheet(HTML) 8 Page - Protek Devices

  PSSB05P Datasheet HTML 1Page - Protek Devices PSSB05P Datasheet HTML 2Page - Protek Devices PSSB05P Datasheet HTML 3Page - Protek Devices PSSB05P Datasheet HTML 4Page - Protek Devices PSSB05P Datasheet HTML 5Page - Protek Devices PSSB05P Datasheet HTML 6Page - Protek Devices PSSB05P Datasheet HTML 7Page - Protek Devices PSSB05P Datasheet HTML 8Page - Protek Devices PSSB05P Datasheet HTML 9Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05336.R0 3/11
Page 8
PSSB05P
taPE aNd REEl
ORdERING INFORMatION
BaSE PaRt NuMBER
lEadFREE SuFFIX
taPE SuFFIX
QtY/REEl
REEl SIZE
tuBE QtY
PSSB05P
n/a
-T710
10,000
7”
n/a
10 Pitches Cumulative
Tolerance on tape ± 0.2
W
F
B0
E
P2
P0
D
P
A0
K0
T
User Direction of Feed
Top Cover
Tape
SPECIFICatIONS
REEl dIa.
taPE
WIdth
a0
B0
k0
d
E
F
W
P0
P2
P
tmax
178mm (7”)
8mm
0.70 ± 0.05 1.15 ± 0.10 0.56 ± 0.05 1.55 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ± 0.30 4.00 ± 0.10 2.00 ± 0.05 2.00 ± 0.05
0.25
NOtES
1. Dimensions are in millimeters.
2. Surface mount product is taped and reeled in accordance with EIA-481.
3. Suffix - T710 = 7” Reel - 10,000 pieces per 8mm tape.
4. Marking on Part - marking code (see page 2).
Package outline, pad layout and tape specifications per document number 06094.R1 3/11 - Option 2.


Similar Part No. - PSSB05P

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSSB05P PROTEC-PSSB05P_12 Datasheet
943Kb / 9P
   ULTRA LOW CAPACITANCE - SUPER SPEED BUS PROTECTION - TVS ARRAY
More results

Similar Description - PSSB05P

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSSB05P PROTEC-PSSB05P_12 Datasheet
943Kb / 9P
   ULTRA LOW CAPACITANCE - SUPER SPEED BUS PROTECTION - TVS ARRAY
GBLC03 PROTEC-GBLC03 Datasheet
174Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
logo
FutureWafer Tech Co.,Lt...
FW0524LC-0.8PF FUTUREWAFER-FW0524LC-0.8PF Datasheet
1,017Kb / 5P
   Ultra Low Capacitance TVS Array
logo
Protek Devices
SLVU2.8-4 PROTEC-SLVU2.8-4_05 Datasheet
97Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
PLC497 PROTEC-PLC497 Datasheet
111Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03 Datasheet
57Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_07 Datasheet
62Kb / 3P
   ULTRA LOW CAPACITANCE TVS ARRAY
SLVU28-4 PROTEC-SLVU28-4 Datasheet
184Kb / 5P
   ULTRA LOW CAPACITANCE TVS ARRAY
GBLCXXCDSL PROTEC-GBLCXXCDSL Datasheet
522Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
PAM03SD2303CI PROTEC-PAM03SD2303CI_12 Datasheet
602Kb / 7P
   ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com