Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TTS2B10323471 Datasheet(PDF) 1 Page - Thinking Electronic Industrial Co.,Ltd

Part # TTS2B10323471
Description  Bead Type for Temperature Sensing/Compensation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKING [Thinking Electronic Industrial Co.,Ltd]
Direct Link  http://www.thinking.com.tw
Logo THINKING - Thinking Electronic Industrial Co.,Ltd

TTS2B10323471 Datasheet(HTML) 1 Page - Thinking Electronic Industrial Co.,Ltd

  TTS2B10323471 Datasheet HTML 1Page - Thinking Electronic Industrial Co.,Ltd TTS2B10323471 Datasheet HTML 2Page - Thinking Electronic Industrial Co.,Ltd TTS2B10323471 Datasheet HTML 3Page - Thinking Electronic Industrial Co.,Ltd TTS2B10323471 Datasheet HTML 4Page - Thinking Electronic Industrial Co.,Ltd TTS2B10323471 Datasheet HTML 5Page - Thinking Electronic Industrial Co.,Ltd TTS2B10323471 Datasheet HTML 6Page - Thinking Electronic Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
NTC Thermistor:
:TTS Type
Bead Type for Temperature Sensing/Compensation
THINKING ELECTRONIC INDUSTRIAL Co., LTD.
1
www.thinking.com.tw
2008.03
Features
1.
RoHS compliant
2.
Body size ψ1.6mm~ψ2.5mm
3.
Radial lead resin coated
4.
Long leads for easy sensor placement
5.
-40 ~ +100
operating temperature range
6.
Wide resistance range
7.
Agency recognition: UL /cUL
Recommended Applications
1. Home appliances (air conditioner, refrigerator,
electric fan, electric cooker, washing machine,
microwave oven, drinking machine, CTV, radio.)
2. Thermometer
Part Number Code
1
2
3
.4
5
6
7
8
9
10
11
12
13
14
15
16
Structure and Dimensions
Definition
of
B Value
A
B25/85
B
B25/50
Size
1
ψ1.6mmx
3 mm
(max)
2
ψ2.5mm×
4mm
(max)
(Unit: mm)
Product Type
TTS
Thinking
NTC thermistor
TTS type
Zero Power
Resistance
at 25℃ (R25)
102
1KΩ
103
10KΩ
473
47KΩ
Tolerance of
R25
F
±1%
G
±2%
H
±3%
J
±5%
K
±10%
B Value
First
Two Digits
30
31
32
40
41
30
31
32
40
41
B Value
Last
Two Digits
0
A
1
B
2
H
8
J
9
K
00
05
10
15
20
75
80
85
90
95
Tolerance of
B Value
1
±1%
2
±2%
3
±3%
Optional Suffix
Y
RoHS
compliant
Part No.
Dmax.
Amax.
d
L
TTS1
1.6
3.0
TTS2
2.5
4.0
0.25±0.02
40±2
Part No.
Dmax.
Amax.
d
L
I
TTS1
1.6
3.0
TTS2
2.5
4.0
0.23±0.02
80±4
4±1
C Type
E Type
D
A
L
I
d
Epoxy resin
Enameled Copper
Wire
Soldered
Epoxy resin
Silver Plated Copper Wire
D
A
L
d
Appearance
C
ψ0.25mm Silver plated Copper wire
D
ψ0.3 mm Silver plated Copper wire
E
ψ0.23mm enameled Copper wire
F
ψ0.3mm enameled Copper wire
M ψ0.23mm enameled manganin wire
P
ψ0.5mm enameled manganin wire
N
ψ0.23mm enameled constantan wire


Similar Part No. - TTS2B10323471

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
TTS2B103F30A1C MERITEK-TTS2B103F30A1C Datasheet
921Kb / 9P
   NTC Thermistors
TTS2B103F30A1F MERITEK-TTS2B103F30A1F Datasheet
921Kb / 9P
   NTC Thermistors
TTS2B103F30A1M MERITEK-TTS2B103F30A1M Datasheet
921Kb / 9P
   NTC Thermistors
TTS2B103F30A2C MERITEK-TTS2B103F30A2C Datasheet
921Kb / 9P
   NTC Thermistors
TTS2B103F30A2F MERITEK-TTS2B103F30A2F Datasheet
921Kb / 9P
   NTC Thermistors
More results

Similar Description - TTS2B10323471

ManufacturerPart #DatasheetDescription
logo
Thinking Electronic Ind...
TGMAA503F3993DA6 THINKING-TGMAA503F3993DA6 Datasheet
94Kb / 4P
   Glass Encapsulated Type for Temperature Sensing/Compensation
TTF3A50211 THINKING-TTF3A50211 Datasheet
103Kb / 5P
   Insulation Film Type for Temperature Sensing/Compensation
DHT0A50213552 THINKING-DHT0A50213552 Datasheet
210Kb / 6P
   Glass Axial Type for Temperature Sensing/Compensation
TTC3A901139D1 THINKING-TTC3A901139D1 Datasheet
150Kb / 7P
   3mm Disc Type for Temperature Sensing/Compensation
logo
List of Unclassifed Man...
TTC05 ETC2-TTC05 Datasheet
2Mb / 5P
   Temperature Compensation/Sensing
logo
Thinking Electronic Ind...
TCF3A20213181 THINKING-TCF3A20213181 Datasheet
109Kb / 5P
   Lead Frame for Temperature Sensing/Compensation
TTC050055 THINKING-TTC050055 Datasheet
384Kb / 8P
   圭5 mm Disc Type for Temperature Sensing/Compensation
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
   NTC thermistors for temperature sensing and compensation
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
logo
List of Unclassifed Man...
SLC0100 ETC1-SLC0100 Datasheet
165Kb / 3P
   CLASS I TEMPERATURE COMPENSATION TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com