Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY4640 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY4640
Description  EZ-Host Programmable Embedded USB Host and Peripheral Controller
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY4640 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY4640 Datasheet HTML 6Page - Cypress Semiconductor CY4640 Datasheet HTML 7Page - Cypress Semiconductor CY4640 Datasheet HTML 8Page - Cypress Semiconductor CY4640 Datasheet HTML 9Page - Cypress Semiconductor CY4640 Datasheet HTML 10Page - Cypress Semiconductor CY4640 Datasheet HTML 11Page - Cypress Semiconductor CY4640 Datasheet HTML 12Page - Cypress Semiconductor CY4640 Datasheet HTML 13Page - Cypress Semiconductor CY4640 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
CY7C67300
Document #: 38-08015 Rev. *K
Page 10 of 102
Host Port Interface
EZ-Host has an HPI interface. The HPI interface provides DMA
access to the EZ-Host internal memory by an external host, plus
a bidirectional mailbox register for supporting high level commu-
nication protocols. This port is designed to be the primary
high-speed connection to a host processor. Complete control of
EZ-Host can be accomplished through this interface via an
extensible API and communication protocol. Other than the
hardware communication protocols, a host processor has
identical control over EZ-Host whether connecting to the HPI or
HSS port. The HPI interface is exposed through GPIO pins.
HPI Features
16-bit data bus interface
16 MB/s throughput
Auto-increment of address pointer for fast block mode transfers
Direct memory access (DMA) to internal memory
Bidirectional Mailbox register
Byte swapping
Complete access to internal memory
Complete control of SIEs through HPI
Dedicated HPI status register
HPI Pins
The two HPI address pins are used to address one of four
possible HPI port registers as shown in Table 13.
IDE Interface
EZ-Host has an IDE interface. The IDE interface supports PIO
mode 0-4 as specified in the Information Technology-AT
Attachment–4 with Packet Interface Extension (ATA/ATAPI-4)
Specification, T13/1153D Rev 18. There is no need for firmware
to use programmable wait states. The CPU read/write cycle is
automatically extended as needed for direct CPU to IDE
read/write accesses.
The EZ-Host IDE interface also has a BLOCK transfer mode that
allows EZ-Host to read/write large blocks of data to/from the IDE
data register and move it to/from the EZ-Host on-chip memory
directly without intervention of the CPU. The IDE interface is
exposed through GPIO pins. Table14on page 11 lists the
achieved throughput for maximum block mode data transfer rate
(with IDE_IORDY true) for the various IDE PIO modes.
Table 12. HPI Interface Pins [3, 4]
Pin Name
Pin Number
INT
46
nRD
47
nWR
48
nCS
49
A1
50
A0
52
D15
56
D14
57
D13
58
D12
59
Notes
3. HPI_INT is for the Outgoing Mailbox interrupt.
4. HPI strobes are negative logic sampled on rising edge.
D11
60
D10
61
D9
65
D8
66
D7
86
D6
87
D5
89
D4
90
D3
91
D2
92
D1
93
D0
94
Table 13. HPI Addressing
HPI A[1:0]
A1
A0
HPI Data
0
0
HPI Mailbox
0
1
HPI Address
1
0
HPI Status
1
1
Table 12. HPI Interface Pins
(continued)[3, 4]
[+] Feedback


Similar Part No. - CY4640

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY4640 CYPRESS-CY4640 Datasheet
917Kb / 112P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
More results

Similar Description - CY4640

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C67300 CYPRESS-CY7C67300 Datasheet
668Kb / 119P
   EZ-Host Programmable Embedded USB Host/Peripheral Controller
CY7C67300 CYPRESS-CY7C67300_07 Datasheet
1Mb / 98P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_06 Datasheet
268Kb / 9P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_13 Datasheet
917Kb / 112P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67300 CYPRESS-CY7C67300_08 Datasheet
1Mb / 99P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
CY7C67200 CYPRESS-CY7C67200_13 Datasheet
1Mb / 92P
   EZ-OTG??Programmable USB On-The-Go Host/Peripheral Controller
CY7C67200 CYPRESS-CY7C67200 Datasheet
618Kb / 98P
   EZ-OTG Programmable USB On-The-Go Host/Peripheral Controller
logo
Future Technology Devic...
VNC1L FTDI-VNC1L Datasheet
700Kb / 31P
   Embedded USB Host Controller IC
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS Datasheet
499Kb / 29P
   Embedded USB Host/Slave Controller
SL811HS CYPRESS-SL811HS_11 Datasheet
641Kb / 32P
   Embedded USB Host/Slave Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com