Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C68023 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C68023
Description  EZ-USB NX2LP USB 2.0 NAND Flash Controller 3.3 V NAND Flash Operation
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68023 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C68023 Datasheet HTML 1Page - Cypress Semiconductor CY7C68023 Datasheet HTML 2Page - Cypress Semiconductor CY7C68023 Datasheet HTML 3Page - Cypress Semiconductor CY7C68023 Datasheet HTML 4Page - Cypress Semiconductor CY7C68023 Datasheet HTML 5Page - Cypress Semiconductor CY7C68023 Datasheet HTML 6Page - Cypress Semiconductor CY7C68023 Datasheet HTML 7Page - Cypress Semiconductor CY7C68023 Datasheet HTML 8Page - Cypress Semiconductor CY7C68023 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CY7C68023/CY7C68024
Document #: 38-08055 Rev. *E
Page 3 of 10
16
Reserved
N/A
N/A
Must be tied HIGH (no pull up resistor required)
17
VCC
PWR
PWR
3.3 V supply
18
DDO
I/O
Z
Data 0
19
DD1
I/O
Z
Data 1
20
DD2
I/O
Z
Data 2
21
DD3
I/O
Z
Data 3
22
DD4
I/O
Z
Data 4
23
DD5
I/O
Z
Data 5
24
DD6
I/O
Z
Data 6
25
DD7
I/O
Z
Data 7
26
GND
GND
GND
Ground
27
VCC
PWR
PWR
3.3 V supply
28
GND
GND
GND
Ground
29
WE#
O
H
Write enable
30
RE0#
O
H
Read Enable 0
31
RE1#
O
H
Read Enable 1
32
VCC
PWR
PWR
3.3 V supply
33
CLE
O
Z
Command latch enable
34
ALE
O
Z
Address latch enable
35
LED1#
O
Z
Data activity LED sink
36
LED2#
O
Z
Chip active LED sink
37
WP_NF#
O
Z
Write-protect NAND Flash
38
WP_SW#
I
Z
Write-protect switch input
39
N/C
N/A
N/A
No connect
40
N/C
N/A
N/A
No connect
41
GND
GND
GND
Ground
42
RESET#
I
Z
NX2LP chip reset
43
VCC
PWR
PWR
3.3 V supply
44
Reserved
N/A
N/A
Must be tied HIGH
45
CE0#
O
Z
Chip enable 0
46
CE1#
O
Z
Chip enable 1
47
CE2#
O
Z
Chip enable 2
48
CE3#
O
Z
Chip enable 3
49
CE4#
O
Z
Chip enable 4
50
CE5#
O
Z
Chip enable 5
51
CE6#
O
Z
Chip enable 6
52
CE7#
O
Z
Chip enable 7
53
GND
GND
GND
Ground
54
N/C
N/A
N/A
No connect
55
VCC
PWR
PWR
3.3 V supply
56
GND
GND
GND
Ground
Pin Descriptions (continued)
Pin
Name
Type
Default State at Startup
Description
[+] Feedback


Similar Part No. - CY7C68023

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68023 CYPRESS-CY7C68023 Datasheet
192Kb / 9P
   EZ-USB NX2LP USB 2.0 NAND Flash Controller
CY7C68023-56LFXC CYPRESS-CY7C68023-56LFXC Datasheet
192Kb / 9P
   EZ-USB NX2LP USB 2.0 NAND Flash Controller
CY7C68023-56LFXC CYPRESS-CY7C68023-56LFXC Datasheet
429Kb / 10P
   EZ-USB NX2LP USB 2.0 NAND Flash Controller
CY7C68023-56LTXC CYPRESS-CY7C68023-56LTXC Datasheet
429Kb / 10P
   EZ-USB NX2LP USB 2.0 NAND Flash Controller
CY7C68023-56LTXC CYPRESS-CY7C68023-56LTXC Datasheet
220Kb / 9P
   EZ-USB NX2LP??USB 2.0 NAND Flash Controller
More results

Similar Description - CY7C68023

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68023 CYPRESS-CY7C68023_12 Datasheet
220Kb / 9P
   EZ-USB NX2LP??USB 2.0 NAND Flash Controller
CY7C68023 CYPRESS-CY7C68023_09 Datasheet
429Kb / 10P
   EZ-USB NX2LP USB 2.0 NAND Flash Controller
CY7C68023 CYPRESS-CY7C68023 Datasheet
192Kb / 9P
   EZ-USB NX2LP USB 2.0 NAND Flash Controller
CY7C68033 CYPRESS-CY7C68033 Datasheet
1Mb / 33P
   EZ-USB NX2LP-Flex??Flexible USB NAND Flash Controller
CY7C68033 CYPRESS-CY7C68033_12 Datasheet
557Kb / 40P
   EZ-USB NX2LP-Flex Flexible USB NAND Flash Controller
CY7C68033 CYPRESS-CY7C68033_09 Datasheet
1Mb / 34P
   EZ-USB NX2LP-Flex Flexible USB NAND Flash Controller
CS5954AM CYPRESS-CS5954AM Datasheet
411Kb / 44P
   USB Controller for NAND Flash
logo
ELAN Microelectronics C...
EKF5250 EMC-EKF5250 Datasheet
299Kb / 11P
   USB full speed NAND flash controller
logo
List of Unclassifed Man...
MW6208 ETC-MW6208 Datasheet
401Kb / 18P
   USB 2.0 FLASH DISK CONTROLLER
Revision 1.0 May 2007
logo
SMSC Corporation
USB97C210 SMSC-USB97C210 Datasheet
380Kb / 24P
   USB 2.0 FLASH MEDIA CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com