Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C3245LTI-163 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8C3245LTI-163
Description  Programmable System-on-Chip (PSoC) DC to 50 MHz operation
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C3245LTI-163 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8C3245LTI-163 Datasheet HTML 6Page - Cypress Semiconductor CY8C3245LTI-163 Datasheet HTML 7Page - Cypress Semiconductor CY8C3245LTI-163 Datasheet HTML 8Page - Cypress Semiconductor CY8C3245LTI-163 Datasheet HTML 9Page - Cypress Semiconductor CY8C3245LTI-163 Datasheet HTML 10Page - Cypress Semiconductor CY8C3245LTI-163 Datasheet HTML 11Page - Cypress Semiconductor CY8C3245LTI-163 Datasheet HTML 12Page - Cypress Semiconductor CY8C3245LTI-163 Datasheet HTML 13Page - Cypress Semiconductor CY8C3245LTI-163 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 120 page
background image
PSoC® 3: CY8C32 Family
Data Sheet
Document Number: 001-56955 Rev. *K
Page 10 of 120
Figure 2-6. Example PCB Layout for 100-pin TQFP Part for Optimal Analog Performance
3. Pin Descriptions
IDAC0
Low resistance output pin for high current DAC (IDAC).
Extref0, Extref1
External reference input to the analog system.
GPIO
General purpose I/O pin provides interfaces to the CPU, digital
peripherals, analog peripherals, interrupts, LCD segment drive,
and CapSense.
I2C0: SCL, I2C1: SCL
I2C SCL line providing wake from sleep on an address match.
Any I/O pin can be used for I2C SCL if wake from sleep is not
required.
I2C0: SDA, I2C1: SDA
I2C SDA line providing wake from sleep on an address match.
Any I/O pin can be used for I2C SDA if wake from sleep is not
required.
Ind
Inductor connection to boost pump.
kHz XTAL: Xo, kHz XTAL: Xi
32.768-kHz crystal oscillator pin.
MHz XTAL: Xo, MHz XTAL: Xi
4- to 25- MHz crystal oscillator pin.
nTRST
Optional JTAG test reset programming and debug port
connection to reset the JTAG connection.
SIO
Special I/O provides interfaces to the CPU, digital peripherals
and interrupts with a programmable high threshold voltage,
analog comparator, high sink current, and high impedance state
when the device is unpowered.
SWDCK
Serial wire debug clock programming and debug port
connection.
SWDIO
Serial wire debug input and output programming and debug port
connection.
SWV.
Single wire viewer debug output.
TCK
JTAG test clock programming and debug port connection.
TDI
JTAG test data in programming and debug port connection.
TDO
JTAG test data out programming and debug port connection.
TMS
JTAG test mode select programming and debug port connection.
Vddd
Vssd
Vdda
Vssa
Vssd
Plane
Vssa
Plane


Similar Part No. - CY8C3245LTI-163

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C3245LTI-163 CYPRESS-CY8C3245LTI-163 Datasheet
3Mb / 119P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163 CYPRESS-CY8C3245LTI-163 Datasheet
4Mb / 122P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163 CYPRESS-CY8C3245LTI-163 Datasheet
3Mb / 121P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163 CYPRESS-CY8C3245LTI-163 Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
CY8C3245LTI-163T CYPRESS-CY8C3245LTI-163T Datasheet
11Mb / 128P
   Programmable System-on-Chip (PSoC짰)
More results

Similar Description - CY8C3245LTI-163

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C34_1105 CYPRESS-CY8C34_1105 Datasheet
4Mb / 127P
   Programmable System-on-Chip (PSoC) DC to 50 MHz operation
CY8C52_1106 CYPRESS-CY8C52_1106 Datasheet
3Mb / 95P
   Programmable System-on-Chip (PSoC) DC to 40 MHz operation
CY8C54_1106 CYPRESS-CY8C54_1106 Datasheet
3Mb / 105P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C55_1106 CYPRESS-CY8C55_1106 Datasheet
4Mb / 114P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C53 CYPRESS-CY8C53_11 Datasheet
3Mb / 106P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com