Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C20546A-24PVXI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8C20546A-24PVXI
Description  CapSense Applications Operating Range: 1.71 V to 5.5 V
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20546A-24PVXI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8C20546A-24PVXI Datasheet HTML 6Page - Cypress Semiconductor CY8C20546A-24PVXI Datasheet HTML 7Page - Cypress Semiconductor CY8C20546A-24PVXI Datasheet HTML 8Page - Cypress Semiconductor CY8C20546A-24PVXI Datasheet HTML 9Page - Cypress Semiconductor CY8C20546A-24PVXI Datasheet HTML 10Page - Cypress Semiconductor CY8C20546A-24PVXI Datasheet HTML 11Page - Cypress Semiconductor CY8C20546A-24PVXI Datasheet HTML 12Page - Cypress Semiconductor CY8C20546A-24PVXI Datasheet HTML 13Page - Cypress Semiconductor CY8C20546A-24PVXI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
CY8C20X36A/46A/66A/96A
Document Number: 001-54459 Rev. *E
Page 10 of 43
30-Ball Part Pinout
Table 4. Pin Definitions – CY8C20766A, CY8C20746A 30-Ball Part Pinout (WLCSP)
Pin No.
Type
Name
Description
Digital
Analog
Figure 5. CY8C20766A 30-Ball WLCSP
A1
IOH
I
P0[2]
Bottom View
Top View
A2
IOH
I
P0[6]
A3
Power
VDD
Supply voltage
A4
IOH
I
P0[1]
Integrating Input
A5
I/O
I
P2[7]
B1
I/O
I
P2[6]
B2
IOH
I
P0[0]
B3
IOH
I
P0[4]
B4
IOH
I
P0[3]
Integrating Input
B5
I/O
I
P2[5]
Crystal Output (Xout)
C1
I/O
I
P2[2]
C2
I/O
I
P2[4]
C3
IOH
I
P0[7]
C4
IOH
I
P0[5]
C5
I/O
I
P2[3]
Crystal Input (Xin)
D1
I/O
I
P2[0]
D2
I/O
I
P3[0]
D3
I/O
I
P3[1]
D4
I/O
I
P3[3]
D5
I/O
I
P2[1]
E1
Input
XRES
Active high external reset with
internal pull-down
E2
IOHR
I
P1[6]
E3
IOHR
I
P1[4]
Optional external clock input
(EXT CLK)
E4
IOHR
I
P1[7]
I2C SCL, SPI SS
E5
IOHR
I
P1[5]
I2C SDA, SPI MISO
F1
IOHR
I
P1[2]
F2
IOHR
I
P1[0]
ISSP DATA[11], I2C SDA, SPI
CLK[12]
F3
Power
VSS
Supply ground
F4
IOHR
I
P1[1]
ISSP CLK[11], I2C SCL, SPI
MOSI
F5
IOHR
I
P1[3]
SPI CLK
5
432
1
A
B
C
D
E
F
1
234
5
B
C
D
E
F
A
Notes
11. On power-up , the SDA(P1[0]) drives a strong high for 256 sleep clock cycles and drives resistive low for the next 256 sleep clock cycles. The SCL(P1[1])line drives
resistive low for 512 sleep clock cycles and both the pins transition to high impedance state. On reset, after XRES de-asserts, the SDA and the SCL lines drive
resistive low for 8 sleep clock cycles and transition to high impedance state. Hence, during power-up or reset event, P1[1] and P1[0] may disturb the I2C bus. Use
alternate pins if you encounter issues.
12. Alternate SPI clock.
[+] Feedback


Similar Part No. - CY8C20546A-24PVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20546A-24PVXI CYPRESS-CY8C20546A-24PVXI Datasheet
922Kb / 38P
   CapSense Applications
CY8C20546A-24PVXI CYPRESS-CY8C20546A-24PVXI Datasheet
791Kb / 47P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning
CY8C20546A-24PVXI CYPRESS-CY8C20546A-24PVXI Datasheet
782Kb / 51P
   1.8 V Programmable CapSense짰 Controller with SmartSense??Auto-tuning 1??3 Buttons, 0?? Sliders
CY8C20546A-24PVXIT CYPRESS-CY8C20546A-24PVXIT Datasheet
922Kb / 38P
   CapSense Applications
CY8C20546A-24PVXIT CYPRESS-CY8C20546A-24PVXIT Datasheet
791Kb / 47P
   1.8 V CapSense짰 Controller with SmartSense??Auto-tuning
More results

Similar Description - CY8C20546A-24PVXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20336H CYPRESS-CY8C20336H Datasheet
831Kb / 33P
   Haptics Enabled CapSense Controller 1.71-V to 5.5-V operating range
logo
Freescale Semiconductor...
KL26P121M48SF4 FREESCALE-KL26P121M48SF4 Datasheet
1Mb / 60P
   Operating Characteristics Voltage range: 1.71 to 3.6 V
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
   Input Voltage Operating Range: 1.5 V to 5.5 V
logo
NXP Semiconductors
K60P120M100SF2 NXP-K60P120M100SF2 Datasheet
2Mb / 72P
   Voltage range: 1.71 to 3.6 V
Rev. 7, 02/2013
K60P100M100SF2 NXP-K60P100M100SF2 Datasheet
2Mb / 76P
   Voltage range: 1.71 to 3.6 V
Rev. 7, 02/2013
K60P100M100SF2V2 NXP-K60P100M100SF2V2 Datasheet
1Mb / 80P
   Voltage range: 1.71 to 3.6 V
Rev. 3, 6/2013
logo
Freescale Semiconductor...
MKE02P64M20SF0 FREESCALE-MKE02P64M20SF0 Datasheet
1Mb / 36P
   Operating characteristics : Flash write voltage range: 2.7 to 5.5 V
logo
Texas Instruments
SN74AHCT1G02DBVR TI-SN74AHCT1G02DBVR Datasheet
867Kb / 13P
[Old version datasheet]   Operating Range of 4.5 V to 5.5 V, Inputs Are TTL-Voltage Compatible
logo
Infineon Technologies A...
6EDL7141 INFINEON-6EDL7141 Datasheet
8Mb / 132P
   5.5 V to 60 V operating supply voltage (recommended operating condition)
Revision 1.00 2021-06-02
logo
EHAOAN.
HS1838T-B-C EHAOAN-HS1838T-B-C Datasheet
1Mb / 8P
   Operating voltage: 2.7 V -5.5 V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com