Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C52 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY8C52
Description  Programmable System-on-Chip (PSoC) DC to 40 MHz operation
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C52 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY8C52 Datasheet HTML 1Page - Cypress Semiconductor CY8C52 Datasheet HTML 2Page - Cypress Semiconductor CY8C52 Datasheet HTML 3Page - Cypress Semiconductor CY8C52 Datasheet HTML 4Page - Cypress Semiconductor CY8C52 Datasheet HTML 5Page - Cypress Semiconductor CY8C52 Datasheet HTML 6Page - Cypress Semiconductor CY8C52 Datasheet HTML 7Page - Cypress Semiconductor CY8C52 Datasheet HTML 8Page - Cypress Semiconductor CY8C52 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 95 page
background image
PRELIMINARY
PSoC® 5: CY8C52 Family Datasheet
Document Number: 001-66236 Rev. *A
Page 4 of 95
In addition to the flexibility of the UDB array, PSoC also provides
configurable digital blocks targeted at specific functions. For the
CY8C52 family these blocks can include four 16-bit timers,
counters, and PWM blocks; I2C slave, master, and multimaster;
Full-Speed USB; and Full CAN 2.0b.
For more details on the peripherals see the “Example
Peripherals” section on page 31 of this data sheet. For
information on UDBs, DSI, and other digital blocks, see the
“Digital Subsystem” section on page 31 of this data sheet.
PSoC’s analog subsystem is the second half of its unique
configurability. All analog performance is based on a highly
accurate absolute voltage reference with less than 1% error over
temperature and voltage. The configurable analog subsystem
includes:
Analog muxes
Comparators
Voltage references
ADC
DAC
All GPIO pins can route analog signals into and out of the device
using the internal analog bus. This allows the device to interface
up to 62 discrete analog signals.
The CY8C52 family offers a SAR ADC. Featuring 12-bit
conversions at up to 1 M samples per second, it also offers low
nonlinearity and offset errors and SNR better than 70 dB. It is
well suited for a variety of higher speed analog applications.
A high-speed voltage or current DAC supports 8-bit output
signals at an update rate of 8 Msps in IDAC and 1 Msps in VDAC.
It can be routed out of any GPIO pin. You can create higher
resolution voltage PWM DAC outputs using the UDB array. This
can be used to create a pulse width modulated (PWM) DAC of
up to 10 bits, at up to 48 kHz. The digital DACs in each UDB
support PWM, PRS, or delta-sigma algorithms with
programmable widths.
In addition to the ADC and DAC, the analog subsystem provides
multiple comparators. See the “Analog Subsystem” section on
page 43 of this data sheet for more details.
PSoC’s CPU subsystem is built around a 32-bit three-stage
pipelined ARM Cortex-M3 processor running at up to 40 MHz.
The Cortex-M3 includes a tightly integrated nested vectored
interrupt controller (NVIC) and various debug and trace modules.
The overall CPU subsystem includes a DMA controller, flash
cache, and RAM. The NVIC provides low latency, nested
interrupts, and tail-chaining of interrupts and other features to
increase the efficiency of interrupt handling. The DMA controller
enables peripherals to exchange data without CPU involvement.
This allows the CPU to run slower (saving power) or use those
CPU cycles to improve the performance of firmware algorithms.
The flash cache also reduces system power consumption by
allowing less frequent flash access.
PSoC’s nonvolatile subsystem consists of flash and
byte-writeable EEPROM. It provides up to 256 KB of on-chip
flash. The CPU can reprogram individual blocks of flash,
enabling boot loaders. A powerful and flexible protection model
secures the user's sensitive information, allowing selective
memory block locking for read and write protection. Two KB of
byte-writable EEPROM is available on-chip to store application
data.
The three types of PSoC I/O are extremely flexible. All I/Os have
many drive modes that are set at POR. PSoC also provides up
to four I/O voltage domains through the VDDIO pins. Every GPIO
has analog I/O, LCD drive, flexible interrupt generation, slew rate
control, and digital I/O capability. The SIOs on PSoC allow VOH
to be set independently of VDDIO when used as outputs. When
SIOs are in input mode they are high impedance. This is true
even when the device is not powered or when the pin voltage
goes above the supply voltage. This makes the SIO ideally suited
for use on an I2C bus where the PSoC may not be powered when
other devices on the bus are. The SIO pins also have high
current sink capability for applications such as LED drives. The
programmable input threshold feature of the SIO can be used to
make the SIO function as a general purpose analog comparator.
For devices with Full-Speed USB, the USB physical interface is
also provided (USBIO). When not using USB these pins may
also be used for limited digital functionality and device
programming. All the features of the PSoC I/Os are covered in
detail in the “I/O System and Routing” section on page 25 of this
data sheet.
The PSoC device incorporates flexible internal clock generators,
designed for high stability and factory trimmed for high accuracy.
The internal main oscillator (IMO) is the master clock base for
the system and has 1% accuracy at 3 MHz. The IMO can be
configured to run from 3 MHz up to 24 MHz. Multiple clock
derivatives can be generated from the main clock frequency to
meet application needs. The device provides a PLL to generate
system clock frequencies up to 40 MHz from the IMO, external
crystal, or external reference clock. It also contains a separate,
very low-power internal low-speed oscillator (ILO) for the sleep
and watchdog timers. A 32.768 KHz external watch crystal is
also supported for use in RTC applications. The clocks, together
with programmable clock dividers, provide the flexibility to
integrate most timing requirements.
The CY8C52 family supports a wide supply operating range from
2.7 to 5.5 V. This allows operation from regulated supplies such
as 3.3 V ± 10% or 5.0 V ± 10%, or directly from a wide range of
battery types. It also provides an integrated high efficiency
synchronous boost converter that can power the device from
supply voltages as low as 1.8 V. The designer can use the boost
converter to generate other voltages required by the device,
such as a 3.3 V supply for LCD glass drive. The boost’s output
is available on the VBOOST pin, allowing other devices in the
application to be powered from the PSoC.
PSoC supports a wide range of low-power modes. These include
a 1-µA hibernate mode with RAM retention and a 3-µA sleep
mode with RTC. In the second mode the optional 32.768 kHz
watch crystal runs continuously and maintains an accurate RTC.
Power to all major functional blocks, including the programmable
digital and analog peripherals, can be controlled independently
by firmware. This allows low-power background processing
when some peripherals are not in use. This, in turn, provides a
total device current of only 2 mA when the CPU is running at
6 MHz.
The details of the PSoC power modes are covered in the “Power
System” section on page 21 of this data sheet.


Similar Part No. - CY8C52

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
4Mb / 94P
   Programmable System-on-Chip (PSoC짰)
CY8C5245PVI-112 CYPRESS-CY8C5245PVI-112 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
CY8C5245PVI-113 CYPRESS-CY8C5245PVI-113 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
CY8C5246AXI-002 CYPRESS-CY8C5246AXI-002 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
More results

Similar Description - CY8C52

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C54_1106 CYPRESS-CY8C54_1106 Datasheet
3Mb / 105P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C55_1106 CYPRESS-CY8C55_1106 Datasheet
4Mb / 114P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C32_1105 CYPRESS-CY8C32_1105 Datasheet
3Mb / 120P
   Programmable System-on-Chip (PSoC) DC to 50 MHz operation
CY8C34_1105 CYPRESS-CY8C34_1105 Datasheet
4Mb / 127P
   Programmable System-on-Chip (PSoC) DC to 50 MHz operation
CY8C53 CYPRESS-CY8C53_11 Datasheet
3Mb / 106P
   Programmable System-on-Chip (PSoC) DC to 67 MHz operation
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com