Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C20234 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY8C20234
Description  PSoC Programmable System-on-Chip Low power at high speed
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20234 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY8C20234 Datasheet HTML 1Page - Cypress Semiconductor CY8C20234 Datasheet HTML 2Page - Cypress Semiconductor CY8C20234 Datasheet HTML 3Page - Cypress Semiconductor CY8C20234 Datasheet HTML 4Page - Cypress Semiconductor CY8C20234 Datasheet HTML 5Page - Cypress Semiconductor CY8C20234 Datasheet HTML 6Page - Cypress Semiconductor CY8C20234 Datasheet HTML 7Page - Cypress Semiconductor CY8C20234 Datasheet HTML 8Page - Cypress Semiconductor CY8C20234 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
CY8C20134, CY8C20234, CY8C20334
CY8C20434, CY8C20534, CY8C20634
Document Number: 001-05356 Rev. *O
Page 3 of 47
PSoC Functional Overview
The PSoC family consists of many Programmable
System-on-Chips with On-Chip Controller devices. These
devices are designed to replace multiple traditional MCU based
system components with one low cost single chip programmable
component. A PSoC device includes configurable analog and
digital blocks and programmable interconnect. This architecture
enables the user to create customized peripheral configurations
to match the requirements of each individual application.
Additionally, a fast CPU, flash program memory, SRAM data
memory, and configurable I/O are included in a range of
convenient pinouts.
The PSoC architecture for this device family, as shown in
Figure 1, consists of three main areas: the Core, the System
Resources, and the CapSense Analog System. A common
versatile bus enables connection between I/O and the analog
system. Each CY8C20x34 PSoC device includes a dedicated
CapSense block that provides sensing and scanning control
circuitry for capacitive sensing applications. Depending on the
PSoC package, up to 28 general purpose I/O (GPIO) are also
included. The GPIO provide access to the MCU and analog mux.
PSoC Core
The PSoC Core is a powerful engine that supports a rich
instruction set. It encompasses SRAM for data storage, an
interrupt controller, sleep and watchdog timers, IMO , and ILO.
The CPU core, called the M8C, is a powerful processor with
speeds up to 12 MHz. The M8C is a two MIPS, 8-bit
Harvard-architecture microprocessor.
System Resources provide additional capability such as a
configurable I2C slave or SPI master-slave communication
interface and various system resets supported by the M8C.
The Analog System consists of the CapSense PSoC block and
an internal 1.8 V analog reference. Together they support capac-
itive sensing of up to 28 inputs.
CapSense Analog System
The Analog System contains the capacitive sensing hardware.
Several hardware algorithms are supported. This hardware
performs capacitive sensing and scanning without requiring
external components. Capacitive sensing is configurable on
each GPIO pin. Scanning of enabled CapSense pins is
completed quickly and easily across multiple ports.
Figure 1. Analog System Block Diagram
Analog Multiplexer System
The Analog Mux Bus connects to every GPIO pin. Pins are
connected to the bus individually or in any combination. The bus
also connects to the analog system for analysis with the
CapSense block comparator.
Switch control logic enables selected pins to precharge
continuously under hardware control. This enables capacitive
measurement for applications such as touch sensing. Other
multiplexer applications include:
Complex capacitive sensing interfaces such as sliders and
touch pads
Chip-wide mux that enables analog input from any I/O pin
Crosspoint connection between any I/O pin combinations
ID AC
Referenc e
Buffer
Vr
C internal
C ap Sens e C ounters
C om parator
Mu x
Mu x
Refs
C apSens e
Cloc k Select
Relaxation
O s c illator
(RO)
CSCLK
IMO
[+] Feedback


Similar Part No. - CY8C20234

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20234 CYPRESS-CY8C20234 Datasheet
469Kb / 32P
   PSoC짰 Mixed-Signal Array
CY8C20234 CYPRESS-CY8C20234 Datasheet
1Mb / 34P
   PSoC짰 Mixed-Signal Array
CY8C20234 CYPRESS-CY8C20234 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C20234 CYPRESS-CY8C20234 Datasheet
637Kb / 30P
   Automotive PSoC Programmable System-on-Chip
CY8C20234-12LKXA CYPRESS-CY8C20234-12LKXA Datasheet
637Kb / 30P
   Automotive PSoC Programmable System-on-Chip
More results

Similar Description - CY8C20234

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21634 CYPRESS-CY8C21634_10 Datasheet
1Mb / 50P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21123 CYPRESS-CY8C21123_11 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21345_1105 CYPRESS-CY8C21345_1105 Datasheet
960Kb / 34P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21634B CYPRESS-CY8C21634B Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C29466 CYPRESS-CY8C29466_11 Datasheet
1Mb / 61P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24094 CYPRESS-CY8C24094_11 Datasheet
1Mb / 59P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24894 CYPRESS-CY8C24894_11 Datasheet
1Mb / 46P
   Automotive PSoC Programmable System-on-Chip Low power at high speed
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com