Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C20334 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY8C20334
Description  PSoC Programmable System-on-Chip Low power at high speed
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20334 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY8C20334 Datasheet HTML 7Page - Cypress Semiconductor CY8C20334 Datasheet HTML 8Page - Cypress Semiconductor CY8C20334 Datasheet HTML 9Page - Cypress Semiconductor CY8C20334 Datasheet HTML 10Page - Cypress Semiconductor CY8C20334 Datasheet HTML 11Page - Cypress Semiconductor CY8C20334 Datasheet HTML 12Page - Cypress Semiconductor CY8C20334 Datasheet HTML 13Page - Cypress Semiconductor CY8C20334 Datasheet HTML 14Page - Cypress Semiconductor CY8C20334 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
CY8C20134, CY8C20234, CY8C20334
CY8C20434, CY8C20534, CY8C20634
Document Number: 001-05356 Rev. *O
Page 11 of 47
16-Pin Part Pinout
Figure 5. CY8C20234 16-Pin PSoC Device
Table 5. Pin Definitions – CY8C20234 16-Pin (QFN no e-pad)
Pin No.
Type
Name
Description
Digital
Analog
1
I/O
I
P2[5]
2
I/O
I
P2[1]
3
IOH
I
P1[7]
I2C SCL, SPI SS
4
IOH
I
P1[5]
I2C SDA, SPI MISO
5
IOH
I
P1[3]
SPI CLK
6
IOH
I
P1[1]
CLK[6], I2C SCL, SPI MOSI
7
Power
VSS
Ground connection
8
IOH
I
P1[0]
DATA[6], I2C SDA
9
IOH
I
P1[2]
10
IOH
I
P1[4]
Optional external clock input (EXTCLK)
11
Input
XRES
Active high external reset with internal pull-down
12
I/O
I
P0[4]
13
Power
VDD
Supply voltage
14
I/O
I
P0[7]
15
I/O
I
P0[3]
Integrating Input
16
I/O
I
P0[1]
A = Analog, I = Input, O = Output, OH = 5 mA High Output Drive
QFN
(Top View)
AI, P2[5]
AI, I2C SCL, SPI SS, P1[7]
AI, I2C SDA, SPI MISO, P1[5]
1
2
3
4
11
10
9
P0[4], AI
P1[2], AI
AI, P2[1]
P1[4], AI, EXTCLK
XRES
12
Note
6. These are the ISSP pins, that are not High Z at POR (Power-on-Reset). See the PSoC Technical Reference Manual for details.
[+] Feedback


Similar Part No. - CY8C20334

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20334 CYPRESS-CY8C20334 Datasheet
469Kb / 32P
   PSoC짰 Mixed-Signal Array
CY8C20334 CYPRESS-CY8C20334 Datasheet
1Mb / 34P
   PSoC짰 Mixed-Signal Array
CY8C20334 CYPRESS-CY8C20334 Datasheet
1Mb / 34P
   PSoC Programmable System-0n-Chip
CY8C20334 CYPRESS-CY8C20334 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C20334-12LQXI CYPRESS-CY8C20334-12LQXI Datasheet
1Mb / 34P
   PSoC짰 Mixed-Signal Array
More results

Similar Description - CY8C20334

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21634 CYPRESS-CY8C21634_10 Datasheet
1Mb / 50P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21123 CYPRESS-CY8C21123_11 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21345_1105 CYPRESS-CY8C21345_1105 Datasheet
960Kb / 34P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21634B CYPRESS-CY8C21634B Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C29466 CYPRESS-CY8C29466_11 Datasheet
1Mb / 61P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24094 CYPRESS-CY8C24094_11 Datasheet
1Mb / 59P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24894 CYPRESS-CY8C24894_11 Datasheet
1Mb / 46P
   Automotive PSoC Programmable System-on-Chip Low power at high speed
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com