Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C21434B Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY8C21434B
Description  PSoC Programmable System-on-Chip Low power at high speed
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C21434B Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY8C21434B Datasheet HTML 1Page - Cypress Semiconductor CY8C21434B Datasheet HTML 2Page - Cypress Semiconductor CY8C21434B Datasheet HTML 3Page - Cypress Semiconductor CY8C21434B Datasheet HTML 4Page - Cypress Semiconductor CY8C21434B Datasheet HTML 5Page - Cypress Semiconductor CY8C21434B Datasheet HTML 6Page - Cypress Semiconductor CY8C21434B Datasheet HTML 7Page - Cypress Semiconductor CY8C21434B Datasheet HTML 8Page - Cypress Semiconductor CY8C21434B Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
CY8C21634B, CY8C21534B, CY8C21434B
CY8C21334B, CY8C21234B
Document Number: 001-67345 Rev. *A
Page 4 of 47
The Analog System
The analog system consists of four configurable blocks that allow
for the creation of complex analog signal flows. Analog
peripherals are very flexible and can be customized to support
specific application requirements. Some of the common PSoC
analog functions for this device (most available as user modules)
are:
ADCs (single or dual, with 8-bit or 10-bit resolution)
Pin-to-pin comparator
Single-ended comparators (up to two) with absolute (1.3 V)
reference or 8-bit DAC reference
1.3-V reference (as a system resource)
In most PSoC devices, analog blocks are provided in columns of
three, which includes one continuous time (CT) and two switched
capacitor (SC) blocks. The CY8C21x34B devices provide limited
functionality Type E analog blocks. Each column contains one
CT Type E block and one SC Type E block. Refer to the PSoC
Technical Reference Manual for detailed information on the
CY8C21x34B’s Type E analog blocks.
Figure 2. Analog System Block Diagram
The Analog Multiplexer System
The analog mux bus can connect to every GPIO pin. Pins may
be connected to the bus individually or in any combination. The
bus also connects to the analog system for analysis with
comparators and analog-to-digital converters. An additional 8:1
analog input multiplexer provides a second path to bring Port 0
pins to the analog array.
Switch-control logic enables selected pins to precharge
continuously under hardware control. This enables capacitive
measurement for applications such as touch sensing. Other
multiplexer applications include:
Track pad, finger sensing
Chip-wide mux that allows analog input from any I/O pin
Crosspoint connection between any I/O pin combinations
Additional System Resources
System resources, some of which are listed in the previous
sections, provide additional capability useful to complete
systems. Additional resources include a switch-mode pump,
low-voltage detection, and power-on-reset (POR).
Digital clock dividers provide three customizable clock
frequencies for use in applications. The clocks may be routed
to both the digital and analog systems. Additional clocks can
be generated using digital PSoC blocks as clock dividers.
The I
2C module provides 100- and 400-kHz communication
over two wires. Slave, master, and multi-master modes are all
supported.
LVD interrupts can signal the application of falling voltage
levels, while the advanced POR circuit eliminates the need for
a system supervisor.
An internal 1.3-V reference provides an absolute reference for
the analog system, including ADCs and DACs.
An integrated switch-mode pump generates normal operating
voltages from a single 1.2-V battery cell, providing a low cost
boost converter.
Versatile analog multiplexer system.
ACOL1MUX
ACE00
ACE01
Array
Array Input
Configuration
ASE10
ASE11
X
X
X
X
X
Analog Mux Bus
All I/O
ACI0[1:0]
ACI1[1:0]
[+] Feedback


Similar Part No. - CY8C21434B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21434 CYPRESS-CY8C21434 Datasheet
376Kb / 35P
   PSoC Mixed-Signal Array
CY8C21434 CYPRESS-CY8C21434 Datasheet
612Kb / 42P
   PSoC짰 Mixed-Signal Array
CY8C21434 CYPRESS-CY8C21434 Datasheet
1Mb / 42P
   PSoC짰 Mixed-Signal Array
CY8C21434 CYPRESS-CY8C21434 Datasheet
1Mb / 43P
   PSoC짰 Mixed-Signal Array
CY8C21434 CYPRESS-CY8C21434 Datasheet
1Mb / 50P
   PSoC Programmable System-on-Chip Low power at high speed
More results

Similar Description - CY8C21434B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21634 CYPRESS-CY8C21634_10 Datasheet
1Mb / 50P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21123 CYPRESS-CY8C21123_11 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21345_1105 CYPRESS-CY8C21345_1105 Datasheet
960Kb / 34P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C20134_1106 CYPRESS-CY8C20134_1106 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C29466 CYPRESS-CY8C29466_11 Datasheet
1Mb / 61P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24094 CYPRESS-CY8C24094_11 Datasheet
1Mb / 59P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24894 CYPRESS-CY8C24894_11 Datasheet
1Mb / 46P
   Automotive PSoC Programmable System-on-Chip Low power at high speed
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com