Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C23X33 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C23X33
Description  PSoC Programmable System-on-Chip Low power at high speed
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C23X33 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C23X33 Datasheet HTML 1Page - Cypress Semiconductor CY8C23X33 Datasheet HTML 2Page - Cypress Semiconductor CY8C23X33 Datasheet HTML 3Page - Cypress Semiconductor CY8C23X33 Datasheet HTML 4Page - Cypress Semiconductor CY8C23X33 Datasheet HTML 5Page - Cypress Semiconductor CY8C23X33 Datasheet HTML 6Page - Cypress Semiconductor CY8C23X33 Datasheet HTML 7Page - Cypress Semiconductor CY8C23X33 Datasheet HTML 8Page - Cypress Semiconductor CY8C23X33 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
CY8C21345
CY8C22345, CY8C22545
PSoC® Programmable System-on-Chip
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-43084 Rev. *M
Revised May 23, 2011
Features
Powerful Harvard-architecture processor:
M8C processor speeds up to 24 MHz
8 × 8 multiply, 32-bit accumulate
Low power at high speed
3.0 V to 5.25 V operating voltage
Industrial temperature range: -40°C to +85°C
Advanced peripherals (PSoC
® Blocks)
Six analog type “E” PSoC blocks provide:
• Single or dual 8-Bit ADC
• Comparators (up to four)
Up to eight digital PSoC blocks provide:
• 8 to 32-Bit Timers, counters, and PWMs
• One shot, multi shot mode support in timers and PWMs
• PWM with deadband support in one digital block
• Shift register, CRC, and PRS modules
• Full duplex UART
• Multiple SPI masters or slaves, variable data length
Support: 8- to 16-Bit
• Can be connected to all GPIO pins
Complex peripherals by combining blocks
Shift function support for FSK detection
Powerful synchronize feature support. Analog module
operations can be synchronized by digital blocks or external
signals.
High speed 10-bit SAR ADC with sample and hold optimized for
embedded control
Precision, programmable clocking:
Internal ± 5% 24/48 MHz oscillator across the industrial
temperature range
High accuracy 24 MHz with optional 32 kHz crystal and PLL
Optional external oscillator, up to 24 MHz
Internal/external oscillator for watchdog and sleep
Flexible on-chip memory:
Up to 16 KB flash program storage 50,000 erase/write cycles
Up to 1-KB SRAM data storage
In-system serial programming (ISSP)
Partial flash updates
Flexible protection modes
EEPROM emulation in flash
Optimized CapSense
® resource:
Two IDAC support up to 640 µA source current to replace
external resistor
Two dedicated clock resources for CapSense:
• CSD_CLK: 1/2/4/8/16/32/128/256 derive from SYSCLK
• CNT_CLK: 1/2/4/8 Derive from CSD_CLK
Dedicated 16-bit timers/counters for capsense scanning
Support dual CSD channels simultaneous scanning
Programmable pin configurations:
25 mA sink, 10 mA source on all GPIOs
Pull-up, pull-down, high Z, Strong, or open-drain drive modes
on all GPIOs
Up to 38 analog inputs on GPIOs
Configurable interrupt on all GPIOs
Additional system resources:
I
2C
™ slave, master, and multimaster to 400 kHz
Supports hardware addressing feature
Watchdog and sleep timers
User configurable low voltage detection
Integrated supervisory circuit
On-Chip precision voltage reference
Supports RTC block into digital peripheral logic
Top Level Block Diagram
DIGITAL SYSTEM
Digital Block Array
DBC DBC DCC DCC
ROW 1
DBC DBC DCC DCC
ROW 2
SRAM
1K
Interrupt
Controller
Sleep and
Watchdog
Multiple Clock Sources
(Includes IMO, ILO, PLL, and ECO)
Global Digital Interconnect
Global Analog Interconnect
CPU Core (M8C)
SROM
Flash 16K
MACs
Internal
Voltage
Ref.
Digital
Clocks
POR and LVD
System Resets
SYSTEM RESOURCES
ANALOG SYSTEM
Analog
Ref
Analog Input
Muxing(L,R)
=
Port 2
Port 1
Port 0
Analog
Drivers
10-bit SAR
ADC
Port 3
Port 4
PSoC Core
I
2C
CTE
CTE
Analog Block Array
CTE
CTE
SCE
SCE
CapSense
Digital Resource
[+] Feedback


Similar Part No. - CY8C23X33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C23X33 CYPRESS-CY8C23X33 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C23X33 CYPRESS-CY8C23X33 Datasheet
1,005Kb / 37P
   PSoC Programmable System-on-Chip
CY8C23X33 CYPRESS-CY8C23X33 Datasheet
1,005Kb / 37P
   PSoC Programmable System-on-Chip
CY8C23X33 CYPRESS-CY8C23X33 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C23X33 CYPRESS-CY8C23X33 Datasheet
1Mb / 50P
   PSoC Programmable System-on-Chip Low power at high speed
More results

Similar Description - CY8C23X33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21634 CYPRESS-CY8C21634_10 Datasheet
1Mb / 50P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21123 CYPRESS-CY8C21123_11 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21634B CYPRESS-CY8C21634B Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C20134_1106 CYPRESS-CY8C20134_1106 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C29466 CYPRESS-CY8C29466_11 Datasheet
1Mb / 61P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24094 CYPRESS-CY8C24094_11 Datasheet
1Mb / 59P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24894 CYPRESS-CY8C24894_11 Datasheet
1Mb / 46P
   Automotive PSoC Programmable System-on-Chip Low power at high speed
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com