Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8CLED03G01 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY8CLED03G01
Description  PowerPSoC Intelligent LED Driver floating load buck-boost, and boost
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CLED03G01 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY8CLED03G01 Datasheet HTML 6Page - Cypress Semiconductor CY8CLED03G01 Datasheet HTML 7Page - Cypress Semiconductor CY8CLED03G01 Datasheet HTML 8Page - Cypress Semiconductor CY8CLED03G01 Datasheet HTML 9Page - Cypress Semiconductor CY8CLED03G01 Datasheet HTML 10Page - Cypress Semiconductor CY8CLED03G01 Datasheet HTML 11Page - Cypress Semiconductor CY8CLED03G01 Datasheet HTML 12Page - Cypress Semiconductor CY8CLED03G01 Datasheet HTML 13Page - Cypress Semiconductor CY8CLED03G01 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
CY8CLED04D01, CY8CLED04D02, CY8CLED04G01
CY8CLED03D01, CY8CLED03D02, CY8CLED03G01
CY8CLED02D01, CY8CLED01D01
Document Number: 001-46319 Rev. *N
Page 10 of 55
Figure 5-2. Current Waveforms
The minimum on-time and off-time circuits in the PowerPSoC
prevent oscillations at very high frequencies, which can be very
destructive to output switches.
5.2 Low Side N-Channel FETs
The internal low side N-Channel FETs are designed to enhance
system integration. The low side N-Channel FETs include the
following key features:
Drive capability up to 1 A
Switching times of 20 ns (rise and fall times) to ensure high
efficiency (more than 90%)
Drain source voltage rating 32 V
Low RDS(ON) to ensure high efficiency
Switching frequency up to 2 MHz
5.3 External Gate Drivers
These gate drivers enable the use of external FETs with higher
current capabilities or lower RDS(ON). The external gate drivers
directly drive MOSFETs that are used in switching applications.
The gate driver provides multiple programmable drive strength
steps to enable improved EMI management. The external gate
drivers include the following key features:
Programmable drive strength options (25%, 50%, 75%, 100%)
for EMI management
Rise and fall times at 55 ns with 4 nF load
5.4 Dimming Modulation Schemes
There are three dimming modulation schemes available with the
PowerPSoC. The configurable modulation schemes are:
Precise Intensity Signal Modulation (PrISM)
Delta Sigma Modulation Mode (DMM)
Pulse Width Modulation (PWM)
5.4.1 PrISM Mode Configuration
High resolution operation up to 16 bits
Dedicated PrISM module enables customers to use core PSoC
digital blocks for other needs
Clocking up to 48 MHz
Selectable output signal density
Reduced EMI
The PrISM mode compares the output of a pseudo-random
counter with a signal density value. The comparator output
asserts when the count value is less than or equal to the value
in the signal density register.
5.4.2 DMM Mode Configuration
High resolution operation up to 16 bits
Configurable output frequency and delta sigma modulator
width to trade off repeat rates versus resolution
Dedicated DMM module enables customers to use PSoC
digital blocks for other uses
Clocking up to 48 MHz
The DMM modulator consists of a 12-bit PWM block and a 4-bit
Delta Sigma Modulator (DSM) block. The width of the PWM, the
width of the DMM, and the clock defines the output frequency.
The duty cycle of the PWM output is dithered by using the DSM
block which has a user-selectable resolution up to 4 bits.
5.4.3 PWM Mode Configuration
High resolution operation up to 16 bits
User programmable period from 1 to 65535 clocks
Dedicated PWM module enables customers to use core PSoC
digital blocks for other use
Interrupt on rising edge of the output or terminal count
Precise PWM phase control to manage system current edges
Phase synchronization among the four channels
PWM output can be aligned to left, right, or center
The PWM features a down counter and a pulse width register.
A comparator output is asserted when the count value is less
than or equal to the value in the pulse width register.
5.5 Current Sense Amplifier
The high side current sense amplifiers provide a differential
sense capability to sense the voltage across current sense
resistors in lighting systems. The current sense amplifier
includes the following key features:
Operation with high common mode voltage to 32 V
High common mode rejection ratio
Programmable bandwidth to optimize system noise immunity
An off-chip resistor Rsense is used for high side current
measurement as shown in Figure 5-3. on page 11. The output of
the current sense amplifier goes to the power peripherals analog
multiplexer where, you select the hysteretic controller to which
ILED
DIM
ON
OFF
REF_B
REF_A
Hyst Out
[+] Feedback


Similar Part No. - CY8CLED03G01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLED03G01 CYPRESS-CY8CLED03G01 Datasheet
1Mb / 52P
   PowerPSoC Intelligent LED Driver
CY8CLED03G01 CYPRESS-CY8CLED03G01 Datasheet
1Mb / 55P
   PowerPSoC짰 Intelligent LED Driver
CY8CLED03G01-56LTXI CYPRESS-CY8CLED03G01-56LTXI Datasheet
1Mb / 52P
   PowerPSoC Intelligent LED Driver
CY8CLED03G01-56LTXI CYPRESS-CY8CLED03G01-56LTXI Datasheet
1Mb / 55P
   PowerPSoC짰 Intelligent LED Driver
CY8CLED03G01-56LTXI CYPRESS-CY8CLED03G01-56LTXI Datasheet
800Kb / 55P
   PowerPSoC짰 Intelligent LED Driver
More results

Similar Description - CY8CLED03G01

ManufacturerPart #DatasheetDescription
logo
Bright Power Semiconduc...
BP1808 BPS-BP1808 Datasheet
309Kb / 2P
   Boost, Buck and Buck-Boost DC/DC LED Driver
logo
Cypress Semiconductor
CY8CLED04D01 CYPRESS-CY8CLED04D01 Datasheet
1Mb / 52P
   PowerPSoC Intelligent LED Driver
logo
Shenzhen Huazhimei Semi...
HM3442 HMSEMI-HM3442 Datasheet
515Kb / 8P
   Buck-boost LED driver
logo
QX Micro Devices Co.,Lt...
QX5278 QXMD-QX5278 Datasheet
810Kb / 2P
   Buck-boost LED driver
logo
SYNC POWER Crop.
SP2354 SYNC-POWER-SP2354 Datasheet
286Kb / 8P
   1A Buck-Boost LED Driver
logo
Diodes Incorporated
ZXLD1371 DIODES-ZXLD1371 Datasheet
1Mb / 42P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER-CONTROLLER
ZXLD1370 DIODES-ZXLD1370_11 Datasheet
731Kb / 35P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
ZXLD1370 DIODES-ZXLD1370 Datasheet
856Kb / 33P
   60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
DS32165 Rev. 2 - 2
ZXLD1374 DIODES-ZXLD1374 Datasheet
733Kb / 35P
   60V HIGH ACCURACY 1.5A BUCK/BOOST/BUCK-BOOST LED DRIVER CONVERTER
DS35032 Rev. 1 - 2
AL8820 DIODES-AL8820 Datasheet
420Kb / 15P
   40V, 2A BOOST/BUCK LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com