Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8CLED08 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY8CLED08
Description  EZ-Color HB LED Controller Visual embedded design Binning compensation
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CLED08 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY8CLED08 Datasheet HTML 1Page - Cypress Semiconductor CY8CLED08 Datasheet HTML 2Page - Cypress Semiconductor CY8CLED08 Datasheet HTML 3Page - Cypress Semiconductor CY8CLED08 Datasheet HTML 4Page - Cypress Semiconductor CY8CLED08 Datasheet HTML 5Page - Cypress Semiconductor CY8CLED08 Datasheet HTML 6Page - Cypress Semiconductor CY8CLED08 Datasheet HTML 7Page - Cypress Semiconductor CY8CLED08 Datasheet HTML 8Page - Cypress Semiconductor CY8CLED08 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
CY8CLED16
Document Number: 001-13105 Rev. *H
Page 5 of 53
Figure 1. Digital System Block Diagram
The Analog System
The Analog System is composed of 12 configurable blocks, each
comprised of an opamp circuit allowing the creation of complex
analog signal flows. Analog peripherals are very flexible and can
be customized to support specific application requirements.
Some of the more common EZ-Color analog functions (most
available as user modules) are listed below.
Analog-to-digital converters (up to 4, with 6- to 14-bit resolution,
selectable as Incremental, Delta Sigma, and SAR)
Filters (2, 4, 6, or 8 pole band-pass, low-pass, and notch)
Amplifiers (up to 4, with selectable gain to 48x)
Instrumentation amplifiers (up to 2, with selectable gain to 93x)
Comparators (up to 4, with 16 selectable thresholds)
DACs (up to 4, with 6- to 9-bit resolution)
Multiplying DACs (up to 4, with 6- to 9-bit resolution)
High current output drivers (four with 40 mA drive as a core
resource)
1.3 V reference (as a System resource)
DTMF Dialer
Modulators
Correlators
Peak Detectors
Many other topologies possible
Analog blocks are provided in columns of three, which includes
one continuous time (CT) and two switched capacitor (SC)
blocks, as shown in the figure below.
Figure 2. Analog System Block Diagram
DIGITAL SYSTEM
To System Bus
Digital Clocks
From Core
Digital PSoC Block Array
To Analog
System
8
8
8
8
Row 1
DBB10
DBB11
DCB12
DCB13
4
4
Row 2
DBB20
DBB21
DCB22
DCB23
4
4
Row 0
DBB00
DBB01
DCB02
DCB03
4
4
Row 3
DBB30
DBB31
DCB32
DCB33
4
4
GIE[7:0]
GIO[7:0]
GOE[7:0]
GOO[7:0]
Global Digital
Interconnect
Port 7
Port 6
Port 5
Port 4
Port 3
Port 2
Port 1
Port 0
ACB00
ACB01
Block Array
Array Input Configuration
ACI1[1:0]
ACI2[1:0]
ACB02
ACB03
ASC12
ASD13
ASD22
ASC23
ASD20
ACI0[1:0]
ACI3[1:0]
P0[6]
P0[4]
P0[2]
P0[0]
P2[2]
P2[0]
P2[6]
P2[4]
P0[7]
P0[5]
P0[3]
P0[1]
P2[3]
P2[1]
Reference
Generators
AGNDIn
RefIn
Bandgap
RefHi
RefLo
AGND
ASD11
ASC21
ASC10
Interface to
Digital System
M8C Interface (Address Bus, Data Bus, Etc.)
Analog Reference


Similar Part No. - CY8CLED08

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLED08 CYPRESS-CY8CLED08 Datasheet
1Mb / 37P
   EZ-Color??HB LED Controller
CY8CLED08 CYPRESS-CY8CLED08 Datasheet
1Mb / 44P
   EZ-Color??HB LED Controller
CY8CLED08 CYPRESS-CY8CLED08 Datasheet
615Kb / 52P
   EZ-Color??HB LED Controller Binning compensation
CY8CLED08-28PVXI CYPRESS-CY8CLED08-28PVXI Datasheet
1Mb / 44P
   EZ-Color??HB LED Controller
CY8CLED08-28PVXIT CYPRESS-CY8CLED08-28PVXIT Datasheet
1Mb / 44P
   EZ-Color??HB LED Controller
More results

Similar Description - CY8CLED08

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLED08 CYPRESS-CY8CLED08_11 Datasheet
615Kb / 52P
   EZ-Color??HB LED Controller Binning compensation
CY8CLED08 CYPRESS-CY8CLED08_10 Datasheet
1Mb / 44P
   EZ-Color??HB LED Controller
CY8CLED02 CYPRESS-CY8CLED02_10 Datasheet
931Kb / 39P
   EZ-Color??HB LED Controller
CY8CLED16 CYPRESS-CY8CLED16_10 Datasheet
1Mb / 43P
   EZ-Color??HB-LED Controller
CY8CLED16 CYPRESS-CY8CLED16 Datasheet
1Mb / 39P
   EZ-Color??HB LED Controller
CY8CLED04 CYPRESS-CY8CLED04 Datasheet
1Mb / 33P
   EZ-Color??HB LED Controller
CY8CLED08 CYPRESS-CY8CLED08 Datasheet
1Mb / 37P
   EZ-Color??HB LED Controller
CY8CLED04 CYPRESS-CY8CLED04_10 Datasheet
996Kb / 37P
   EZ-Color??HB LED Controller
logo
STMicroelectronics
LPS35HW STMICROELECTRONICS-LPS35HW Datasheet
2Mb / 48P
   Embedded temperature compensation
July 2016 Rev 1
LPS225HB STMICROELECTRONICS-LPS225HB Datasheet
1Mb / 47P
   Embedded temperature compensation
February 2017 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com