Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8CLED16P01-48LTXIT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY8CLED16P01-48LTXIT
Description  Powerline Communication Solution Integrated Powerline Modem PHY
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CLED16P01-48LTXIT Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY8CLED16P01-48LTXIT Datasheet HTML 2Page - Cypress Semiconductor CY8CLED16P01-48LTXIT Datasheet HTML 3Page - Cypress Semiconductor CY8CLED16P01-48LTXIT Datasheet HTML 4Page - Cypress Semiconductor CY8CLED16P01-48LTXIT Datasheet HTML 5Page - Cypress Semiconductor CY8CLED16P01-48LTXIT Datasheet HTML 6Page - Cypress Semiconductor CY8CLED16P01-48LTXIT Datasheet HTML 7Page - Cypress Semiconductor CY8CLED16P01-48LTXIT Datasheet HTML 8Page - Cypress Semiconductor CY8CLED16P01-48LTXIT Datasheet HTML 9Page - Cypress Semiconductor CY8CLED16P01-48LTXIT Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
CY8CLED16P01
Document Number: 001-49263 Rev. *J
Page 6 of 58
Table 2-3. Remote Commands
Cmd ID
Command Name
Description
Payload (TX Data)
Response (RX Data)
0x01
SetRemote_TXEnable
Sets the TX Enable bit in the
PLC Mode Register. Rest of the
PLC Mode register is
unaffected
0 - Disable Remote TX
1 - Enable Remote TX
If Remote Lock Config = 0,
Response = 00 (Success)
If Remote Lock Config = 1,
Response = 01 (Denied)
0x03
SetRemote_ExtendedAddr
Set the Addressing to
Extended Addressing Mode
0 - Disable Extended
Addressing
1 - Enable Extended
Addressing
If Remote Lock Config = 0,
Response = 00 (Success)
If Remote Lock Config = 1,
Response = 01 (Denied)
0x04
SetRemote_LogicalAddr
Assigns the specified logical
address to the remote PLC
node
If Ext Address = 0,
Payload = 8-bit Logical
Address
If Ext Address = 1,
Payload = 16-bit
Logical Address
If Remote Lock Config = 0,
Response = 00 (Success)
If Remote Lock Config = 1,
Response = 01 (Denied)
0x05
GetRemote_LogicalAddr
Get the Logical Address of the
remote PLC node
None
If Remote TX Enable = 0,
Response = None
If Remote TX Enable = 1,
{If Ext Address = 0,
Response = 8-bit Logical
Address
If Ext Address = 1, Response
= 16-bit Logical Address}
0x06
GetRemote_PhysicalAddr
Get the Physical Address of the
remote PLC node
None
If Remote TX Enable = 0,
Response = None
If Remote TX Enable = 1,
Response = 64-bit Physical
Address
0x07
GetRemote_State
Request PLC_Mode Register
content from a Remote PLC
node
None
If Remote TX Enable = 0,
Response = None
If Remote TX Enable = 1,
Response = Remote PLC
Mode register
0x08
GetRemote_Version
Get the Version Number of the
Remote Node
None
If TX Enable = 0, Response =
None
If TX Enable = 1, Response =
Remote Version register
0x09
SendRemote_Data
Transmit data to a Remote
Node.
Payload = Local TX
Data
If Local Service Type = 0,
Response = None
If Local Service Type = 1,
Response = Ack
0x0A
RequestRemote_Data
Request data from a Remote
Node
Payload = Local TX
Data
If Local Service Type = 1,
Response = Ack
Then, the remote node host
must send a
ResponseRemote_Data
command. The response must
be completely transmitted
within 1.5s of receiving the
request. Otherwise, the
requesting node will time out.
0x0B
ResponseRemote_Data
Transmit response data to a
Remote Node.
Payload = Local TX
Data
None
0x0C
SetRemote_BIU
Enables/Disables BIU function-
ality at the remote node
0 - Enable Remote BIU
1 - Disable Remote BIU
If Remote Lock Config = 0,
Response = 00 (Success)
If Remote Lock Config = 1,
Response = 01 (Denied)


Similar Part No. - CY8CLED16P01-48LTXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLED16 CYPRESS-CY8CLED16 Datasheet
1Mb / 39P
   EZ-Color??HB LED Controller
CY8CLED16 CYPRESS-CY8CLED16 Datasheet
1Mb / 43P
   EZ-Color??HB-LED Controller
CY8CLED16 CYPRESS-CY8CLED16 Datasheet
615Kb / 52P
   EZ-Color??HB LED Controller Binning compensation
CY8CLED16 CYPRESS-CY8CLED16 Datasheet
648Kb / 53P
   EZ-Color HB LED Controller Visual embedded design Binning compensation
CY8CLED16-28PVXI CYPRESS-CY8CLED16-28PVXI Datasheet
1Mb / 39P
   EZ-Color??HB LED Controller
More results

Similar Description - CY8CLED16P01-48LTXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CPLC10 CYPRESS-CY8CPLC10 Datasheet
1Mb / 25P
   Powerline Communication Solution
CY8CPLC20 CYPRESS-CY8CPLC20 Datasheet
1Mb / 44P
   Powerline Communication Solution
CY8CPLC10 CYPRESS-CY8CPLC10_11 Datasheet
986Kb / 34P
   Powerline Communication Solution
CY8CPLC20 CYPRESS-CY8CPLC20_12 Datasheet
902Kb / 56P
   Powerline Communication Solution
logo
List of Unclassifed Man...
INT5130 ETC1-INT5130 Datasheet
1Mb / 38P
   Integrated Powerline MAC/PHY Transceiver
logo
Cypress Semiconductor
CY8CPLC20 CYPRESS-CY8CPLC20_11 Datasheet
867Kb / 56P
   Powerline Communication Solution Frequency shift keying modulation
logo
ams AG
AS5501 AMSCO-AS5501 Datasheet
315Kb / 26P
   Multimode Powerline-Modem
logo
Maxim Integrated Produc...
MAX2982 MAXIM-MAX2982 Datasheet
1Mb / 3P
   Industrial Broadband Powerline Modem
Rev 0; 9/11
logo
Yamar Electronics Ltd.
DCAN500 YAMAR-DCAN500 Datasheet
466Kb / 6P
   CAN over Powerline Communication
DCB500 YAMAR-DCB500 Datasheet
168Kb / 1P
   Transceiver for Powerline Communication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com