Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B256P_1106 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY14B256P_1106
Description  256-Kbit (32 K x 8) Serial (SPI) nvSRAM with Real Time Clock
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B256P_1106 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY14B256P_1106 Datasheet HTML 7Page - Cypress Semiconductor CY14B256P_1106 Datasheet HTML 8Page - Cypress Semiconductor CY14B256P_1106 Datasheet HTML 9Page - Cypress Semiconductor CY14B256P_1106 Datasheet HTML 10Page - Cypress Semiconductor CY14B256P_1106 Datasheet HTML 11Page - Cypress Semiconductor CY14B256P_1106 Datasheet HTML 12Page - Cypress Semiconductor CY14B256P_1106 Datasheet HTML 13Page - Cypress Semiconductor CY14B256P_1106 Datasheet HTML 14Page - Cypress Semiconductor CY14B256P_1106 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
CY14B256P
Document Number: 001-53881 Rev. *F
Page 11 of 36
Hardware Write Protection (WP Pin)
The write protect pin (WP) is used to provide hardware write
protection. WP pin allows all normal read and write operations
when held HIGH. When the WP pin is brought LOW and WPEN
bit is ‘1’, all write operations to the Status Register are inhibited.
The hardware write protection function is blocked when the
WPEN bit is ‘0’. This allows the user to install the CY14B256P in
a system with the WP pin tied to ground, and still write to the
Status Register.
WP pin can be used along with WPEN and block protect bits
(BP1 and BP0) of the Status Register to inhibit writes to memory.
When WP pin is LOW and WPEN is set to ‘1’, any modifications
to the Status Register are disabled. Therefore, the memory is
protected by setting the BP0 and BP1 bits and the WP pin inhibits
any modification of the Status Register bits, providing hardware
write protection.
Note WP going LOW when CS is still LOW has no effect on any
of the ongoing write operations to the Status Register.
Table 6 summarizes all the protection features provided in the
CY14B256P.
Memory Access
All memory accesses are done using the READ and WRITE
instructions. These instructions cannot be used while a STORE
or RECALL cycle is in progress. A STORE cycle in progress is
indicated by the RDY bit of the Status Register and the HSB pin.
Read Sequence (READ) instruction
The read operations on CY14B256P are performed by giving the
instruction on the SI pin and reading the output on SO pin. The
following sequence needs to be followed for a read operation:
After the CS line is pulled LOW to select a device, the read
opcode is transmitted through the SI line followed by two bytes
of address. The MSB bit (A15) of the address is a “don’t care”.
After the last address bit is transmitted on the SI pin, the data
(D7-D0) at the specific address is shifted out on the SO line on
the falling edge of SCK starting with D7. Any other data on SI line
after the last address bit is ignored.
CY14B256P allows reads to be performed in bursts through SPI
which can be used to read consecutive addresses without
issuing a new READ instruction. If only one byte is to be read,
the CS line must be driven HIGH after one byte of data comes
out. However, the read sequence may be continued by holding
the CS line LOW and the address is automatically incremented
and data continues to shift out on SO pin. When the last data
memory address (0x7FFF) is reached, the address rolls over to
0x0000 and the device continues to read.
Write Sequence (WRITE) instruction
The write operations on CY14B256P are performed through the
SI pin. To perform a write operation CY14B256P, if the device is
write disabled, then the device must first be write enabled
through the WREN instruction. When the writes are enabled
(WEN = ‘1’), WRITE instruction is issued after the falling edge of
CS. A WRITE instruction constitutes transmitting the WRITE
opcode on SI line followed by 2 bytes of address and the data
(D7-D0) which is to be written. The MSB bit (A15) of the address
is a “don’t care”.
CY14B256P allows writes to be performed in bursts through SPI
which can be used to write consecutive addresses without
issuing a new WRITE instruction. If only one byte is to be written,
the CS line must be driven HIGH after the D0 (LSB of data) is
transmitted. However, if more bytes are to be written, CS line
must be held LOW and address is incremented automatically.
The following bytes on the SI line are treated as data bytes and
written in the successive addresses. When the last data memory
address (0x7FFF) is reached, the address rolls over to 0x0000
and the device continues to write. The WEN bit is reset to ‘0’ on
completion of a WRITE sequence.
Note When a burst write reaches a protected block address, it
continues the address increment into the protected space but
does not write any data to the protected memory. If the address
roll over takes the burst write to unprotected space, it resumes
writes. The same operation is true if a burst write is initiated
within a write protected block.
Table 6. Write Protection Operation
WPEN
WP
WEN Protected
Blocks
Unprotected
Blocks
Status
Register
X
X
0
Protected
Protected
Protected
0
X
1
Protected
Writable
Writable
1
LOW
1
Protected
Writable
Protected
1
HIGH
1
Protected
Writable
Writable
Figure 10. Read Instruction Timing
CS
SCK
SO
0123
45
6
7
0
7
6
5
4
3
2
1
12 13 14 15
0123
45
67
MSB
LSB
Data
SI
Op-Code
0
0
0
0
001
X14 13 12 11
9
1
10
8
3
1
2
0
15-bit Address
MSB
LSB
D0
D1
D2
D3
D4
D5
D6
D7
HI-Z


Similar Part No. - CY14B256P_1106

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256P CYPRESS-CY14B256P_13 Datasheet
2Mb / 37P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM with Real Time Clock
More results

Similar Description - CY14B256P_1106

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256P CYPRESS-CY14B256P_13 Datasheet
2Mb / 37P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C256PA CYPRESS-CY14C256PA_13 Datasheet
1Mb / 43P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock
CY14B256P CYPRESS-CY14B256P Datasheet
2Mb / 36P
   256-Kbit (32 K 횞 8) Serial (SPI) with nvSRAM Real Time Clock
CY14C256I CYPRESS-CY14C256I_13 Datasheet
2Mb / 41P
   256-Kbit (32 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C256PA CYPRESS-CY14C256PA_12 Datasheet
1Mb / 43P
   256-Kbit (32 K 횞 8) SPI nvSRAM with Real Time Clock
CY14B256KA CYPRESS-CY14B256KA_12 Datasheet
934Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14C256I CYPRESS-CY14C256I_12 Datasheet
2Mb / 40P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B256KA CYPRESS-CY14B256KA_11 Datasheet
913Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14B256Q1 CYPRESS-CY14B256Q1_13 Datasheet
1Mb / 29P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM
CY14C064PA CYPRESS-CY14C064PA Datasheet
1Mb / 43P
   64-Kbit (8 K x 8) SPI nvSRAM with Real Time Clock with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com