Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B104K-ZS45XI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY14B104K-ZS45XI
Description  4-Mbit (512 K x 8/256 K x 16) nvSRAM with Real Time Clock 25 ns and 45 ns access times
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104K-ZS45XI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY14B104K-ZS45XI Datasheet HTML 4Page - Cypress Semiconductor CY14B104K-ZS45XI Datasheet HTML 5Page - Cypress Semiconductor CY14B104K-ZS45XI Datasheet HTML 6Page - Cypress Semiconductor CY14B104K-ZS45XI Datasheet HTML 7Page - Cypress Semiconductor CY14B104K-ZS45XI Datasheet HTML 8Page - Cypress Semiconductor CY14B104K-ZS45XI Datasheet HTML 9Page - Cypress Semiconductor CY14B104K-ZS45XI Datasheet HTML 10Page - Cypress Semiconductor CY14B104K-ZS45XI Datasheet HTML 11Page - Cypress Semiconductor CY14B104K-ZS45XI Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
CY14B104K, CY14B104M
Document #: 001-07103 Rev. *U
Page 8 of 35
Stopping and Starting the Oscillator
The OSCEN bit in the calibration register at 0x7FFF8 controls
the enable and disable of the oscillator. This bit is non-volatile
and is shipped to customers in the enabled (set to ‘0’) state. To
preserve the battery life when the system is in storage, OSCEN
must be set to ‘1’. This turns off the oscillator circuit, extending
the battery life. If the OSCEN bit goes from disabled to enabled,
it takes approximately one second (two seconds maximum) for
the oscillator to start.
While system power is off, if the voltage on the backup supply
(VRTCcap or VRTCbat) falls below their respective minimum level,
the oscillator may fail.The CY14B104K has the ability to detect
oscillator failure when system power is restored. This is recorded
in the oscillator fail bit (OSCF) of the flags register at the address
0x7FFF0. When the device is powered on (VCC goes above
VSWITCH) the OSCEN bit is checked for enabled status. If the
OSCEN bit is enabled and the oscillator is not active within the
first 5 ms, the OSCF bit is set to ‘1’. The system must check for
this condition and then write ‘0’ to clear the flag. Note that in
addition to setting the OSCF flag bit, the time registers are reset
to the “Base Time” (see Setting the Clock on page 7), which is
the value last written to the timekeeping registers. The control or
calibration registers and the OSCEN bit are not affected by the
‘oscillator failed’ condition.
The value of OSCF must be reset to ‘0’ when the time registers
are written for the first time. This initializes the state of this bit
which may have been set when the system was first powered on.
To reset OSCF, set the write bit ‘W’ (in the flags register at
0x7FFF0) to a ‘1’ to enable writes to the Flag register. Write a ‘0’
to the OSCF bit and then reset the write bit to ‘0’ to disable writes.
Calibrating the Clock
The RTC is driven by a quartz controlled crystal with a nominal
frequency of 32.768 kHz. Clock accuracy depends on the quality
of the crystal and calibration. The crystals available in market
typically have an error of +20 ppm to +35 ppm. However,
CY14B104K employs a calibration circuit that improves the
accuracy to +1/–2 ppm at 25 °C. This implies an error of
+2.5 seconds to –5 seconds per month.
The calibration circuit adds or subtracts counts from the oscillator
divider circuit to achieve this accuracy. The number of pulses that
are suppressed (subtracted, negative calibration) or split (added,
positive calibration) depends upon the value loaded into the five
calibration bits found in calibration register at 0x7FFF8. The
calibration bits occupy the five lower order bits in the calibration
register. These bits are set to represent any value between ‘0’
and 31 in binary form. Bit D5 is a sign bit, where a ‘1’ indicates
positive calibration and a ‘0’ indicates negative calibration.
Adding counts speeds the clock up and subtracting counts slows
the clock down. If a binary ‘1’ is loaded into the register, it
corresponds to an adjustment of 4.068 or –2.034 ppm offset in
oscillator error, depending on the sign.
Calibration occurs within a 64-minute cycle. The first 62 minutes
in the cycle may, once per minute, have one second shortened
by 128 or lengthened by 256 oscillator cycles. If a binary ‘1’ is
loaded into the register, only the first two minutes of the
64-minute cycle are modified. If a binary 6 is loaded, the first 12
are affected, and so on. Therefore, each calibration step has the
effect of adding 512 or subtracting 256 oscillator cycles for every
125,829,120 actual oscillator cycles, that is, 4.068 or –2.034 ppm
of adjustment per calibration step in the calibration register.
To determine the required calibration, the CAL bit in the flags
register (0x7FFF0) must be set to ‘1’. This causes the INT pin to
toggle at a nominal frequency of 512 Hz. Any deviation
measured from the 512 Hz indicates the degree and direction of
the required correction. For example, a reading of 512.01024 Hz
indicates a +20 ppm error. Hence, a decimal value of –10
(001010b) must be loaded into the calibration register to offset
this error.
Note Setting or changing the calibration register does not affect
the test output frequency.
To set or clear CAL, set the write bit ‘W’ (in the flags register at
0x7FFF0) to ‘1’ to enable writes to the flags register. Write a
value to CAL, and then reset the write bit to ‘0’ to disable writes.
Alarm
The alarm function compares user programmed values of alarm
time and date (stored in the registers 0x7FFF1–5) with the
corresponding time of day and date values. When a match
occurs, the alarm internal flag (AF) is set and an interrupt is
generated on INT pin if alarm interrupt enable (AIE) bit is set.
There are four alarm match fields - date, hours, minutes, and
seconds. Each of these fields has a match bit that is used to
determine if the field is used in the alarm match logic. Setting the
match bit to ‘0’ indicates that the corresponding field is used in
the match process. Depending on the match bits, the alarm
occurs as specifically as once a month or as frequently as once
every minute. Selecting none of the match bits (all 1s) indicates
that no match is required and therefore, alarm is disabled.
Selecting all match bits (all 0s) causes an exact time and date
match.
There are two ways to detect an alarm event: by reading the AF
flag or monitoring the INT pin. The AF flag in the flags register at
0x7FFF0 indicates that a date or time match has occurred. The
AF bit is set to ‘1’ when a match occurs. Reading the flags
register clears the alarm flag bit (and all others). A hardware
interrupt pin may also be used to detect an alarm event.
To set, clear or enable an alarm, set the ‘W’ bit (in flags register
- 0x7FFF0) to ‘1’ to enable writes to alarm registers. After writing
the alarm value, clear the ‘W’ bit back to ‘0’ for the changes to
take effect.
Note CY14B104K requires the alarm match bit for seconds
(0x7FFF2–D7) to be set to ‘0’ for proper operation of alarm flag
and Interrupt.
Watchdog Timer
The watchdog timer is a free running down counter that uses the
32-Hz clock (31.25 ms) derived from the crystal oscillator. The
oscillator must be running for the watchdog to function. It begins
counting down from the value loaded in the watchdog timer
register.
The timer consists of a loadable register and a free running
counter. On power-up, the watchdog time out value in register
0x7FFF7 is loaded into the counter load register. Counting
begins on power-up and restarts from the loadable value any
time the watchdog strobe (WDS) bit is set to ‘1’. The counter is
compared to the terminal value of ‘0’. If the counter reaches this
value, it causes an internal flag and an optional interrupt output.
[+] Feedback


Similar Part No. - CY14B104K-ZS45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104K-ZS45XI CYPRESS-CY14B104K-ZS45XI Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14B104K-ZS45XI CYPRESS-CY14B104K-ZS45XI Datasheet
1Mb / 33P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B104K-ZS45XI CYPRESS-CY14B104K-ZS45XI Datasheet
1Mb / 34P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B104K-ZS45XIT CYPRESS-CY14B104K-ZS45XIT Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14B104K-ZS45XIT CYPRESS-CY14B104K-ZS45XIT Datasheet
1Mb / 33P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
More results

Similar Description - CY14B104K-ZS45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14V104LA CYPRESS-CY14V104LA Datasheet
910Kb / 22P
   4-Mbit (512 K x 8 / 256 K x 16) nvSRAM 25 ns and 45 ns access times
CY14B104LA_1106 CYPRESS-CY14B104LA_1106 Datasheet
961Kb / 25P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM 20 ns, 25 ns, and 45 ns access times
CY14B108K CYPRESS-CY14B108K_11 Datasheet
1,014Kb / 31P
   8 Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B108K_1106 CYPRESS-CY14B108K_1106 Datasheet
1Mb / 33P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B104NA-ZS25XI CYPRESS-CY14B104NA-ZS25XI Datasheet
988Kb / 26P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM
CY14B104K CYPRESS-CY14B104K_12 Datasheet
1Mb / 34P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B104K CYPRESS-CY14B104K Datasheet
1Mb / 33P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
STK12C68 CYPRESS-STK12C68_11 Datasheet
1Mb / 24P
   64 Kbit (8K x 8) AutoStore nvSRAM 25 ns, 35 ns, and 45 ns access times
CY14B108K CYPRESS-CY14B108K_12 Datasheet
1Mb / 34P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM with Real Time Clock
CY14C256PA CYPRESS-CY14C256PA_13 Datasheet
1Mb / 43P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com