Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C20XX6 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY8C20XX6
Description  PSoC Programmable System-on-Chip Low power at high speed
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20XX6 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY8C20XX6 Datasheet HTML 5Page - Cypress Semiconductor CY8C20XX6 Datasheet HTML 6Page - Cypress Semiconductor CY8C20XX6 Datasheet HTML 7Page - Cypress Semiconductor CY8C20XX6 Datasheet HTML 8Page - Cypress Semiconductor CY8C20XX6 Datasheet HTML 9Page - Cypress Semiconductor CY8C20XX6 Datasheet HTML 10Page - Cypress Semiconductor CY8C20XX6 Datasheet HTML 11Page - Cypress Semiconductor CY8C20XX6 Datasheet HTML 12Page - Cypress Semiconductor CY8C20XX6 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 59 page
background image
CY8C24094, CY8C24794
CY8C24894, CY8C24994
Document Number: 38-12018 Rev. *Z
Page 9 of 59
8.2 56-Pin Part Pinout (with XRES)
Table 3. 56-Pin Part Pinout (QFN[6])
Pin
No.
Type
Name
Description
Figure 4. CY8C24894 56-Pin PSoC Device
Digital Analog
1
I/O
I, M
P2[3]
Direct switched capacitor block input
2
I/O
I, M
P2[1]
Direct switched capacitor block input
3
I/O
MP4[7]
4
I/O
MP4[5]
5
I/O
MP4[3]
6
I/O
MP4[1]
7
I/O
MP3[7]
8
I/O
MP3[5]
9
I/O
MP3[3]
10
I/O
MP3[1]
11
I/O
M
P5[7]
12
I/O
M
P5[5]
13
I/O
MP5[3]
14
I/O
MP5[1]
15
I/O
M
P1[7]
I2C SCL
16
I/O
M
P1[5]
I2C SDA
17
I/O
M
P1[3]
18
I/O
MP1[1]
I2C SCL, ISSP SCLK[5]
19
Power
VSS
Ground connection
20
USB
D+
21
USB
D–
22
Power
VDD
Supply voltage
23
I/O
P7[7]
24
I/O
P7[0]
25
I/O
M
P1[0]
I2C SDA, ISSP SDATA[5]
26
I/O
M
P1[2]
27
I/O
M
P1[4]
Optional EXTCLK
28
I/O
MP1[6]
29
I/O
MP5[0]
Pin
No.
Type
Name
Description
30
I/O
MP5[2]
Digital Analog
31
I/O
M
P5[4]
44
I/O
M
P2[6]
External VREF input
32
I/O
M
P5[6]
45
I/O
I, M
P0[0]
Analog column mux input
33
I/O
MP3[0]
46
I/O
I, M
P0[2]
Analog column mux input
34
I/O
MP3[2]
47
I/O
I, M
P0[4]
Analog column mux input VREF
35
I/O
M
P3[4]
48
I/O
I, M
P0[6]
Analog column mux input
36
Input
XRES Active high external reset with internal
pull-down
49
Power
VDD
Supply voltage
37
I/O
MP4[0]
50
Power
VSS
Ground connection
38
I/O
MP4[2]
51
I/O
I, M
P0[7]
Analog column mux input
39
I/O
M
P4[4]
52
I/O
I/O, M
P0[5]
Analog column mux input and column output
40
I/O
M
P4[6]
53
I/O
I/O, M
P0[3]
Analog column mux input and column output
41
I/O
I, M
P2[0]
Direct switched capacitor block input
54
I/O
I, M
P0[1]
Analog column mux input
42
I/O
I, M
P2[2]
Direct switched capacitor block input
55
I/O
M
P2[7]
43
I/O
M
P2[4]
External AGND input
56
I/O
MP2[5]
LEGEND A = Analog, I = Input, O = Output, and M = Analog Mux Input.
QFN
(Top Vie w)
A, I, M, P2[3]
A, I, M, P2[1]
M, P4[7]
M, P4[5]
M, P4[3]
M, P4[1]
M, P3[7]
M, P3[5]
M, P3[3]
M, P3[1]
M, P5[7]
M, P5[5]
M, P5[3]
M, P5[1]
1
2
3
4
5
6
7
8
9
10
11
12
13
14
P2[2], A, I, M
P2[0], A, I, M
P4[6], M
P4[4], M
P4[2], M
P4[0], M
XRES
P3[4], M
P3[2], M
P3[0], M
P5[6], M
P5[4], M
P5[2], M
P5[0], M
42
41
40
39
38
37
36
35
34
33
32
31
30
29
Notes
5. These are the ISSP pins, which are not High Z at POR. See the PSoC Technical Reference Manual for details.
6. The center pad on the QFN package should be connected to ground (VSS) for best mechanical, thermal, and electrical performance. If not connected to ground, it
should be electrically floated and not connected to any other signal.
[+] Feedback


Similar Part No. - CY8C20XX6

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20XX6 CYPRESS-CY8C20XX6 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C20XX6 CYPRESS-CY8C20XX6 Datasheet
960Kb / 34P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C20XX6 CYPRESS-CY8C20XX6 Datasheet
1Mb / 50P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C20XX6A CYPRESS-CY8C20XX6A Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C20XX6AS CYPRESS-CY8C20XX6AS Datasheet
782Kb / 51P
   1.8 V Programmable CapSense짰 Controller with SmartSense??Auto-tuning 1??3 Buttons, 0?? Sliders
More results

Similar Description - CY8C20XX6

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21634 CYPRESS-CY8C21634_10 Datasheet
1Mb / 50P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21123 CYPRESS-CY8C21123_11 Datasheet
1Mb / 43P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21345_1105 CYPRESS-CY8C21345_1105 Datasheet
960Kb / 34P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C21634B CYPRESS-CY8C21634B Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C20134_1106 CYPRESS-CY8C20134_1106 Datasheet
1Mb / 47P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C29466 CYPRESS-CY8C29466_11 Datasheet
1Mb / 61P
   PSoC Programmable System-on-Chip Low power at high speed
CY8C24894 CYPRESS-CY8C24894_11 Datasheet
1Mb / 46P
   Automotive PSoC Programmable System-on-Chip Low power at high speed
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com