Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14C101Q Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14C101Q
Description  1-Mbit (128 K x 8) Serial (SPI) nvSRAM Data retention: 20 years at 85 째C
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14C101Q Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14C101Q Datasheet HTML 1Page - Cypress Semiconductor CY14C101Q Datasheet HTML 2Page - Cypress Semiconductor CY14C101Q Datasheet HTML 3Page - Cypress Semiconductor CY14C101Q Datasheet HTML 4Page - Cypress Semiconductor CY14C101Q Datasheet HTML 5Page - Cypress Semiconductor CY14C101Q Datasheet HTML 6Page - Cypress Semiconductor CY14C101Q Datasheet HTML 7Page - Cypress Semiconductor CY14C101Q Datasheet HTML 8Page - Cypress Semiconductor CY14C101Q Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
CY14C101Q
CY14B101Q, CY14E101Q
1-Mbit (128 K × 8) Serial (SPI) nvSRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-54393 Rev. *F
Revised May 5, 2011
1-Mbit (128 K × 8) Serial (SPI) nvSRAM
Features
1-Mbit nonvolatile static random access memory (nvSRAM)
internally organized as 128 K × 8
STORE to QuantumTrap nonvolatile elements initiated
automatically on power-down (AutoStore) or by using SPI
instruction (Software STORE) or HSB pin (Hardware
STORE)
RECALL to SRAM initiated on power-up (Power-Up
RECALL) or by SPI instruction (Software RECALL)
Support automatic STORE on power-down with a small
capacitor (except for CY14X101Q1A)
High reliability
Infinite read, write, and RECALL cycles
1million STORE cycles to QuantumTrap
Data retention: 20 years at 85 °C
40 MHz, and 104 MHz High-speed serial peripheral interface
(SPI)
40-MHz clock rate SPI write and read with zero cycle delay
104-MHz clock rate SPI write and SPI read (with special fast
read instructions)
Supports SPI mode 0 (0,0) and mode 3 (1,1)
SPI access to special functions
Nonvolatile STORE/RECALL
8-byte serial number
Manufacturer ID and Product ID
Sleep mode
Write protection
Hardware protection using Write Protect (WP) pin
Software protection using Write Disable instruction
Software block protection for 1/4, 1/2, or entire array
Low power consumption
Average active current of 3 mA at 40 MHz operation
Average standby mode current of 150 A
Sleep mode current of 8 A
Industry standard configurations
Operating voltages:
• CY14C101Q: VCC = 2.4 V to 2.6 V
• CY14B101Q: VCC = 2.7 V to 3.6 V
• CY14E101Q: VCC = 4.5 V to 5.5 V
Industrial temperature
8- and 16-pin small outline integrated circuit (SOIC) package
Restriction of hazardous substances (RoHS) compliant
Functional Overview
The Cypress CY14X101Q combines a 1-Mbit nvSRAM with a
nonvolatile element in each memory cell with serial SPI interface.
The memory is organized as 128 K words of 8 bits each. The
embedded nonvolatile elements incorporate the QuantumTrap
technology, creating the world’s most reliable nonvolatile
memory. The SRAM provides infinite read and write cycles, while
the QuantumTrap cells provide highly reliable nonvolatile
storage of data. Data transfers from SRAM to the nonvolatile
elements (STORE operation) takes place automatically at
power-down (except for CY14X101Q1A). On power-up, data is
restored to the SRAM from the nonvolatile memory (RECALL
operation). You can also initiate the STORE and RECALL
operations through SPI instruction.
Configuration
Feature
CY14X101Q1A
CY14X101Q2A
CY14X101Q3A
AutoStore
No
Yes
Yes
Software
STORE
Yes
Yes
Yes
Hardware
STORE
No
No
Yes
Memory
Data & Address
Control
Manufacture ID/
Product ID
SPI Control Logic
Write Protection
Instruction decoder
Power Control Block
RDSN/WRSN/RDID
Serial Number
8 x 8
Quantrum Trap
128 K x 8
SRAM
128 K x 8
STORE
SI
CS
SCK
WP
VCC
VCAP
RECALL
READ/WRITE
Status Register
WRSR/RDSR/WREN
STORE/RECALL/ASENB/ASDISB
SO
SLEEP
Logic Block Diagram


Similar Part No. - CY14C101Q

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C101Q CYPRESS-CY14C101Q_12 Datasheet
1Mb / 33P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM
More results

Similar Description - CY14C101Q

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101Q1 CYPRESS-CY14B101Q1_13 Datasheet
1Mb / 27P
   1-Mbit (128 K x 8) Serial SPI nvSRAM
CY14C101Q CYPRESS-CY14C101Q_12 Datasheet
1Mb / 33P
   1-Mbit (128 K 횞 8) Serial (SPI) nvSRAM
CY14V101Q3 CYPRESS-CY14V101Q3 Datasheet
1Mb / 24P
   1 Mbit (128 K 횞 8) Serial SPI nvSRAM
CY14C101J CYPRESS-CY14C101J_13 Datasheet
1Mb / 31P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM
CY14C101PA_1105 CYPRESS-CY14C101PA_1105 Datasheet
1Mb / 44P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_13 Datasheet
1Mb / 36P
   1-Mbit (128 K x 8) Serial SPI nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA_13 Datasheet
1Mb / 43P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101PA_1107 CYPRESS-CY14B101PA_1107 Datasheet
1Mb / 35P
   1-Mbit (128 K x 8) Automotive Serial (SPI) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_11 Datasheet
1Mb / 35P
   1-Mbit (128 K x 8) Automotive Serial (SPI) nvSRAM with Real Time Clock
CY14C101J CYPRESS-CY14C101J Datasheet
1Mb / 32P
   1 Mbit (128 K 횞 8) Serial (I2C) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com