Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B256I-SFXIT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY14B256I-SFXIT
Description  256-Kbit (32 K x 8) Serial (I2C) nvSRAM with Real Time Clock Full-featured RTC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B256I-SFXIT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY14B256I-SFXIT Datasheet HTML 7Page - Cypress Semiconductor CY14B256I-SFXIT Datasheet HTML 8Page - Cypress Semiconductor CY14B256I-SFXIT Datasheet HTML 9Page - Cypress Semiconductor CY14B256I-SFXIT Datasheet HTML 10Page - Cypress Semiconductor CY14B256I-SFXIT Datasheet HTML 11Page - Cypress Semiconductor CY14B256I-SFXIT Datasheet HTML 12Page - Cypress Semiconductor CY14B256I-SFXIT Datasheet HTML 13Page - Cypress Semiconductor CY14B256I-SFXIT Datasheet HTML 14Page - Cypress Semiconductor CY14B256I-SFXIT Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
CY14C256I
CY14B256I, CY14E256I
Document #: 001-65230 Rev. *B
Page 11 of 41
Figure 11. Single-Byte Write into nvSRAM (except Hs-mode)
S1
0
1
0
A2 A1 A0
0
A
A
A
A
S
T
A
R
T
S
T
0
P
P
Address MSB
Address LSB
Data Byte
Memory Slave Address
SDA Line
By Master
By nvSRAM
X
Figure 12. Multi-Byte Write into nvSRAM (except Hs-mode)
Figure 13. Single-Byte Write into nvSRAM (Hs-mode)
Figure 14. Multi-Byte Write into nvSRAM (Hs-mode)
S1
0
1
0
A2 A1 A0
0
A
A
A
A
S
T
A
R
T
Address MSB
Address LSB
Data Byte 1
Memory Slave Address
SDA Line
By Master
A
S
T
0
P
P
Data Byte N
By nvSRAM
X
S0 0
0
0 1X X
X
A
A
A
A
S
T
A
R
T
Memory Slave Address
Address MSB
Address LSB
Hs-mode command
SDA Line
By Master
A
S
T
0
P
P
Data Byte
Sr 10
1
0 A2 A1 A0 0
By nvSRAM
X
S0 0
0
0 1X X
X
A
A
A
A
S
T
A
R
T
Memory Slave Address
Address MSB
Address LSB
Hs-mode command
SDA Line
By Master
A
Data Byte 1
Sr 10
1
0 A2 A1 A0 0
A
Data Byte 2
A
Data Byte 3
A
S
T
0
P
P
Data Byte N
By nvSRAM
SDA Line
By Master
By nvSRAM
X
[+] Feedback


Similar Part No. - CY14B256I-SFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256I-SFXIT CYPRESS-CY14B256I-SFXIT Datasheet
2Mb / 40P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B256I-SFXIT CYPRESS-CY14B256I-SFXIT Datasheet
2Mb / 41P
   256-Kbit (32 K x 8) Serial (I2C) nvSRAM with Real Time Clock
More results

Similar Description - CY14B256I-SFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C256I CYPRESS-CY14C256I_13 Datasheet
2Mb / 41P
   256-Kbit (32 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C256I CYPRESS-CY14C256I_12 Datasheet
2Mb / 40P
   256-Kbit (32 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B256P CYPRESS-CY14B256P_13 Datasheet
2Mb / 37P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B256P_1106 CYPRESS-CY14B256P_1106 Datasheet
1Mb / 36P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14C512PA CYPRESS-CY14C512PA Datasheet
1Mb / 43P
   512-Kbit (64 K x 8) SPI nvSRAM with Real Time Clock Full-featured RTC
CY14C256PA CYPRESS-CY14C256PA_13 Datasheet
1Mb / 43P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock
CY14B256P CYPRESS-CY14B256P Datasheet
2Mb / 36P
   256-Kbit (32 K 횞 8) Serial (SPI) with nvSRAM Real Time Clock
CY14B256KA CYPRESS-CY14B256KA_12 Datasheet
934Kb / 27P
   256-Kbit (32 K 횞 8) nvSRAM with Real Time Clock
CY14C064I CYPRESS-CY14C064I_13 Datasheet
2Mb / 40P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C064I CYPRESS-CY14C064I Datasheet
2Mb / 41P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com