Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B256Q1A-SXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14B256Q1A-SXI
Description  256-Kbit (32 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B256Q1A-SXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14B256Q1A-SXI Datasheet HTML 1Page - Cypress Semiconductor CY14B256Q1A-SXI Datasheet HTML 2Page - Cypress Semiconductor CY14B256Q1A-SXI Datasheet HTML 3Page - Cypress Semiconductor CY14B256Q1A-SXI Datasheet HTML 4Page - Cypress Semiconductor CY14B256Q1A-SXI Datasheet HTML 5Page - Cypress Semiconductor CY14B256Q1A-SXI Datasheet HTML 6Page - Cypress Semiconductor CY14B256Q1A-SXI Datasheet HTML 7Page - Cypress Semiconductor CY14B256Q1A-SXI Datasheet HTML 8Page - Cypress Semiconductor CY14B256Q1A-SXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
CY14C256Q
CY14B256Q
CY14E256Q
256-Kbit (32 K × 8) SPI nvSRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-65282 Rev. *B
Revised May 3, 2011
256-Kbit (32 K × 8) SPI nvSRAM
Features
256-Kbit nonvolatile static random access memory (nvSRAM)
internally organized as 32 K × 8
STORE to QuantumTrap nonvolatile elements initiated
automatically on power-down (AutoStore) or by using SPI
instruction (Software STORE) or HSB pin (Hardware
STORE)
RECALL to SRAM initiated on power-up (Power-Up
RECALL) or by SPI instruction (Software RECALL)
Support automatic STORE on power-down with a small
capacitor (except for CY14X256Q1A)
High reliability
Infinite read, write, and RECALL cycles
1million STORE cycles to QuantumTrap
Data retention: 20 years at 85 C
40 MHz, and 104 MHz High speed serial peripheral interface
(SPI)
40 MHz clock rate SPI write and read with zero cycle delay
104 MHz clock rate SPI write and SPI read (with special fast
read instructions)
Supports SPI mode 0 (0,0) and mode 3 (1,1)
SPI access to special functions
Nonvolatile STORE/RECALL
8-byte serial number
Manufacturer ID and Product ID
Sleep mode
Write protection
Hardware protection using Write Protect (WP) pin
Software protection using Write Disable instruction
Software block protection for 1/4, 1/2, or entire array
Low power consumption
Average active current of 3 mA at 40 MHz operation
Average standby mode current of 150 A
Sleep mode current of 8 A
Industry standard configurations
Operating voltages:
• CY14C256Q: VCC = 2.4 V to 2.6 V
• CY14B256Q: VCC = 2.7 V to 3.6 V
• CY14E256Q: VCC = 4.5 V to 5.5 V
Industrial temperature
8- and 16-pin small outline integrated circuit (SOIC) package
Restriction of hazardous substances (RoHS) compliant
Functional Overview
The Cypress CY14X256Q combines a 256-Kbit nvSRAM[1] with
a nonvolatile element in each memory cell with serial SPI
interface. The memory is organized as 32 K words of 8 bits each.
The
embedded
nonvolatile
elements
incorporate
the
QuantumTrap technology, creating the world’s most reliable
nonvolatile memory. The SRAM provides infinite read and write
cycles, while the QuantumTrap cells provide highly reliable
nonvolatile storage of data. Data transfers from SRAM to the
nonvolatile elements (STORE operation) takes place automati-
cally at power-down (except for CY14X256Q1A). On power-up,
data is restored to the SRAM from the nonvolatile memory
(RECALL operation). You can also initiate the STORE and
RECALL operations through SPI instruction.
Configuration
Feature
CY14X256Q1A
CY14X256Q2A
CY14X256Q3A
AutoStore
No
Yes
Yes
Software
STORE
Yes
Yes
Yes
Hardware
STORE
No
No
Yes
Memory
Data &
Address
Control
Manufacture ID/
Product ID
SPI Control Logic
Write Protection
Instruction decoder
Power Control
Block
RDSN/WRSN/RDID
Serial Number
8 x 8
QuantrumTrap
32 K x 8
SRAM
32 K x 8
STORE
SI
CS
SCK
WP
VCC
VCAP
RECALL
READ/WRITE
Status Register
WRSR/RDSR/WREN
STORE/RECALL/ASENB/ASDISB
SO
SLEEP
Logic Block Diagram
Note
1. This device will be referred to as nvSRAM throughout the document.


Similar Part No. - CY14B256Q1A-SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256Q1A-SXI CYPRESS-CY14B256Q1A-SXI Datasheet
1Mb / 32P
   256-Kbit (32 K 횞 8) SPI nvSRAM
CY14B256Q1A-SXIT CYPRESS-CY14B256Q1A-SXIT Datasheet
1Mb / 32P
   256-Kbit (32 K 횞 8) SPI nvSRAM
More results

Similar Description - CY14B256Q1A-SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14MB064Q CYPRESS-CY14MB064Q Datasheet
938Kb / 29P
   64-Kbit (8 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14C512Q CYPRESS-CY14C512Q Datasheet
1Mb / 33P
   512-Kbit (64 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14C256PA CYPRESS-CY14C256PA Datasheet
1Mb / 44P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock Infinite read, write, and RECALL cycles
CY14C512J CYPRESS-CY14C512J Datasheet
1Mb / 31P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14B101Q1 CYPRESS-CY14B101Q1_11 Datasheet
1Mb / 26P
   1 Mbit (128 K x 8) Serial SPI nvSRAM Infinite read, write, and RECALL cycles
STK15C88 CYPRESS-STK15C88_11 Datasheet
832Kb / 17P
   256-Kbit (32 K x 8) PowerStore nvSRAM Unlimited RECALL Cycles
CY14B108L_1106 CYPRESS-CY14B108L_1106 Datasheet
952Kb / 25P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
CY14C101J_1105 CYPRESS-CY14C101J_1105 Datasheet
1Mb / 31P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14V101LA CYPRESS-CY14V101LA Datasheet
921Kb / 22P
   1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
CY14B256Q1 CYPRESS-CY14B256Q1_13 Datasheet
1Mb / 29P
   256-Kbit (32 K x 8) Serial (SPI) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com