Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14B512Q2A-SXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY14B512Q2A-SXI
Description  512-Kbit (64 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B512Q2A-SXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY14B512Q2A-SXI Datasheet HTML 5Page - Cypress Semiconductor CY14B512Q2A-SXI Datasheet HTML 6Page - Cypress Semiconductor CY14B512Q2A-SXI Datasheet HTML 7Page - Cypress Semiconductor CY14B512Q2A-SXI Datasheet HTML 8Page - Cypress Semiconductor CY14B512Q2A-SXI Datasheet HTML 9Page - Cypress Semiconductor CY14B512Q2A-SXI Datasheet HTML 10Page - Cypress Semiconductor CY14B512Q2A-SXI Datasheet HTML 11Page - Cypress Semiconductor CY14B512Q2A-SXI Datasheet HTML 12Page - Cypress Semiconductor CY14B512Q2A-SXI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
CY14C512Q
CY14B512Q
CY14E512Q
Document #: 001-65267 Rev. *B
Page 9 of 33
SPI Functional Description
The CY14X512Q uses an 8-bit instruction register. Instructions
and their opcodes are listed in Table 2. All instructions,
addresses, and data are transferred with the MSB first and start
with a HIGH to LOW CS transition. There are, in all, 18 SPI
instructions which provide access to most of the functions in
nvSRAM. Further, the WP, HOLD and HSB pins provide
additional functionality driven through hardware.
The SPI instructions are divided based on their functionality in
the following types:
Status Register control instructions:
• Status Register access: RDSR, FAST_RDSR and WRSR
instructions
• Write protection and block protection: WREN and WRDI
instructions along with WP pin and WEN, BP0, and BP1
bits
SRAM read/write instructions
• Memory access: READ, FAST_READ and WRITE
instructions
Special NV instructions
• nvSRAM special instructions: STORE, RECALL, ASENB,
and ASDISB
Special instructions
• SLEEP, WRSN, RDSN, FAST_RDSN, RDID, FAST_RDID
Table 2. Instruction Set
Instruction Category
Instruction Name
Opcode
Operation
Status Register Control Instructions
Status Register access
RDSR
0000 0101
Read Status Register
FAST_RDSR
0000 1001
Fast Status Register read - SPI clock >40 MHz
WRSR
0000 0001
Write Status Register
Write protection and block protection
WREN
0000 0110
Set write enable latch
WRDI
0000 0100
Reset write enable latch
SRAM Read/Write Instructions
Memory access
READ
0000 0011
Read data from memory array
FAST_READ
0000 1011
Fast read - SPI clock >40 MHz
WRITE
0000 0010
Write data to memory array
Special NV Instructions
nvSRAM special functions
STORE
0011 1100
Software STORE
RECALL
0110 0000
Software RECALL
ASENB
0101 1001
AutoStore Enable
ASDISB
0001 1001
AutoStore Disable
Special Instructions
Sleep
SLEEP
1011 1001
Sleep mode enable
Serial number
WRSN
1100 0010
Write serial number
RDSN
1100 0011
Read serial number
FAST_RDSN
1100 1001
Fast serial number read - SPI clock > 40 MHz
Device ID read
RDID
1001 1111
Read manufacturer JEDEC ID and product ID
FAST_RDID
1001 1001
Fast manufacturer JEDEC ID and product ID Read - SPI
clock > 40 MHz
Reserved
- Reserved -
0001 1110
[+] Feedback


Similar Part No. - CY14B512Q2A-SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B512Q2A-SXI CYPRESS-CY14B512Q2A-SXI Datasheet
1Mb / 32P
   512-Kbit (64 K 횞 8) SPI nvSRAM
CY14B512Q2A-SXIT CYPRESS-CY14B512Q2A-SXIT Datasheet
1Mb / 32P
   512-Kbit (64 K 횞 8) SPI nvSRAM
More results

Similar Description - CY14B512Q2A-SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14MB064Q CYPRESS-CY14MB064Q Datasheet
938Kb / 29P
   64-Kbit (8 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14C512J CYPRESS-CY14C512J Datasheet
1Mb / 31P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14C256Q CYPRESS-CY14C256Q Datasheet
1Mb / 33P
   256-Kbit (32 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14B108L_1106 CYPRESS-CY14B108L_1106 Datasheet
952Kb / 25P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
CY14B101Q1 CYPRESS-CY14B101Q1_11 Datasheet
1Mb / 26P
   1 Mbit (128 K x 8) Serial SPI nvSRAM Infinite read, write, and RECALL cycles
CY14V101LA CYPRESS-CY14V101LA Datasheet
921Kb / 22P
   1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
CY14C256PA CYPRESS-CY14C256PA Datasheet
1Mb / 44P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock Infinite read, write, and RECALL cycles
CY14C101J_1105 CYPRESS-CY14C101J_1105 Datasheet
1Mb / 31P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14C512PA CYPRESS-CY14C512PA_13 Datasheet
1Mb / 42P
   512-Kbit (64 K x 8) SPI nvSRAM
CY14B512Q1 CYPRESS-CY14B512Q1_13 Datasheet
1Mb / 27P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com