Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14ME064J1-SXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY14ME064J1-SXI
Description  64-Kbit (8 K x 8) Serial (I2C) nvSRAM Nonvolatile STORE/RECALL
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14ME064J1-SXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY14ME064J1-SXI Datasheet HTML 1Page - Cypress Semiconductor CY14ME064J1-SXI Datasheet HTML 2Page - Cypress Semiconductor CY14ME064J1-SXI Datasheet HTML 3Page - Cypress Semiconductor CY14ME064J1-SXI Datasheet HTML 4Page - Cypress Semiconductor CY14ME064J1-SXI Datasheet HTML 5Page - Cypress Semiconductor CY14ME064J1-SXI Datasheet HTML 6Page - Cypress Semiconductor CY14ME064J1-SXI Datasheet HTML 7Page - Cypress Semiconductor CY14ME064J1-SXI Datasheet HTML 8Page - Cypress Semiconductor CY14ME064J1-SXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
CY14MB064J
CY14ME064J
Document #: 001- 65051 Rev. *B
Page 3 of 31
Pinouts
Figure 1. Pin Diagram – 8-pin SOIC
Figure 2. Pin Diagram – 16-pin SOIC
WP
SCL
1
2
3
4
5
A0
8
7
6
V
CC
SDA
A1
A2
V
Top View
not to scale
CY14MX064J1
SS
WP
SCL
1
2
3
4
5
8
7
6
V
CC
SDA
A1
A2
Top View
not to scale
CY14MX064J2
V
CAP
VSS
WP
V
CAP
1
2
3
4
5
6
7
8
9
10
11
12
13
NC
16
15
14
VCC
A2
SDA
SCL
A1
HSB
A0
Top View
not to scale
VSS
NC
NC
NC
NC
NC
CY14MX064J3
Pin Definitions
Pin Name
I/O Type
Description
SCL
Input
Clock. Runs at speeds up to a maximum of fSCL.
SDA
Input/Output
I/O. Input/Output of data through I2C interface.
WP
Input
Write Protect. Protects the memory from all writes. This pin is internally pulled LOW and hence can
be left open if not connected.
A2-A0[2]
Input
Slave Address. Defines the slave address for I2C. This pin is internally pulled LOW and hence can
be left open if not connected.
HSB
Input/Output
Hardware STORE Busy:
Output: Indicates busy status of nvSRAM when LOW. After each Hardware and Software STORE
operation HSB is driven HIGH for a short time (tHHHD) with standard output high current and then a
weak internal pull-up resistor keeps this pin HIGH (External pull up resistor connection optional).
Input: Hardware STORE implemented by pulling this pin LOW externally.
VCAP
Power supply
AutoStore Capacitor. Supplies power to the nvSRAM during power loss to STORE data from the
SRAM to nonvolatile elements. If not required, AutoStore must be disabled and this pin left as no
connect. It must never be connected to ground.
NC
No connect
No Connect. This pin is not connected to the die.
VSS
Power supply
Ground
VCC
Power supply
Power supply
Note
2. A0 pin is not available in CY14MX064J2.
[+] Feedback


Similar Part No. - CY14ME064J1-SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14ME064J1-SXI CYPRESS-CY14ME064J1-SXI Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14ME064J1-SXI CYPRESS-CY14ME064J1-SXI Datasheet
1Mb / 30P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14ME064J1-SXIT CYPRESS-CY14ME064J1-SXIT Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14ME064J1-SXIT CYPRESS-CY14ME064J1-SXIT Datasheet
1Mb / 30P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
More results

Similar Description - CY14ME064J1-SXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14MB064J CYPRESS-CY14MB064J_13 Datasheet
1Mb / 30P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A_13 Datasheet
1Mb / 28P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM
CY14C512J CYPRESS-CY14C512J_13 Datasheet
1Mb / 30P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM
CY14MB064J1A CYPRESS-CY14MB064J1A Datasheet
1Mb / 28P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J CYPRESS-CY14MB064J_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14C512J CYPRESS-CY14C512J Datasheet
1Mb / 31P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14C512J CYPRESS-CY14C512J_12 Datasheet
1Mb / 30P
   512-Kbit (64 K 횞 8) Serial (I2C) nvSRAM
CY14C064I CYPRESS-CY14C064I_13 Datasheet
2Mb / 40P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14C064I CYPRESS-CY14C064I Datasheet
2Mb / 41P
   64-Kbit (8 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B512Q1 CYPRESS-CY14B512Q1_13 Datasheet
1Mb / 27P
   512-Kbit (64 K x 8) Serial (SPI) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com