Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14V101NA-BA25XIT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY14V101NA-BA25XIT
Description  1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14V101NA-BA25XIT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY14V101NA-BA25XIT Datasheet HTML 5Page - Cypress Semiconductor CY14V101NA-BA25XIT Datasheet HTML 6Page - Cypress Semiconductor CY14V101NA-BA25XIT Datasheet HTML 7Page - Cypress Semiconductor CY14V101NA-BA25XIT Datasheet HTML 8Page - Cypress Semiconductor CY14V101NA-BA25XIT Datasheet HTML 9Page - Cypress Semiconductor CY14V101NA-BA25XIT Datasheet HTML 10Page - Cypress Semiconductor CY14V101NA-BA25XIT Datasheet HTML 11Page - Cypress Semiconductor CY14V101NA-BA25XIT Datasheet HTML 12Page - Cypress Semiconductor CY14V101NA-BA25XIT Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
CY14V101LA
CY14V101NA
Document #: 001-53953 Rev. *H
Page 9 of 22
IOZ
Off-state output leakage current VCCQ = Max, VSS < VOUT < VCCQ,
CE or OE > VIH or BHE/BLE > VIH or
WE < VIL
–1
+1
µA
VIH
Input HIGH voltage
0.7 VCCQ
–VCCQ + 0.3
V
VIL
Input LOW voltage
– 0.3
0.3 VCCQ
V
VOH
Output HIGH voltage
IOUT = –1 mA
VCCQ – 0.45
V
VOL
Output LOW voltage
IOUT = 2 mA
0.45
V
VCAP[13]
Storage capacitor
Between VCAP pin and VSS, 5 V
Rated
61
68
180
µF
Data Retention and Endurance
Parameter
Description
Min
Unit
DATAR
Data retention
20
Years
NVC
Non-volatile STORE operations
1,000
K
Capacitance
Parameter[14]
Description
Test Conditions
Max
Unit
CIN
Input capacitance (except BHE,
BLE and HSB)
TA = 25 C, f = 1 MHz, VCC = VCC(Typ), VCCQ = VCCQ(Typ)
7pF
Input capacitance (for BHE, BLE
and HSB)
8pF
COUT
Output capacitance (except HSB)7
pF
Output capacitance (for HSB)
8pF
Thermal Resistance
Parameter[14]
Description
Test Conditions
48-ball FBGA Unit
JA
Thermal resistance
(junction to ambient)
Test conditions follow standard test methods and procedures
for measuring thermal impedance, in accordance with
EIA/JESD51.
48.19
C/W
JC
Thermal resistance
(junction to case)
6.5
C/W
DC Electrical Characteristics (continued)
Over the Operating Range
Parameter
Description
Test Conditions
Min
Typ [11]
Max
Unit
Notes
13. Min VCAP value guarantees that there is a sufficient charge available to complete a successful AutoStore operation. Max VCAP value guarantees that the capacitor on
VCAP is charged to a minimum voltage during a Power-Up RECALL cycle so that an immediate power-down cycle can complete a successful AutoStore. Therefore it
is always recommended to use a capacitor within the specified min and max limits. Refer application note AN43593 for more details on VCAP options.
14. These parameters are guaranteed by design and are not tested.
[+] Feedback


Similar Part No. - CY14V101NA-BA25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14V101PS CYPRESS-CY14V101PS Datasheet
1Mb / 67P
   1-Mbit (128K 횞 8) Quad SPI nvSRAM with Real Time Clock
CY14V101Q3 CYPRESS-CY14V101Q3 Datasheet
1Mb / 24P
   1 Mbit (128 K 횞 8) Serial SPI nvSRAM
CY14V101Q3-SFXI CYPRESS-CY14V101Q3-SFXI Datasheet
1Mb / 24P
   1 Mbit (128 K 횞 8) Serial SPI nvSRAM
CY14V101QS CYPRESS-CY14V101QS Datasheet
1Mb / 55P
   1-Mbit (128K 횞 8) Quad SPI nvSRAM
More results

Similar Description - CY14V101NA-BA25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14C101J_1105 CYPRESS-CY14C101J_1105 Datasheet
1Mb / 31P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14B101Q1 CYPRESS-CY14B101Q1_11 Datasheet
1Mb / 26P
   1 Mbit (128 K x 8) Serial SPI nvSRAM Infinite read, write, and RECALL cycles
CY14B108L_1106 CYPRESS-CY14B108L_1106 Datasheet
952Kb / 25P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
CY14MB064Q CYPRESS-CY14MB064Q Datasheet
938Kb / 29P
   64-Kbit (8 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14C512Q CYPRESS-CY14C512Q Datasheet
1Mb / 33P
   512-Kbit (64 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14C512J CYPRESS-CY14C512J Datasheet
1Mb / 31P
   512-Kbit (64 K x 8) Serial (I2C) nvSRAM Infinite read, write, and RECALL cycles
CY14C256Q CYPRESS-CY14C256Q Datasheet
1Mb / 33P
   256-Kbit (32 K x 8) SPI nvSRAM Infinite read, write, and RECALL cycles
CY14C256PA CYPRESS-CY14C256PA Datasheet
1Mb / 44P
   256-Kbit (32 K x 8) SPI nvSRAM with Real Time Clock Infinite read, write, and RECALL cycles
CY14B101LA CYPRESS-CY14B101LA_12 Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B101LA CYPRESS-CY14B101LA_11 Datasheet
1,013Kb / 26P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com