Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14V104LA Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY14V104LA
Description  4-Mbit (512 K x 8 / 256 K x 16) nvSRAM 25 ns and 45 ns access times
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14V104LA Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY14V104LA Datasheet HTML 4Page - Cypress Semiconductor CY14V104LA Datasheet HTML 5Page - Cypress Semiconductor CY14V104LA Datasheet HTML 6Page - Cypress Semiconductor CY14V104LA Datasheet HTML 7Page - Cypress Semiconductor CY14V104LA Datasheet HTML 8Page - Cypress Semiconductor CY14V104LA Datasheet HTML 9Page - Cypress Semiconductor CY14V104LA Datasheet HTML 10Page - Cypress Semiconductor CY14V104LA Datasheet HTML 11Page - Cypress Semiconductor CY14V104LA Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
CY14V104LA
CY14V104NA
Document #: 001-53954 Rev. *F
Page 8 of 22
Maximum Ratings
Exceeding maximum ratings may impair the useful life of the
device. These user guidelines are not tested.
Storage temperature ................................–65
C to +150 C
Maximum accumulated storage time
At 150
C ambient temperature .......................1000 h
At 85
C ambient temperature ......................20 Years
Ambient temperature with
power applied ...........................................–55
C to +150 C
Supply voltage on VCC relative to VSS .......... –0.5 V to 4.1 V
Supply voltage on VCCQ relative to VSS ...... –0.5 V to 2.45 V
Voltage applied to outputs
in High Z state .................................. –0.5 V to VCCQ + 0.5 V
Input voltage ..................................... –0.5 V to VCCQ + 0.5 V
Transient voltage (< 20 ns) on
any pin to ground potential ............... –2.0 V to VCCQ + 2.0 V
Package power dissipation
capability (TA = 25 °C) ..................................................1.0 W
Surface mount Pb soldering
temperature (3 seconds) ..........................................+260
C
DC output current (1 output at a time, 1s duration) .....15 mA
Static discharge voltage
(per MIL-STD-883, Method 3015) ......................... > 2001 V
Latch up current .................................................... > 140 mA
Operating Range
Range Ambient Temperature
VCC
VCCQ
Industrial
–40
C to +85 C3.0 V – 3.6 V 1.65 V – 1.95 V
DC Electrical Characteristics
Over the Operating Range
Parameter
Description
Test Conditions
Min
Typ [9]
Max
Unit
VCC
Power supply voltage
3.0
3.3
3.6
V
VCCQ
1.65
1.8
1.95
V
ICC1
Average VCC current
tRC = 25 ns
tRC = 45 ns
Values obtained without output loads
(IOUT = 0 mA)
––
70
mA
––
52
mA
ICCQ1
Average VCCQ current
15
mA
––
10
mA
ICC2
Average VCC current during
STORE
All inputs don’t care, VCC = Max
Average current for duration tSTORE
––
10
mA
ICC3
Average VCC current at
tRC= 200 ns, VCC(Typ), 25 °C
All inputs cycling at CMOS levels.
Values obtained without output loads
(IOUT = 0 mA).
–35
mA
ICCQ3
Average VCCQ current at
tRC= 200 ns, VCCQ(Typ), 25 °C
–5
mA
ICC4
Average VCAP current during
AutoStore cycle
All inputs don’t care. Average current
for duration tSTORE
––
8
mA
ISB
VCC standby current
CE > (VCC – 0.2 V).
VIN < 0.2 V or > (VCC – 0.2 V).
Standby current level after
non-volatile cycle is complete. Inputs
are static. f = 0 MHz.
––
8
mA
IIX[10]
Input leakage current
(except HSB)
VCCQ = Max, VSS < VIN < VCCQ
–1
+1
A
Input leakage current (for HSB)VCCQ = Max, VSS < VIN < VCCQ
–100
+1
A
IOZ
Off-state output leakage current VCCQ = Max, VSS < VOUT < VCCQ,
CE or OE > VIH or BHE/BLE > VIH or
WE < VIL
–1
+1
A
VCAP[11]
Storage capacitor
Between VCAP pin and VSS, 5 V rated
61
68
180
F
Notes
9. Typical values are at 25 °C, VCC = VCC(Typ) and VCCQ = VCCQ(Typ). Not 100% tested.
10. The HSB pin has IOUT = -4 µA for VOH of 1.07 V when both active HIGH and LOW drivers are disabled. When they are enabled standard VOH and VOL are valid. This
parameter is characterized but not tested.
11. Min VCAP value guarantees that there is a sufficient charge available to complete a successful AutoStore operation. Max VCAP value guarantees that the capacitor
on VCAP is charged to a minimum voltage during a Power-Up RECALL cycle so that an immediate power-down cycle can complete a successful AutoStore. Therefore
it is always recommended to use a capacitor within the specified min and max limits. Refer application note AN43593 for more details on VCAP options.
[+] Feedback


Similar Part No. - CY14V104LA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14V101LA CYPRESS-CY14V101LA Datasheet
921Kb / 22P
   1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
CY14V101LA-BA25XI CYPRESS-CY14V101LA-BA25XI Datasheet
921Kb / 22P
   1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
CY14V101LA-BA25XIT CYPRESS-CY14V101LA-BA25XIT Datasheet
921Kb / 22P
   1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
CY14V101LA-BA45XI CYPRESS-CY14V101LA-BA45XI Datasheet
921Kb / 22P
   1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
CY14V101LA-BA45XIT CYPRESS-CY14V101LA-BA45XIT Datasheet
921Kb / 22P
   1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
More results

Similar Description - CY14V104LA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104LA_1106 CYPRESS-CY14B104LA_1106 Datasheet
961Kb / 25P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM 20 ns, 25 ns, and 45 ns access times
CY14B104K_1106 CYPRESS-CY14B104K_1106 Datasheet
1Mb / 35P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM with Real Time Clock 25 ns and 45 ns access times
CY14B104NA-ZS25XI CYPRESS-CY14B104NA-ZS25XI Datasheet
988Kb / 26P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM
STK12C68 CYPRESS-STK12C68_11 Datasheet
1Mb / 24P
   64 Kbit (8K x 8) AutoStore nvSRAM 25 ns, 35 ns, and 45 ns access times
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_11 Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B108K CYPRESS-CY14B108K_11 Datasheet
1,014Kb / 31P
   8 Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B108K_1106 CYPRESS-CY14B108K_1106 Datasheet
1Mb / 33P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B108L_1106 CYPRESS-CY14B108L_1106 Datasheet
952Kb / 25P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
CG7501AA CYPRESS-CG7501AA Datasheet
498Kb / 20P
   4-Mbit (512 K 횞 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com