Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY14V104LA-BA25XIT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY14V104LA-BA25XIT
Description  4-Mbit (512 K x 8 / 256 K x 16) nvSRAM 25 ns and 45 ns access times
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14V104LA-BA25XIT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY14V104LA-BA25XIT Datasheet HTML 1Page - Cypress Semiconductor CY14V104LA-BA25XIT Datasheet HTML 2Page - Cypress Semiconductor CY14V104LA-BA25XIT Datasheet HTML 3Page - Cypress Semiconductor CY14V104LA-BA25XIT Datasheet HTML 4Page - Cypress Semiconductor CY14V104LA-BA25XIT Datasheet HTML 5Page - Cypress Semiconductor CY14V104LA-BA25XIT Datasheet HTML 6Page - Cypress Semiconductor CY14V104LA-BA25XIT Datasheet HTML 7Page - Cypress Semiconductor CY14V104LA-BA25XIT Datasheet HTML 8Page - Cypress Semiconductor CY14V104LA-BA25XIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
CY14V104LA
CY14V104NA
Document #: 001-53954 Rev. *F
Page 3 of 22
Pinouts
Figure 1. Pin Diagram – 48-ball FBGA
WE
VCCQ
A11
A10
VCAP
A6
A0
A3
CE
NC
NC
DQ0
A4
A5
NC
DQ2
DQ3
NC
VSS
A9
A8
OE
VSS
A7
NC
NC
VCC
A17
A2
A1
NC
VCCQ
DQ4
NC
DQ5
DQ6
NC
DQ7
NC
A15
A14
A13
A
12
HSB
3
2
6
5
4
1
D
E
B
A
C
F
G
H
A16
A18
NC
DQ1
Top View
(× 8)
[4]
WE
VCCQ
A11
A10
VCAP
A6
A0
A3
CE
DQ10
DQ8
DQ9
A4
A5
DQ13
DQ12
DQ14
DQ15
VSS
A9
A8
OE
VSS
A7
DQ0
BHE
VCC
A17
A2
A1
BLE
VCCQ
DQ2
DQ1
DQ3
DQ4
DQ5 DQ6
DQ7
A15
A14
A13
A
12
HSB
3
2
6
5
4
1
D
E
B
A
C
F
G
H
A16
NC
NC
DQ11
(not to scale)
Top View
(× 16)
[4]
(not to scale)
Pin Definitions
Pin Name
I/O Type
Description
A0–A18
Input
Address Inputs Used to Select One of the 524,288 bytes of the nvSRAM for × 8 Configuration.
A0–A17
Address Inputs Used to Select One of the 262,144 words of the nvSRAM for × 16 Configuration.
DQ0–DQ7 Input/output
Bidirectional Data I/O Lines for × 8 Configuration. Used as input or output lines depending on operation.
DQ0–DQ15
Bidirectional Data I/O Lines for × 16 Configuration. Used as input or output lines depending on operation.
WE
Input
Write Enable Input, Active LOW. When selected LOW, data on the I/O pins is written to the specific
address location.
CE
Input
Chip Enable Input, Active LOW. When LOW, selects the chip. When HIGH, deselects the chip.
OE
Input
Output Enable, Active LOW. The active LOW OE input enables the data output buffers during read cycles.
I/O pins are tri-stated on deasserting OE HIGH.
BHE
Input
Byte High Enable, Active LOW. Controls DQ15–DQ8.
BLE
Input
Byte Low Enable, Active LOW. Controls DQ7–DQ0.
VSS
Ground
Ground for the Device. Must be connected to the ground of the system.
VCC
Power supply Power Supply Inputs to the Core of the Device.
VCCQ
Power supply Power Supply Inputs for the Inputs and Outputs of the Device.
HSB
Input/output
Hardware Store Busy (HSB). When LOW this output indicates that a Hardware STORE is in progress.
When pulled LOW external to the chip it initiates a non-volatile STORE operation. After each Hardware
and Software STORE operation HSB is driven HIGH for a short time (tHHHD) with standard output high
current and then a weak internal pull-up resistor keeps this pin HIGH (External pull-up resistor connection
optional).
VCAP
Power supply AutoStore Capacitor. Supplies power to the nvSRAM during power loss to store data from SRAM to
non-volatile elements.
NC
No Connect
No Connect. This pin is not connected to the die.
Note
4. Address expansion for 8-Mbit. NC pin not connected to die.
[+] Feedback


Similar Part No. - CY14V104LA-BA25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14V101LA CYPRESS-CY14V101LA Datasheet
921Kb / 22P
   1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
CY14V101LA-BA25XI CYPRESS-CY14V101LA-BA25XI Datasheet
921Kb / 22P
   1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
CY14V101LA-BA25XIT CYPRESS-CY14V101LA-BA25XIT Datasheet
921Kb / 22P
   1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
CY14V101LA-BA45XI CYPRESS-CY14V101LA-BA45XI Datasheet
921Kb / 22P
   1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
CY14V101LA-BA45XIT CYPRESS-CY14V101LA-BA45XIT Datasheet
921Kb / 22P
   1-Mbit (128 K x 8/64 K x 16) nvSRAM Infinite read, write, and recall cycles
More results

Similar Description - CY14V104LA-BA25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104LA_1106 CYPRESS-CY14B104LA_1106 Datasheet
961Kb / 25P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM 20 ns, 25 ns, and 45 ns access times
CY14B104K_1106 CYPRESS-CY14B104K_1106 Datasheet
1Mb / 35P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM with Real Time Clock 25 ns and 45 ns access times
CY14B104NA-ZS25XI CYPRESS-CY14B104NA-ZS25XI Datasheet
988Kb / 26P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM
STK12C68 CYPRESS-STK12C68_11 Datasheet
1Mb / 24P
   64 Kbit (8K x 8) AutoStore nvSRAM 25 ns, 35 ns, and 45 ns access times
CY14B104LA CYPRESS-CY14B104LA_12 Datasheet
977Kb / 26P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA_11 Datasheet
991Kb / 24P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM
CY14B108K CYPRESS-CY14B108K_11 Datasheet
1,014Kb / 31P
   8 Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B108K_1106 CYPRESS-CY14B108K_1106 Datasheet
1Mb / 33P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM with Real Time Clock
CY14B108L_1106 CYPRESS-CY14B108L_1106 Datasheet
952Kb / 25P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
CG7501AA CYPRESS-CG7501AA Datasheet
498Kb / 20P
   4-Mbit (512 K 횞 8) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com