Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY23EP09SXC-1 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY23EP09SXC-1
Description  2.5 V or 3.3 V, 10-220 MHz, Low Jitter, 9-Output Zero Delay Buffer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23EP09SXC-1 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY23EP09SXC-1 Datasheet HTML 4Page - Cypress Semiconductor CY23EP09SXC-1 Datasheet HTML 5Page - Cypress Semiconductor CY23EP09SXC-1 Datasheet HTML 6Page - Cypress Semiconductor CY23EP09SXC-1 Datasheet HTML 7Page - Cypress Semiconductor CY23EP09SXC-1 Datasheet HTML 8Page - Cypress Semiconductor CY23EP09SXC-1 Datasheet HTML 9Page - Cypress Semiconductor CY23EP09SXC-1 Datasheet HTML 10Page - Cypress Semiconductor CY23EP09SXC-1 Datasheet HTML 11Page - Cypress Semiconductor CY23EP09SXC-1 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
CY23EP09
Document #: 38-07760 Rev. *C
Page 8 of 17
Switching Waveforms
Test Circuits
Duty Cycle Timing
t1
t2
VDD/2
VDD/2
VDD/2
All Outputs Rise/Fall Time
OUTPUT
t3
3.3V(2.5V)
0V
0.8V(0.6V)
2.0V(1.8V)
2.0V(1.8V)
0.8V(0.6V)
t4
Output-Output Skew
t5
OUTPUT
OUTPUT
VDD/2
VDD/2
Input-Output Propagation Delay
VDD/2
t6
INPUT
CLKOUT
VDD/2
VDD/2
VDD/2
t7
Any output, Part 1 or 2
Any output, Part 1 or 2
Part-Part Skew
0.1
 F
V DD
0.1
 F
V DD
CLK
C LOAD
OUTPUTS
GND
GND
Test Circuit # 1
[+] Feedback


Similar Part No. - CY23EP09SXC-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23EP09SXC-1 CYPRESS-CY23EP09SXC-1 Datasheet
355Kb / 13P
   2.5V or 3.3V, 10-220 MHz, Low Jitter, 9-Output Zero Delay Buffer
CY23EP09SXC-1H CYPRESS-CY23EP09SXC-1H Datasheet
355Kb / 13P
   2.5V or 3.3V, 10-220 MHz, Low Jitter, 9-Output Zero Delay Buffer
CY23EP09SXC-1HT CYPRESS-CY23EP09SXC-1HT Datasheet
355Kb / 13P
   2.5V or 3.3V, 10-220 MHz, Low Jitter, 9-Output Zero Delay Buffer
CY23EP09SXC-1T CYPRESS-CY23EP09SXC-1T Datasheet
355Kb / 13P
   2.5V or 3.3V, 10-220 MHz, Low Jitter, 9-Output Zero Delay Buffer
More results

Similar Description - CY23EP09SXC-1

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY23EP05 CYPRESS-CY23EP05_11 Datasheet
626Kb / 15P
   2.5 V or 3.3 V,10-220-MHz, Low Jitter, 5 Output Zero Delay Buffer
CY23EP09 CYPRESS-CY23EP09 Datasheet
355Kb / 13P
   2.5V or 3.3V, 10-220 MHz, Low Jitter, 9-Output Zero Delay Buffer
CY29352 CYPRESS-CY29352_11 Datasheet
443Kb / 10P
   2.5 V or 3.3 V, 200 MHz, 11 Output Zero Delay Buffer
CY29352 CYPRESS-CY29352_12 Datasheet
443Kb / 10P
   2.5 V or 3.3 V, 200 MHz, 11 Output Zero Delay Buffer
CY23EP05 CYPRESS-CY23EP05 Datasheet
392Kb / 12P
   2.5V or 3.3V,10- 220 MHz, Low Jitter, 5 Output Zero Delay Buffer
CY23FS08 CYPRESS-CY23FS08_12 Datasheet
456Kb / 15P
   Failsafe??2.5 V/3.3 V Zero Delay Buffer
CY23FS04-3 CYPRESS-CY23FS04-3 Datasheet
458Kb / 13P
   Failsafe??2.5 V/3.3 V Zero Delay Buffer
CY23FS08 CYPRESS-CY23FS08_11 Datasheet
456Kb / 15P
   Failsafe??2.5 V/3.3 V Zero Delay Buffer
CY29972 CYPRESS-CY29972_12 Datasheet
425Kb / 13P
   3.3 V, 125-MHz Multi-Output Zero Delay Buffer
CY29973 CYPRESS-CY29973_11 Datasheet
438Kb / 10P
   3.3 V 125 MHz Multi-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com