Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY2545 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2545
Description  Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2545 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2545_11 Datasheet HTML 1Page - Cypress Semiconductor CY2545_11 Datasheet HTML 2Page - Cypress Semiconductor CY2545_11 Datasheet HTML 3Page - Cypress Semiconductor CY2545_11 Datasheet HTML 4Page - Cypress Semiconductor CY2545_11 Datasheet HTML 5Page - Cypress Semiconductor CY2545_11 Datasheet HTML 6Page - Cypress Semiconductor CY2545_11 Datasheet HTML 7Page - Cypress Semiconductor CY2545_11 Datasheet HTML 8Page - Cypress Semiconductor CY2545_11 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
CY2545, CY2547
Document #: 001-13196 Rev. *C
Page 5 of 17
General Description
Four Configurable PLLs
The CY2545 and CY2547 have four I2C programmable PLLs
available to generate output frequencies ranging from 3 to 166
MHz. The advantage of having four PLLs is that a single device
generates up to four independent frequencies from a single
crystal. Two sets of frequencies for each PLL can be
programmed. This enables in system frequency switching using
multifunction frequency select pin, FS.
I2C Programming
The CY2545 and CY2547 have a serial I2C interface that
programs the configuration memory array to synthesize output
frequencies by programmable output divider, spread character-
istics, drive strength, and crystal load capacitance. I2C can also
be used for in system control of these programmable features.
Input Reference Clocks
The input to the CY2545 and CY2547 is either a crystal or a clock
signal. The input frequency range for crystals is 8 MHz to 48
MHz. There is provision for two reference clock inputs, CLKIN
and EXCLKIN with frequency range of 8 MHz to 166 MHz. For
both devices, when CLKIN signal at pin 21 is used as a reference
input, a valid signal at EXCLKIN (as specified in the AC and DC
Electrical Specification table), must be present for the devices to
operate properly.
Multiple Power Supplies
The CY2545 and CY2547 are designed to operate at internal
core supply voltage of 1.8 V. In the case of the high voltage part
(CY2545), an internal regulator is used to generate 1.8 V from
the 2.5 V/3.0 V/3.3 V VDD supply voltage at pin 22. For the low
voltage part (CY2547), this internal regulator is bypassed and 1.8
V at VDD pin 22 is directly used.
Output Bank Settings
These devices have eight clock outputs grouped in three output
driver banks. The Bank 1, Bank 2, and Bank 3 correspond to
(CLK1, CLK2), (CLK3, CLK4, CLK5), and (CLK6, CLK7, CLK8),
respectively. Separate power supplies are used for each of these
banks and they can be any of 2.5 V, 3.0 V, or 3.3 V for CY2545
and 1.8 V for CY2547 giving user multiple choice of output clock
voltage levels.
Output Source Selection
These devices have eight clock outputs (CLK1 - 8). There are six
available clock sources for these outputs. These clock sources
are: XIN/EXCLKIN, CLKIN, PLL1, PLL2, PLL3, or PLL4. Output
clock source selection is done using four out of six crossbar
switch. Thus, any one of these six available clock sources can
be arbitrarily selected for the clock outputs. This gives user a
flexibility to have up to four independent clock outputs.
Spread Spectrum Control
Two of the four PLLs (PLL3 and PLL4) have spread spectrum
capability for EMI reduction in the system. The device uses a
Cypress proprietary PLL and Spread Spectrum Clock (SSC)
technology to synthesize and modulate the frequency of the PLL.
The spread spectrum feature can be turned on or off using a
multifunction control pin (CLK7/SSON). It can be programmed to
either center spread range from ±0.125% to ±2.50% or down
spread range from –0.25% to –5.0% with Lexmark or Linear
profile.
Frequency Select
The device can store two different PLL frequency configurations,
output source selection and output divider values for all eight
outputs in its nonvolatile memory location. There is a multi-
function programmable pin, CLK3/FS which, if programmed as
frequency select input, can be used to select between these two
arbitrarily programmed settings.
Glitch-Free Frequency Switch
When the frequency select pin (FS) is used to switch frequency,
the outputs are glitch-free provided frequency is switched using
output dividers. This feature enables uninterrupted system
operation while clock frequency is switched.
Device Reset Function
There is a multifunction CLKIN/RST (pin 21) that can be
programmed to use for the device reset function. There are two
different programmable modes of operation for this device reset
function. First one (called POR like reset), when used brings the
device in the default register settings loosing all configuration
changes made through the I2C interface. The second (called
Clean Start), keeps the I2C programmed values while giving all
outputs a simultaneous clean start from its low pull-down state.
21
CLKIN/RST
Input/Input
Multifunction programmable pin: High true reset input or 1.8 V external low
voltage reference clock input
22
VDD
Power
Power supply for core and inputs: 1.8 V
23
XOUT
Output
Crystal output
24
XIN/EXCLKIN
Input
Crystal input or 1.8 V external clock input
Table 2. Pin Definition – CY2547 24-pin QFN (VDD = 1.8 V Supply) (continued)
Pin Number
Name
I/O
Description
[+] Feedback


Similar Part No. - CY2545_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2545CXXX CYPRESS-CY2545CXXX Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545CXXX CYPRESS-CY2545CXXX Datasheet
334Kb / 15P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545CXXXT CYPRESS-CY2545CXXXT Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545CXXXT CYPRESS-CY2545CXXXT Datasheet
334Kb / 15P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545IXXX CYPRESS-CY2545IXXX Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
More results

Similar Description - CY2545_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2545 CYPRESS-CY2545 Datasheet
339Kb / 17P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2545_0710 CYPRESS-CY2545_0710 Datasheet
334Kb / 15P
   Quad PLL Programmable Spread Spectrum Clock Generator with Serial I2C Interface
CY2544 CYPRESS-CY2544 Datasheet
318Kb / 11P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY25404 CYPRESS-CY25404 Datasheet
216Kb / 13P
   Quad PLL Programmable Clock Generator with Spread Spectrum
CY24488 CYPRESS-CY24488 Datasheet
292Kb / 15P
   Quad PLL Clock Generator with Serial Interface (I2C)
CY25402 CYPRESS-CY25402_07 Datasheet
258Kb / 10P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403_11 Datasheet
253Kb / 14P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25403 CYPRESS-CY25403 Datasheet
261Kb / 8P
   Three PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402_11 Datasheet
215Kb / 14P
   Two PLL Programmable Clock Generator with Spread Spectrum
CY25402 CYPRESS-CY25402 Datasheet
260Kb / 8P
   Two PLL Programmable Clock Generator with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com