Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY3672-USB Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY3672-USB
Description  One-PLL General-Purpose Flash-Programmable and I2C Programmable Clock Generator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3672-USB Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY3672-USB Datasheet HTML 4Page - Cypress Semiconductor CY3672-USB Datasheet HTML 5Page - Cypress Semiconductor CY3672-USB Datasheet HTML 6Page - Cypress Semiconductor CY3672-USB Datasheet HTML 7Page - Cypress Semiconductor CY3672-USB Datasheet HTML 8Page - Cypress Semiconductor CY3672-USB Datasheet HTML 9Page - Cypress Semiconductor CY3672-USB Datasheet HTML 10Page - Cypress Semiconductor CY3672-USB Datasheet HTML 11Page - Cypress Semiconductor CY3672-USB Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CY22150
Document #: 38-07104 Rev. *K
Page 8 of 18
Clock Output Settings: CLKSRC – Clock Output
Crosspoint Switch Matrix [44H(7..0)], [45H(7..0)],
[46H(7..6)]
Every clock output can be defined to come from one of seven
unique frequency sources. The CLKSRC(2..0) crosspoint switch
matrix defines which source is attached to each individual clock
output. CLKSRC(2..0) is set in Registers 44H, 45H, and 46H.
The remainder of register 46H(5:0) must be written with the
values stated in the register table when writing register values
46H(7:6).
When DIV1N is divisible by four, then CLKSRC(0,1,0) is
guaranteed
to
be
rising
edge
phase-aligned
with
CLKSRC(0,0,1). When DIV1N is six, then CLKSRC(0,1,1) is
guaranteed
to
be
rising
edge
phase-aligned
with
CLKSRC(0,0,1).
When DIV2N is divisible by four, then CLKSRC(1,0,1) is
guaranteed
to
be
rising
edge
phase-aligned
with
CLKSRC(1,0,0). When DIV2N is divisible by eight, then
CLKSRC(1,1,0) is guaranteed to be rising edge phase-aligned
with CLKSRC(1,0,0).
CLKOE – Clock Output Enable Control [09H(5..0)]
Each clock output has its own output enable, controlled by
register 09H(5..0). To enable an output, set the corresponding
CLKOE bit to 1. CLKOE settings are in Table 13 on page 8.
The output swing of LCLK1 through LCLK4 is set by VDDL. The
output swing of CLK5 and CLK6 is set by VDD.
Test, Reserved, and Blank Registers
Writing to any of the following registers causes the part to exhibit
abnormal behavior, as follows.
[00H to 08H]
– Reserved
[0AH to 0BH]
– Reserved
[0DH to 11H]
– Reserved
[14H to 3FH]
– Reserved
[43H]
– Reserved
[48H to FFH]
– Reserved.
Table 11. Clock Output Setting
CLKSRC2
CLKSRC1
CLKSRC0
Definition and Notes
0
0
0
Reference input.
0
0
1
DIV1CLK/DIV1N. DIV1N is defined by register [OCH]. Allowable values for DIV1N are 4
to 127. If Divider Bank 1 is not being used, set DIV1N to 8.
0
1
0
DIV1CLK/2. Fixed /2 divider option. If this option is used, DIV1N must be divisible by 4.
0
1
1
DIV1CLK/3. Fixed /3 divider option. If this option is used, set DIV1N to 6.
1
0
0
DIV2CLK/DIV2N. DIV2N is defined by Register [47H]. Allowable values for DIV2N are 4
to 127. If Divider Bank 2 is not being used, set DIV2N to 8.
1
0
1
DIV2CLK/2. Fixed /2 divider option. If this option is used, DIV2N must be divisible by 4.
1
1
0
DIV2CLK/4. Fixed /4 divider option. If this option is used, DIV2N must be divisible by 8.
1
1
1
Reserved – do not use.
Table 12. Clock Output Register Setting
Address
D7
D6
D5
D4
D3
D2
D1
D0
44H
CLKSRC2 for
LCLK1
CLKSRC1 for
LCLK1
CLKSRC0 for
LCLK1
CLKSRC2 for
LCLK2
CLKSRC1 for
LCLK2
CLKSRC0 for
LCLK2
CLKSRC2 for
LCLK3
CLKSRC1 for
LCLK3
45H
CLKSRC0 for
LCLK3
CLKSRC2 for
LCLK4
CLKSRC1 for
LCLK4
CLKSRC0 for
LCLK4
CLKSRC2 for
CLK5
CLKSRC1 for
CLK5
CLKSRC0 for
CLK5
CLKSRC2 for
CLK6
46H
CLKSRC1 for
CLK6
CLKSRC0 for
CLK6
11
11
11
Table 13. CLKOE Bit Setting
Address
D7
D6
D5
D4
D3
D2
D1
D0
09H
0
0
CLK6
CLK5
LCLK4
LCLK3
LCLK2
LCLK1
[+] Feedback


Similar Part No. - CY3672-USB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY3672-USB CYPRESS-CY3672-USB Datasheet
256Kb / 8P
   Very Low Jitter Field and Factory Programmable Clock Generator
CY3672-USB CYPRESS-CY3672-USB Datasheet
583Kb / 15P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY3672-USB CYPRESS-CY3672-USB Datasheet
234Kb / 6P
   PTG Programming Kit
CY3672-USB CYPRESS-CY3672-USB Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY3672-USB CYPRESS-CY3672-USB Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
More results

Similar Description - CY3672-USB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22050 CYPRESS-CY22050_11 Datasheet
315Kb / 11P
   One-PLL General-Purpose Flash-Programmable Clock Generator
CY22050 CYPRESS-CY22050_09 Datasheet
282Kb / 10P
   One-PLL General Purpose Flash Programmable Clock Generator
CY22050 CYPRESS-CY22050 Datasheet
156Kb / 9P
   One-PLL General Purpose Flash Programmable Clock Generator
CY22150 CYPRESS-CY22150 Datasheet
211Kb / 13P
   One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
CY22150 CYPRESS-CY22150_09 Datasheet
389Kb / 16P
   One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_13 Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381_11 Datasheet
344Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com