Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY22801 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY22801
Description  Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22801 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY22801_11 Datasheet HTML 7Page - Cypress Semiconductor CY22801_11 Datasheet HTML 8Page - Cypress Semiconductor CY22801_11 Datasheet HTML 9Page - Cypress Semiconductor CY22801_11 Datasheet HTML 10Page - Cypress Semiconductor CY22801_11 Datasheet HTML 11Page - Cypress Semiconductor CY22801_11 Datasheet HTML 12Page - Cypress Semiconductor CY22801_11 Datasheet HTML 13Page - Cypress Semiconductor CY22801_11 Datasheet HTML 14Page - Cypress Semiconductor CY22801_11 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
CY22801
Document #: 001-15571 Rev. *E
Page 11 of 23
Application Guideline
Best Practices for Best Jitter Performance
Jitter can be specified in different terminologies:
Time Domain:
Cycle-to-cycle jitter
Period jitter
Long-term jitter
Frequency domain:
Deterministic jitter
Random jitter
Phase noise
These jitter terms are usually given in terms of root mean square
(RMS), peak-to-peak, or in the case of phase noise, dBC/Hz with
respect to fundamental frequency. Cycle-to-cycle and period
jitter are generally used terminologies. Jitter depends on many
factors and few of the them can be controlled in application:
Input reference jitter
Number of active clock outputs
Operating temperature
Clock output load
PLL frequencies
Termination and layout
Supply voltage accuracy
Jitter is directly proportional to the input reference jitter, number
of active clock outputs, operating temperature and clock output
load, but inversely proportional to the PLL frequency. Best
practices for termination, layout and supply voltage filtering are
discussed
in
application
note
“Layout
and
Termination
Techniques For Cypress Clock Generators-AN1111”.
Field Programming the CY22801
The CY22801 is programmed using the CY36800 USB
programmer dongle. The CY22801 is flash-technology based, so
the parts are reprogrammed up to 100 times. This enables fast
and easy design changes and product updates, and eliminates
any issues with old and out-of-date inventory.
Samples and small prototype quantities are programmed using
the CY36800 programmer. Cypress’s value-added distribution
partners and third-party programming systems from BP
Microsystems, HiLo Systems, and others, are available for large
production quantities.
CyClocksRT Software
CyClocksRT is an easy-to-use software application that enables
the user to custom-configure the CY22801. Users can specify
the XIN/CLKIN frequency, crystal load capacitance, and output
frequencies. CyClocksRT then creates an industry-standard
JEDEC file that is used to program the CY22801.
When needed, an advanced mode is available that enables
users to override the automatically generated voltage controlled
oscillator (VCO) frequency and output divider values.
CyClocksRT is a component of the CyberClocks™ software that
you can download free of charge from the Cypress website at
http://www.cypress.com.
CY36800 InstaClock™ Kit
The Cypress CY36800 InstaClock kit comes with everything
needed to design the CY22801 and program samples and small
prototype quantities. The CyClocksRT software is used to
quickly create a JEDEC programming file, which is then
downloaded directly to the portable programmer that is included
in the CY36800 InstaClock kit. The JEDEC file can also be saved
for use in a production programming system for larger volumes.
The CY36800 also comes with five samples of the CY22801,
which are programmed with preconfigured JEDEC files using the
InstaClock software.
Possible Configuration Examples
Contact your local Cypress field application engineer for functional feasibility and custom configuration with these advanced features.
Table 16. Possible Configuration
Possible
Configurations
Pin#1
Pin#3
Pin#5
Pin#6
Pin#7
Pin#8
A
CLKIN:33 MHz
OE
CLKB: 33 MHz CLKA:100 MHz with
+/-1% Spread
SSON
NC
BXIN:27 MHz
crystal
VCXO
PD#
CLKA: 74.25
/74.175824 MHz
FS2
XOUT: 27
MHz crystal
C
CLKIN:10 MHz
OE
FS1
CLKA:
25/40/33.3333/50 MHz
FS2
NC
D
CLKIN:10 MHz
SDAT
SCLK
CLKA
CLKB
NC
[+] Feedback


Similar Part No. - CY22801_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22801 CYPRESS-CY22801_12 Datasheet
453Kb / 25P
   Universal Programmable Clock Generator (UPCG)
More results

Similar Description - CY22801_11

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22800 CYPRESS-CY22800_07 Datasheet
547Kb / 10P
   Universal Programmable Clock Generator (UPCG)
logo
AMI SEMICONDUCTOR
FS7140-01 AMI-FS7140-01 Datasheet
981Kb / 15P
   Programmable Phase-Locked Loop Clock Generator
logo
ON Semiconductor
FS7140 ONSEMI-FS7140 Datasheet
300Kb / 17P
   Programmable Phase-Locked Loop Clock Generator
October, 2011 ??Rev. 7
FS714X ONSEMI-FS714X Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
FS7145-01-XTD ONSEMI-FS7145-01-XTD Datasheet
485Kb / 19P
   Programmable Phase-Locked Loop Clock Generator
May 2008 ??Rev. 5
logo
Cypress Semiconductor
CY22801 CYPRESS-CY22801_12 Datasheet
453Kb / 25P
   Universal Programmable Clock Generator (UPCG)
CY22800 CYPRESS-CY22800 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22801 CYPRESS-CY22801 Datasheet
255Kb / 7P
   Universal Programmable Clock Generator (UPCG)
CY2410 CYPRESS-CY2410 Datasheet
432Kb / 13P
   MPEG Clock Generator with VCXO Integrated phase-locked loop (PLL)
logo
Arizona Microtek, Inc
AZ12000 AZM-AZ12000 Datasheet
188Kb / 13P
   Phase-Locked Loop Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com